Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL21070CIH325Z-TK Fiches technique(PDF) 4 Page - Intersil Corporation

No de pièce ISL21070CIH325Z-TK
Description  25關A Micropower Voltage References
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21070CIH325Z-TK Fiches technique(HTML) 4 Page - Intersil Corporation

  ISL21070CIH325Z-TK Datasheet HTML 1Page - Intersil Corporation ISL21070CIH325Z-TK Datasheet HTML 2Page - Intersil Corporation ISL21070CIH325Z-TK Datasheet HTML 3Page - Intersil Corporation ISL21070CIH325Z-TK Datasheet HTML 4Page - Intersil Corporation ISL21070CIH325Z-TK Datasheet HTML 5Page - Intersil Corporation ISL21070CIH325Z-TK Datasheet HTML 6Page - Intersil Corporation ISL21070CIH325Z-TK Datasheet HTML 7Page - Intersil Corporation ISL21070CIH325Z-TK Datasheet HTML 8Page - Intersil Corporation ISL21070CIH325Z-TK Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ISL21070
4
FN7599.0
March 19, 2010
Electrical Specifications (ISL21070-25, VOUT = 2.5V) VIN = 3.0V, TA = -40°C to +85°C, IOUT = 0, unless
otherwise specified. Boldface limits apply over the operating temperature range,
-40°C to +85°C.
SYMBOL
PARAMETER
CONDITIONS
MIN
(Note 10) TYP
MAX
(Note 10
UNIT
VOUT
Output Voltage
2.5
V
VOA
VOUT Accuracy @ TA = +25°C
ISL21070 C-grade
-0.2
+0.2
%
TC VOUT
Output Voltage Temperature
Coefficient (Note 7)
ISL21070 C-grade
30
ppm/°C
VIN
Input Voltage Range
2.7
5.5
V
IIN
Supply Current
VEN = VIN
11
25
µA
ΔVOUT/ΔVIN
Line Regulation
2.7V < VIN < 5.5V
15
250
µV/V
ΔVOUT/ΔIOUT
Load Regulation
Sourcing: 0mA ≤ IOUT ≤ 7mA
6
100
µV/mA
Sourcing: 0mA ≤ IOUT ≤ 10mA
(TA = +70°C)
133
µV/mA
Sinking: -10mA ≤ IOUT ≤ 0mA
10
100
µV/mA
ISC
Short Circuit Current
TA = +25°C, VOUT tied to GND
30
mA
tR
Turn-on Settling Time
VOUT = ±0.1%
150
µs
Ripple Rejection
f = 10kHz
-20
dB
eN
Output Voltage Noise
0.1Hz ≤ f ≤ 10Hz
30
µVP-P
VN
Broadband Voltage Noise
10Hz ≤ f ≤ 10kHz
10
µVRMS
ΔVOUT/ΔTA
Thermal Hysteresis (Note 8)
ΔTA = +125°C
20
ppm
ΔVOUT/Δt
Long Term Stability (Note 9)
TA = +25°C
50
ppm


Numéro de pièce similaire - ISL21070CIH325Z-TK

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL21070CIH325Z-TK INTERSIL-ISL21070CIH325Z-TK Datasheet
416Kb / 11P
   25關A Micropower Voltage References Low Power Standby Voltages
ISL21070CIH325Z-TK INTERSIL-ISL21070CIH325Z-TK Datasheet
512Kb / 11P
   25µA Micropower Voltage References
September 3, 2015
logo
Renesas Technology Corp
ISL21070CIH325Z-TK RENESAS-ISL21070CIH325Z-TK Datasheet
777Kb / 12P
   25關A Micropower Voltage References
More results

Description similaire - ISL21070CIH325Z-TK

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL21070 RENESAS-ISL21070 Datasheet
777Kb / 12P
   25關A Micropower Voltage References
logo
Intersil Corporation
ISL21070 INTERSIL-ISL21070_11 Datasheet
416Kb / 11P
   25關A Micropower Voltage References Low Power Standby Voltages
logo
Texas Instruments
LM285-2-5 TI-LM285-2-5 Datasheet
669Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-2.5 TI1-LM285-2.5_16 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
LM285-1.2 TI1-LM285-1.2_16 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
LM385-1.2-MIL TI1-LM385-1.2-MIL Datasheet
402Kb / 16P
[Old version datasheet]   Micropower Voltage References
LM385LPE3-2-5 TI1-LM385LPE3-2-5 Datasheet
651Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285 TI-LM285 Datasheet
307Kb / 15P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM385B-2.5 TI-LM385B-2.5 Datasheet
263Kb / 14P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-2.5 TI-LM285-2.5 Datasheet
263Kb / 14P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com