Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BUK209-50Y Fiches technique(PDF) 7 Page - NXP Semiconductors

No de pièce BUK209-50Y
Description  TOPFET high side switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

BUK209-50Y Fiches technique(HTML) 7 Page - NXP Semiconductors

  BUK209-50Y Datasheet HTML 1Page - NXP Semiconductors BUK209-50Y Datasheet HTML 2Page - NXP Semiconductors BUK209-50Y Datasheet HTML 3Page - NXP Semiconductors BUK209-50Y Datasheet HTML 4Page - NXP Semiconductors BUK209-50Y Datasheet HTML 5Page - NXP Semiconductors BUK209-50Y Datasheet HTML 6Page - NXP Semiconductors BUK209-50Y Datasheet HTML 7Page - NXP Semiconductors BUK209-50Y Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Philips Semiconductors
Product specification
TOPFET high side switch
BUK209-50Y
MECHANICAL DATA
Fig.4. SOT263B package
1 leadform 263B-01, pin 3 connected to mounting base.
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
SOT263B-01
5-lead (option)
TO-220
D
D1
q
L
15
L3
mounting
base
L4
m
e
Q
b
0
5
10 mm
scale
Plastic single-ended package; heatsink mounted; 1 mounting hole;
5-lead TO-220 lead form option
SOT263B-01
UNIT
A1
D1
eL
∅ p
mm
1.7
L1
L2
q
3.0
2.7
4.5
4.1
1.39
1.27
0.85
0.70
0.7
0.4
15.8
15.2
6.4
5.9
10.3
9.7
9.8
9.7
5.9
5.3
5.2
5.0
2.4
1.6
0.8
0.6
3.8
3.6
p1
4.3
4.1
Q1
Q
2.0
4.5
Q2
8.2
R
0.5
w
0.4
DIMENSIONS (mm are the original dimensions)
A
b
D
c
0.5
L3
(1)
L4
(2)
max.
E
m
A
A1
c
Q1
Q2
Notes
1. Terminal dimensions are uncontrolled in this zone.
2. Positional accuracy of the terminals is controlled in this zone.
L1
L2
R
R
w M
01-01-11
∅ p
p1
E
1 Refer to mounting instructions for TO220 envelopes. Epoxy meets UL94 VO at 1/8". Net mass: 2 g
September 2002
7
Rev 2.000


Numéro de pièce similaire - BUK209-50Y

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BUK200-50X PHILIPS-BUK200-50X Datasheet
129Kb / 13P
   PowerMOS transistor TOPFET high side switch
April 1995 Rev 1.000
BUK200-50Y PHILIPS-BUK200-50Y Datasheet
126Kb / 13P
   PowerMOS transistor TOPFET high side switch
April 1995 Rev 1.000
BUK201-50X PHILIPS-BUK201-50X Datasheet
126Kb / 13P
   PowerMOS transistor TOPFET high side switch
July 1996 Rev 1.000
BUK201-50Y PHILIPS-BUK201-50Y Datasheet
124Kb / 13P
   PowerMOS transistor TOPFET high side switch
July 1996 Rev 1.000
BUK202-50 PHILIPS-BUK202-50 Datasheet
122Kb / 13P
   PowerMOS transistor TOPFET high side switch
April 1995 Rev 1.100
More results

Description similaire - BUK209-50Y

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
PIP3209-R PHILIPS-PIP3209-R Datasheet
45Kb / 8P
   TOPFET high side switch
July 2001 Rev 1.000
PIP3211-R PHILIPS-PIP3211-R Datasheet
192Kb / 13P
   TOPFET high side switch
September 2001-Rev 1.000
PIP3210-R PHILIPS-PIP3210-R Datasheet
190Kb / 13P
   TOPFET high side switch
September 2001-Rev 1.000
PIP3203-A PHILIPS-PIP3203-A Datasheet
48Kb / 8P
   TOPFET high side switch
October 2001-Rev 1.000
BUK224-50Y PHILIPS-BUK224-50Y Datasheet
48Kb / 8P
   TOPFET high side switch
November 2002-Rev 2.000
PIP3202-DC PHILIPS-PIP3202-DC Datasheet
50Kb / 9P
   TOPFET dual high side switch
September 2001 Rev 1.000
BUK218-50DY PHILIPS-BUK218-50DY Datasheet
64Kb / 9P
   TOPFET dual high side switch
May 2001-Rev 1.400
PIP3207-DC PHILIPS-PIP3207-DC Datasheet
50Kb / 9P
   TOPFET dual high side switch
September 2001 Rev 1.100
BUK218-50DC PHILIPS-BUK218-50DC Datasheet
50Kb / 9P
   TOPFET dual high side switch
October 2001-Rev 2.010
BUK203-50Y PHILIPS-BUK203-50Y Datasheet
120Kb / 13P
   PowerMOS transistor TOPFET high side switch
April 1995 Rev 1.100
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com