Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BTA312Y Fiches technique(PDF) 2 Page - NXP Semiconductors

No de pièce BTA312Y
Description  12 A Three-quadrant triacs high commutation insulated
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

BTA312Y Fiches technique(HTML) 2 Page - NXP Semiconductors

  BTA312Y Datasheet HTML 1Page - NXP Semiconductors BTA312Y Datasheet HTML 2Page - NXP Semiconductors BTA312Y Datasheet HTML 3Page - NXP Semiconductors BTA312Y Datasheet HTML 4Page - NXP Semiconductors BTA312Y Datasheet HTML 5Page - NXP Semiconductors BTA312Y Datasheet HTML 6Page - NXP Semiconductors BTA312Y Datasheet HTML 7Page - NXP Semiconductors BTA312Y Datasheet HTML 8Page - NXP Semiconductors BTA312Y Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
BTA312Y_SER_C_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 27 September 2007
2 of 12
NXP Semiconductors
BTA312Y series C
12 A Three-quadrant triacs high commutation insulated
3.
Ordering information
4.
Limiting values
[1]
Although not recommended, off-state voltages up to 800 V may be applied without damage, but the triac may switch to the on-state. The
rate of rise of current should not exceed 15 A/
µs.
Table 2.
Ordering information
Type number
Package
Name
Description
Version
BTA312Y-600C
TO-220
plastic single-ended package; isolated heatsink mounted; 1 mounting hole;
3-lead TO-220
SOT78D
BTA312Y-800C
Table 3.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDRM
repetitive peak off-state voltage
BTA312Y-600C;
[1] -
600
V
BTA312Y-800C;
-
800
V
IT(RMS)
RMS on-state current
full sine wave; Tmb ≤ 85 °C; see
Figure 4 and 5
-12
A
ITSM
non-repetitive peak on-state current
full sine wave; Tj =25 °C prior to
surge; see Figure 2 and 3
t = 20 ms
-
100
A
t = 16.7 ms
-
110
A
I2tI2t for fusing
t = 10 ms
-
50
A2s
dIT/dt
rate of rise of on-state current
ITM = 20 A; IG = 0.2 A;
dIG/dt = 0.2 A/µs
-
100
A/
µs
IGM
peak gate current
-
2
A
PGM
peak gate power
-
5
W
PG(AV)
average gate power
over any 20 ms period
-
0.5
W
Tstg
storage temperature
−40
+150
°C
Tj
junction temperature
-
125
°C


Numéro de pièce similaire - BTA312Y

FabricantNo de pièceFiches techniqueDescription
logo
WeEn Semiconductors
BTA312Y-600C WEEN-BTA312Y-600C Datasheet
225Kb / 13P
   3Q Hi-Com Triac
BTA312Y-800C WEEN-BTA312Y-800C Datasheet
225Kb / 13P
   3Q Hi-Com Triac
More results

Description similaire - BTA312Y

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BTA312 NXP-BTA312_1 Datasheet
89Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-16 April 2007
BTA312X-600D NXP-BTA312X-600D Datasheet
94Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-16 April 2007
BTA412Y NXP-BTA412Y Datasheet
86Kb / 12P
   12 A Three-quadrant triacs, insulated, high commutation, high temperature
Rev. 01-3 October 2007
BTA312-800B PHILIPS-BTA312-800B Datasheet
89Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-13 March 2007
BTA312X NXP-BTA312X Datasheet
86Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01 - 11 April 2007
BTA312B-600E NXP-BTA312B-600E Datasheet
88Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-26 April 2007
BTA412Y-600B NXP-BTA412Y-600B Datasheet
93Kb / 12P
   12 A three-quadrant triacs, insulated, high commutation, high temperature
Rev. 02-11 March 2008
BTA312B NXP-BTA312B Datasheet
81Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01 - 12 April 2007
BTA312X-800C NXP-BTA312X-800C Datasheet
95Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 02-17 December 2007
BTA312 NXP-BTA312 Datasheet
81Kb / 12P
   12 A Three-quadrant triacs high commutation high temperature
Rev. 01- 6 April 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com