Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AHC259PW Fiches technique(PDF) 11 Page - NXP Semiconductors

No de pièce 74AHC259PW
Description  8-bit addressable latch
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHC259PW Fiches technique(HTML) 11 Page - NXP Semiconductors

Back Button 74AHC259PW Datasheet HTML 7Page - NXP Semiconductors 74AHC259PW Datasheet HTML 8Page - NXP Semiconductors 74AHC259PW Datasheet HTML 9Page - NXP Semiconductors 74AHC259PW Datasheet HTML 10Page - NXP Semiconductors 74AHC259PW Datasheet HTML 11Page - NXP Semiconductors 74AHC259PW Datasheet HTML 12Page - NXP Semiconductors 74AHC259PW Datasheet HTML 13Page - NXP Semiconductors 74AHC259PW Datasheet HTML 14Page - NXP Semiconductors 74AHC259PW Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
74AHC_AHCT259_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 15 May 2008
11 of 17
NXP Semiconductors
74AHC259; 74AHCT259
8-bit addressable latch
Measurement points are given in Table 9.
The shaded areas indicate when the input is permitted to change for predictable output performance.
VOL and VOH are typical voltage output levels that occur with the output load.
Fig 9.
Data input to latch enable input set-up and hold times
001aah125
GND
GND
th
tsu
th
tsu
VM
VM
VM
VCC
VOH
VOL
VCC
Qn output
Q = D
Q = D
LE input
D input
Measurement points are given in Table 9.
The shaded areas indicate when the input is permitted to change for predictable output performance.
VOL and VOH are typical voltage output levels that occur with the output load.
Fig 10. Address input to latch enable input set-up and hold times
001aah126
VM
ADDRESS STABLE
VM
th
tsu
VCC
GND
VCC
GND
LE input
An input
Table 9.
Measurement points
Type
Input
Output
VM
VM
74AHC259
0.5
× VCC
0.5
× VCC
74AHCT259
1.5 V
0.5
× VCC


Numéro de pièce similaire - 74AHC259PW

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AHC259PW PHILIPS-74AHC259PW Datasheet
95Kb / 20P
   8-bit addressable latch
2000 Mar 14
More results

Description similaire - 74AHC259PW

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
HD74AC259 HITACHI-HD74AC259 Datasheet
69Kb / 11P
   8-bit Addressable Latch
logo
Fairchild Semiconductor
DM9334 FAIRCHILD-DM9334 Datasheet
65Kb / 5P
   8-Bit Addressable Latch
logo
STMicroelectronics
HCC4724B STMICROELECTRONICS-HCC4724B Datasheet
302Kb / 14P
   8 BIT ADDRESSABLE LATCH
logo
ON Semiconductor
MC74AC259 ONSEMI-MC74AC259_15 Datasheet
96Kb / 9P
   8-Bit Addressable Latch
March, 2015 ??Rev. 7
logo
Texas Instruments
NTE4099B TI-NTE4099B Datasheet
976Kb / 16P
[Old version datasheet]   8-Bit Addressable Latch
logo
Toshiba Semiconductor
TC40H259P TOSHIBA-TC40H259P Datasheet
230Kb / 5P
   8-BIT ADDRESSABLE LATCH
logo
NXP Semiconductors
74HC259 NXP-74HC259 Datasheet
134Kb / 21P
   8-bit addressable latch
Rev. 04-25 February 2009
logo
Renesas Technology Corp
HD74AC259 RENESAS-HD74AC259 Datasheet
217Kb / 8P
   8-bit Addressable Latch
logo
Toshiba Semiconductor
TC74HC259AP TOSHIBA-TC74HC259AP_07 Datasheet
361Kb / 10P
   8-Bit Addressable Latch
logo
NXP Semiconductors
74HC_HCT259 PHILIPS-74HC_HCT259_15 Datasheet
162Kb / 22P
   8-bit addressable latch
Rev. 5-7 August 2012
logo
National Semiconductor ...
93L34 NSC-93L34 Datasheet
93Kb / 8P
   8-Bit Addressable Latch
June 1989
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com