Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AHC595 Fiches technique(PDF) 5 Page - NXP Semiconductors

No de pièce 74AHC595
Description  NPN general-purpose double transistors output latches; 3-state
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHC595 Fiches technique(HTML) 5 Page - NXP Semiconductors

  74AHC595_09 Datasheet HTML 1Page - NXP Semiconductors 74AHC595_09 Datasheet HTML 2Page - NXP Semiconductors 74AHC595_09 Datasheet HTML 3Page - NXP Semiconductors 74AHC595_09 Datasheet HTML 4Page - NXP Semiconductors 74AHC595_09 Datasheet HTML 5Page - NXP Semiconductors 74AHC595_09 Datasheet HTML 6Page - NXP Semiconductors 74AHC595_09 Datasheet HTML 7Page - NXP Semiconductors 74AHC595_09 Datasheet HTML 8Page - NXP Semiconductors 74AHC595_09 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
74AHC_AHCT595_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 11 August 2009
5 of 21
NXP Semiconductors
74AHC595; 74AHCT595
8-bit serial-in/serial-out or parallel-out shift register with output latches
7.
Functional description
[1]
H = HIGH voltage state;
L = LOW voltage state;
↑ = LOW-to-HIGH transition;
X = don’t care;
NC = no change;
Z = high-impedance OFF-state.
Table 3.
Function table[1]
Control
Input
Output
Function
SHCP STCP OE
MR
DS
Q7S
Qn
X
X
L
L
X
L
NC
a LOW-level on MR only affects the shift registers
X
L
L
X
L
L
empty shift register loaded into storage register
X
X
H
L
X
L
Z
shift register clear; parallel outputs in high-impedance OFF-state
X
L
H
H
Q6S
NC
logic HIGH-level shifted into shift register stage 0. Contents of all
shift register stages shifted through, e.g. previous state of stage 6
(internal Q6S) appears on the serial output (Q7S).
X
L
H
X
NC
QnS
contents of shift register stages (internal QnS) are transferred to
the storage register and parallel output stages
↑↑
L
H
X
Q6S
QnS
contents of shift register shifted through; previous contents of the
shift register is transferred to the storage register and the parallel
output stages
Fig 7.
Timing diagram
SH
CP
D
S
ST
CP
MR
OE
Q
0
Q
1
Q
6
Q
7
Q
7S
Z-state
Z-state
Z-state
Z-state
mna556


Numéro de pièce similaire - 74AHC595_09

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74AHC595-Q100 NEXPERIA-74AHC595-Q100 Datasheet
794Kb / 22P
   8-bit serial-in/serial-out or parallel-out shift register with output latches
74AHC595BQ NEXPERIA-74AHC595BQ Datasheet
294Kb / 19P
   8-bit serial-in/serial-out or parallel-out shift register with output latches
Rev. 6 - 26 May 2020
74AHC595BQ-Q100 NEXPERIA-74AHC595BQ-Q100 Datasheet
794Kb / 22P
   8-bit serial-in/serial-out or parallel-out shift register with output latches
logo
NXP Semiconductors
74AHC595D PHILIPS-74AHC595D Datasheet
103Kb / 20P
   8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
2000 Mar 15
logo
Nexperia B.V. All right...
74AHC595D NEXPERIA-74AHC595D Datasheet
294Kb / 19P
   8-bit serial-in/serial-out or parallel-out shift register with output latches
Rev. 6 - 26 May 2020
More results

Description similaire - 74AHC595_09

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BCV63 PHILIPS-BCV63_15 Datasheet
127Kb / 12P
   NPN general-purpose double transistors
Rev. 4-4 August 2010
logo
Nexperia B.V. All right...
BCV61 NEXPERIA-BCV61 Datasheet
2Mb / 13P
   NPN general-purpose double transistors
Rev. 04 - 18 December 2009
logo
NXP Semiconductors
BCV63 PHILIPS-BCV63 Datasheet
46Kb / 8P
   NPN general purpose double transistors
1999 May 21
logo
Nexperia B.V. All right...
BCV63 NEXPERIA-BCV63 Datasheet
949Kb / 12P
   NPN general-purpose double transistors
Rev. 4 - 4 August 2010
logo
NXP Semiconductors
BCV63 NXP-BCV63_10 Datasheet
127Kb / 12P
   NPN general-purpose double transistors
Rev. 4-4 August 2010
PUMX2 PHILIPS-PUMX2 Datasheet
55Kb / 8P
   NPN/NPN general-purpose double transistors
Rev. 01-10 November 2005
PUMX2 NXP-PUMX2 Datasheet
103Kb / 8P
   NPN/NPN general-purpose double transistors
Rev. 02-17 November 2009
logo
Nexperia B.V. All right...
BC817DS NEXPERIA-BC817DS Datasheet
209Kb / 7P
   NPN/NPN general purpose double transistors
25 June 2019
PUMX2 NEXPERIA-PUMX2 Datasheet
218Kb / 9P
   NPN/NPN general-purpose double transistors
Rev. 02 - 17 November 2009
logo
NXP Semiconductors
BCV61 PHILIPS-BCV61_15 Datasheet
147Kb / 13P
   NPN general-purpose double transistors
Rev. 04-18 December 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com