Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BUK7507-30B Fiches technique(PDF) 7 Page - NXP Semiconductors

No de pièce BUK7507-30B
Description  TrenchMOS standard level FET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

BUK7507-30B Fiches technique(HTML) 7 Page - NXP Semiconductors

Back Button BUK7507-30B Datasheet HTML 3Page - NXP Semiconductors BUK7507-30B Datasheet HTML 4Page - NXP Semiconductors BUK7507-30B Datasheet HTML 5Page - NXP Semiconductors BUK7507-30B Datasheet HTML 6Page - NXP Semiconductors BUK7507-30B Datasheet HTML 7Page - NXP Semiconductors BUK7507-30B Datasheet HTML 8Page - NXP Semiconductors BUK7507-30B Datasheet HTML 9Page - NXP Semiconductors BUK7507-30B Datasheet HTML 10Page - NXP Semiconductors BUK7507-30B Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Philips Semiconductors
BUK75/7607-30B
TrenchMOS™ standard level FET
Product data
Rev. 01 — 07 April 2003
7 of 15
9397 750 11232
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
Tj =25 °C; tp = 300 µsTj =25 °C; ID =25A
Fig 5.
Output characteristics: drain current as a
function of drain-source voltage; typical values.
Fig 6.
Drain-source on-state resistance as a function
of gate-source voltage; typical values.
Tj =25 °C
Fig 7.
Drain-source on-state resistance as a function
of drain current; typical values.
Fig 8.
Normalized drain-source on-state resistance
factor as a function of junction temperature.
03nm89
0
100
200
300
02
46
8
10
VDS (V)
ID
(A)
10
20
9.5
9
8.5
8
7.5
7
6.5
6
5.5
5
4.5
Label VGS (V)
03nk83
4
6
8
10
12
5
101520
VGS (V)
RDSon
(m
Ω)
03nm90
0
5
10
15
20
0
100
200
300
ID (A)
RDSon
(m
Ω)
Label is VGS (V)
6 6.5
7
7.5
8
9
10
03aa27
0
0.5
1
1.5
2
-60
0
60
120
180
Tj (°C)
a
a
R
DSon
R
DSon 25 C
°
()
-----------------------------
=


Numéro de pièce similaire - BUK7507-30B

FabricantNo de pièceFiches techniqueDescription
logo
Inchange Semiconductor ...
BUK7507-30B ISC-BUK7507-30B Datasheet
305Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
BUK7507-30B NEXPERIA-BUK7507-30B Datasheet
325Kb / 15P
   N-channel TrenchMOS standard level FET
Rev. 02 - 22 February 2011
logo
NXP Semiconductors
BUK7507-30B PHILIPS-BUK7507-30B_15 Datasheet
211Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 02-22 February 2011
More results

Description similaire - BUK7507-30B

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BUK7575-100A PHILIPS-BUK7575-100A Datasheet
139Kb / 15P
   TrenchMOS standard level FET
Rev. 01-24 October 2000
BUK7207-30B PHILIPS-BUK7207-30B Datasheet
97Kb / 12P
   TrenchMOS standard level FET
Rev. 02-22 January 2004
BUK7535-100A PHILIPS-BUK7535-100A Datasheet
337Kb / 15P
   TrenchMOS standard level FET
Rev. 01-02 February 2001
PHD14NQ20T PHILIPS-PHD14NQ20T Datasheet
269Kb / 14P
   TrenchMOS standard level FET
Rev. 03-11 March 2002
PHM15NQ20T PHILIPS-PHM15NQ20T Datasheet
283Kb / 13P
   TrenchMOS standard level FET
Rev. 03-11 September 2003
PHM30NQ10T PHILIPS-PHM30NQ10T Datasheet
275Kb / 13P
   TrenchMOS standard level FET
Rev. 02-11 September 2003
BUK764R0-55B PHILIPS-BUK764R0-55B Datasheet
143Kb / 15P
   TrenchMOS standard level FET
Rev. 02-30 September 2002
PHK4NQ20T PHILIPS-PHK4NQ20T Datasheet
233Kb / 12P
   TrenchMOS standard level FET
Rev. 01-20 January 2003
BUK7208-40B PHILIPS-BUK7208-40B Datasheet
97Kb / 12P
   TrenchMOS standard level FET
Rev. 02-22 January 2004
BUK7277-55A PHILIPS-BUK7277-55A Datasheet
307Kb / 13P
   TrenchMOS standard level FET
Rev. 01-1 February 2001
BUK7526-100B PHILIPS-BUK7526-100B Datasheet
294Kb / 15P
   TrenchMOS standard level FET
Rev. 01-11 April 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com