Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADC11C125CISQ Fiches technique(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce ADC11C125CISQ
Description  11-Bit, 125 MSPS, 1.1 GHz Bandwidth A/D Converter with CMOS Outputs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC11C125CISQ Fiches technique(HTML) 2 Page - National Semiconductor (TI)

  ADC11C125CISQ Datasheet HTML 1Page - National Semiconductor (TI) ADC11C125CISQ Datasheet HTML 2Page - National Semiconductor (TI) ADC11C125CISQ Datasheet HTML 3Page - National Semiconductor (TI) ADC11C125CISQ Datasheet HTML 4Page - National Semiconductor (TI) ADC11C125CISQ Datasheet HTML 5Page - National Semiconductor (TI) ADC11C125CISQ Datasheet HTML 6Page - National Semiconductor (TI) ADC11C125CISQ Datasheet HTML 7Page - National Semiconductor (TI) ADC11C125CISQ Datasheet HTML 8Page - National Semiconductor (TI) ADC11C125CISQ Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Connection Diagram
20214001
Ordering Information
Industrial (−40°C
T
A +85°C)
Package
ADC11C125CISQ
48 Pin LLP
ADC11C125LFEB
Evaluation Board (f
IN<150MHz)
ADC11C125HFEB
Evaluation Board (f
IN>150MHz)
www.national.com
2


Numéro de pièce similaire - ADC11C125CISQ

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
ADC11C125CISQ TI1-ADC11C125CISQ Datasheet
1Mb / 29P
[Old version datasheet]   125 MSPS, 1.1 GHz Bandwidth A/D Converter with CMOS Outputs
ADC11C125CISQ/NOPB TI1-ADC11C125CISQ/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   125 MSPS, 1.1 GHz Bandwidth A/D Converter with CMOS Outputs
More results

Description similaire - ADC11C125CISQ

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
ADC11C125 TI1-ADC11C125 Datasheet
1Mb / 29P
[Old version datasheet]   125 MSPS, 1.1 GHz Bandwidth A/D Converter with CMOS Outputs
logo
National Semiconductor ...
ADC11C170 NSC-ADC11C170 Datasheet
420Kb / 22P
   11-Bit, 170 MSPS, 1.1 GHz Bandwidth A/D Converter with CMOS outputs
ADC12C170_0708 NSC-ADC12C170_0708 Datasheet
426Kb / 22P
   12-Bit, 170 MSPS, 1.1 GHz Bandwidth A/D Converter with CMOS Outputs
ADC12C170 NSC-ADC12C170 Datasheet
488Kb / 24P
   12-Bit, 170 MSPS, 1.1 GHz Bandwidth A/D Converter with CMOS Outputs
logo
Texas Instruments
ADC12C170 TI1-ADC12C170_14 Datasheet
1Mb / 29P
[Old version datasheet]   12-Bit, 170 MSPS, 1.1 GHz Bandwidth A/D Converter with CMOS Outputs
logo
National Semiconductor ...
ADC14V155 NSC-ADC14V155_08 Datasheet
430Kb / 22P
   14-Bit, 155 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs
ADC12V170 NSC-ADC12V170 Datasheet
562Kb / 22P
   12-Bit, 170 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs
ADC12V170 NSC-ADC12V170_09 Datasheet
622Kb / 24P
   12-Bit, 170 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs
ADC14V155 NSC-ADC14V155_09 Datasheet
487Kb / 24P
   14-Bit, 155 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs
ADC12V170 NSC-ADC12V170_08 Datasheet
564Kb / 22P
   12-Bit, 170 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com