Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM4951A Fiches technique(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
No de pièce LM4951A
Description  Wide Voltage Range 1.8 Watt Audio Amplifier With Short Circuit Protection
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4951A Fiches technique(HTML) 10 Page - National Semiconductor (TI)

Back Button LM4951A Datasheet HTML 6Page - National Semiconductor (TI) LM4951A Datasheet HTML 7Page - National Semiconductor (TI) LM4951A Datasheet HTML 8Page - National Semiconductor (TI) LM4951A Datasheet HTML 9Page - National Semiconductor (TI) LM4951A Datasheet HTML 10Page - National Semiconductor (TI) LM4951A Datasheet HTML 11Page - National Semiconductor (TI) LM4951A Datasheet HTML 12Page - National Semiconductor (TI) LM4951A Datasheet HTML 13Page - National Semiconductor (TI) LM4951A Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Noise Floor
V
DD = 3.3V, AV = 6dB, Ri = Rf = 20kΩ
BW < 80kHz, A-weighted
30057819
Noise Floor
V
DD = 3V, AV = 26dB, Ri = 20kΩ, Rf = 200kΩ
BW < 80kHz, A-weighted
30057820
Noise Floor
V
DD = 5V, AV = 6dB, Ri = Rf = 20kΩ
BW < 80kHz, A-weighted
30057821
Noise Floor
V
DD = 5V, AV = 26dB, Ri = 20kΩ, Rf = 200kΩ
BW < 80kHz, A-weighted
30057822
Noise Floor
V
DD = 7.5V, AV = 6dB, Ri = Rf = 20kΩ
BW < 80kHz, A-weighted
30057823
Noise Floor
V
DD = 7.5V, AV = 26dB, Ri = 20kΩ, Rf = 200kΩ
BW < 80kHz, A-weighted
30057824
www.national.com
10


Numéro de pièce similaire - LM4951A

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM4951A TI1-LM4951A Datasheet
1Mb / 23P
[Old version datasheet]   Wide Voltage Range 1.8 Watt Audio Amplifier With Short Circuit Protection
LM4951ASD/NOPB TI1-LM4951ASD/NOPB Datasheet
1Mb / 23P
[Old version datasheet]   Wide Voltage Range 1.8 Watt Audio Amplifier With Short Circuit Protection
LM4951ASDX/NOPB TI1-LM4951ASDX/NOPB Datasheet
1Mb / 23P
[Old version datasheet]   Wide Voltage Range 1.8 Watt Audio Amplifier With Short Circuit Protection
LM4951A TI1-LM4951A_14 Datasheet
1Mb / 23P
[Old version datasheet]   Wide Voltage Range 1.8 Watt Audio Amplifier With Short Circuit Protection
More results

Description similaire - LM4951A

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM4951A TI1-LM4951A_14 Datasheet
1Mb / 23P
[Old version datasheet]   Wide Voltage Range 1.8 Watt Audio Amplifier With Short Circuit Protection
LM4951 TI1-LM4951 Datasheet
1Mb / 23P
[Old version datasheet]   Wide Voltage Range 1.8 Watt Audio Amplifier
logo
National Semiconductor ...
LM4951 NSC-LM4951 Datasheet
1Mb / 18P
   Wide Voltage Range 1.8 Watt Audio Amplifier
logo
Texas Instruments
LM4951SD TI-LM4951SD Datasheet
1Mb / 22P
[Old version datasheet]   LM4951 Wide Voltage Range 1.8 Watt Audio Amplifier
logo
Unisonic Technologies
PA4894 UTC-PA4894_15 Datasheet
494Kb / 11P
   1.8 WATT DIFFERENTIAL AUDIO POWER AMPLIFIER
PA4894 UTC-PA4894 Datasheet
494Kb / 11P
   1.8 WATT DIFFERENTIAL AUDIO POWER AMPLIFIER WITH SELECTABLE SHUTDOWN
logo
ON Semiconductor
NCP4894 ONSEMI-NCP4894 Datasheet
164Kb / 18P
   1.8 Watt Differential Audio Power Amplifier with Selectable Shutdown
November, 2005 ??Rev. 8
NCP4894 ONSEMI-NCP4894_07 Datasheet
171Kb / 19P
   1.8 Watt Differential Audio Power Amplifier with Selectable Shutdown
January, 2007 ??Rev. 9
logo
NTE Electronics
NTE1516 NTE-NTE1516 Datasheet
81Kb / 3P
   Integrated Circuit Audio Power Amp, 1.8 Watt
logo
Fangtek Ltd.
FT2010 FANGTEK-FT2010 Datasheet
759Kb / 18P
   3W Class-D Audio Power Amplifier with Auto-Recovering Short-Circuit Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com