Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL22102IV20Z Fiches technique(PDF) 4 Page - Intersil Corporation

No de pièce ISL22102IV20Z
Description  32 Tap, Push-button, Dual Audio Logarithmic Potentiometer with Buffer Amplifiers and Audio Detection
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22102IV20Z Fiches technique(HTML) 4 Page - Intersil Corporation

  ISL22102IV20Z Datasheet HTML 1Page - Intersil Corporation ISL22102IV20Z Datasheet HTML 2Page - Intersil Corporation ISL22102IV20Z Datasheet HTML 3Page - Intersil Corporation ISL22102IV20Z Datasheet HTML 4Page - Intersil Corporation ISL22102IV20Z Datasheet HTML 5Page - Intersil Corporation ISL22102IV20Z Datasheet HTML 6Page - Intersil Corporation ISL22102IV20Z Datasheet HTML 7Page - Intersil Corporation ISL22102IV20Z Datasheet HTML 8Page - Intersil Corporation ISL22102IV20Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
FN6788.0
September 29, 2008
Absolute Maximum Ratings
Thermal Information
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65
°C to +150°C
Voltage on UP, DN, MUTE or SB
with Respect to GND . . . . . . . . . . . . . . . . . . . . .-0.3V to VCC + 0.3
Voltage on AVCC (referenced to GND) . . . . . . . . . . . . . -0.3V to +6V
Voltage on VCC (referenced to GND) . . . . . . . . . . . . . . -0.3V to +6V
Any Audio Inputs (referenced to VB) . . . . . . . . . . . . . ±AVCC/2 ± 0.3
Any Outputs (referenced to GND) . . . . . . . . . . .-0.3V to AVCC + 0.3
IOUT max (10s). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±30mA
Latchup . . . . . . . . . . . . . . . . . . . . . . . . . . Class II, Level A at +85°C
ESD Rating
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.5kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .250V
Thermal Resistance (Typical)
θ
JA (°C/W)
θ
JC (°C/W)
20 Lead TSSOP (Note 1) . . . . . . . . . . .
85
N/A
20 Lead QFN (Notes 2, 3) . . . . . . . . . .
40
4
Maximum Junction Temperature (Plastic Package). . . . . . . . +150°C
Pb-free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
Temperature Range (Industrial) . . . . . . . . . . . . . . . . . . -40°C to 85°C
Supply Voltage (VCC). . . . . . . . . . . . . . . . . . . . . . . . . . . 2.7V to 5.5V
Analog Supply Voltage (AVCC). . . . . . . . . . . . . . . . . . . . 2.7V to 5.5V
Power Rating of each DCP . . . . . . . . . . . . . . . . . . . . . . . . . . . 15mW
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
1.
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
2.
θ
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
3. For
θ
JC, the “case temp” location is the center of the exposed metal pad on the package underside.
Analog Specifications
Over the recommended operating conditions unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 8)
TYP
(Note 4)
MAX
(Note 8)
UNIT
DYNAMIC PERFORMANCE (Notes 5, 6)
Volume Control Range
-72
0
dB
Mute Mode
@1VRMS
-90
dB
SNR
(Note 7)
Signal Noise Ratios (Unweighted)
@1VRMS @ 1kHz, AVCC = 5V
-90
dB
THD + N
(Note 7)
Total Harmonic Distortion + Noise
@1VRMS @ 1kHz, AVCC = 5V
Tap position from 0 to 10
0.01
%
XTalk
(Note 7)
DCP Isolation
@1kHz, @ tap 10
-100
dB
PSRR
(Note 7)
Power Supply Rejection
AVCC = 5V
-90
dB
(Note 7)
-3db Cutoff Frequency
Tap position from 0 to 25
100
kHz
(Note 7)
Noise
20Hz to 20kHz, VB Input
3
µVRMS
DCP ACCURACY
RTOTAL
End-to-end Resistance
18.5
k
Ω
End-to-end Resistance Tolerance
-20
+20
%
DCP Input Resistance Matching
-2
+2
%
Wiper Step Size
Tap position from 0 to 26
-2
dB
Tap position from 27 to 31
-4
dB
Wiper Step Size Error
Tap position from 0 to 26
±0.1
±0.5
dB
Tap position from 27 to 29
±1
dB
Tap position from 30 to 31
±2
dB
DCP-to-DCP Matching
Tap position from 0 to 26
±0.5
dB
Tap position from 27 to 29
±1
dB
Tap position from 30 to 31
±2
dB
Power-up Attenuation (Default Wiper
Position at Tap 10)
-20
dB
TCV
(Note 7)
Ratiometric Temperature Coefficient
Tap position 15
±10
ppm/°C
ISL22102


Numéro de pièce similaire - ISL22102IV20Z

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL22102IV20Z INTERSIL-ISL22102IV20Z Datasheet
270Kb / 12P
   32 Tap, Push-button, Dual Audio Logarithmic Potentiometer with Buffer Amplifiers and Audio Detection
September 21, 2015
logo
Renesas Technology Corp
ISL22102IV20Z RENESAS-ISL22102IV20Z Datasheet
550Kb / 12P
   32 Tap, Push-Button, Dual Audio Logarithmic Potentiometer with Buffer Amplifiers and Audio Detection
More results

Description similaire - ISL22102IV20Z

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL22102 RENESAS-ISL22102 Datasheet
550Kb / 12P
   32 Tap, Push-Button, Dual Audio Logarithmic Potentiometer with Buffer Amplifiers and Audio Detection
logo
Intersil Corporation
ISL22102IV20Z INTERSIL-ISL22102IV20Z Datasheet
270Kb / 12P
   32 Tap, Push-button, Dual Audio Logarithmic Potentiometer with Buffer Amplifiers and Audio Detection
September 21, 2015
logo
Maxim Integrated Produc...
MAX5407 MAXIM-MAX5407 Datasheet
153Kb / 7P
   32-Tap Audio Logarithmic Taper Digital Potentiometer
Rev 0; 10/01
logo
Dallas Semiconductor
DS1801 DALLAS-DS1801 Datasheet
229Kb / 10P
   Dual Audio Taper Potentiometer
logo
Maxim Integrated Produc...
DS1801 MAXIM-DS1801 Datasheet
234Kb / 10P
   Dual Audio Taper Potentiometer
030300
logo
NXP Semiconductors
NCX8193 PHILIPS-NCX8193_15 Datasheet
281Kb / 21P
   Audio jack detection and configuration with false detection prevention
Rev. 2-21 November 2014
logo
Copal Electronics
DP7115 COPAL-DP7115 Datasheet
178Kb / 12P
   32-Tap Digital Potentiometer
DP7114 COPAL-DP7114 Datasheet
189Kb / 14P
   32-Tap Digital Potentiometer
DP7112 COPAL-DP7112 Datasheet
145Kb / 10P
   32-Tap Digital Potentiometer
logo
Intersil Corporation
ISL22511 INTERSIL-ISL22511 Datasheet
423Kb / 13P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer Single Push Button Controlled Potentiometer XDCP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com