Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL4221E Fiches technique(PDF) 8 Page - Intersil Corporation

No de pièce ISL4221E
Description  QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 2.7V to 5.5V, 150nA, 250kbps, RS-232
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL4221E Fiches technique(HTML) 8 Page - Intersil Corporation

Back Button ISL4221E Datasheet HTML 4Page - Intersil Corporation ISL4221E Datasheet HTML 5Page - Intersil Corporation ISL4221E Datasheet HTML 6Page - Intersil Corporation ISL4221E Datasheet HTML 7Page - Intersil Corporation ISL4221E Datasheet HTML 8Page - Intersil Corporation ISL4221E Datasheet HTML 9Page - Intersil Corporation ISL4221E Datasheet HTML 10Page - Intersil Corporation ISL4221E Datasheet HTML 11Page - Intersil Corporation ISL4221E Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
FN6045.3
February 13, 2008
Low Power Operation
These 3V devices require a nominal supply current of
0.3mA, even at VCC = 5.5V, during normal operation (not in
power-down mode). This is considerably less than the 5mA
to 11mA current required by comparable 5V RS-232 devices,
allowing users to reduce system power simply by switching to
this new family.
Power-down Functionality (Excluding
ISL3232E)
The already low current requirement drops significantly when
the device enters power-down mode. In power-down, supply
current drops to 150nA because the on-chip charge pump
turns off (V+ collapses to VCC, V- collapses to GND) and the
transmitter outputs three-state. Receiver outputs are
unaffected by power-down; refer to Table 2 for details. This
micro-power mode makes the ISL4221E, ISL4223E ideal for
battery-powered and portable applications.
Software Controlled (Manual) Power-down
The ISL4221E, ISL4223E family provides pins that allow the
user to force the IC into the low power, standby state.
The ISL4221E, ISL4223E utilize a two pin approach where
the FORCEON and FORCEOFF inputs determine the IC’s
mode. For always enabled operation, FORCEON and
FORCEOFF are both strapped high. To switch between active
and power-down modes, under logic or software control, only
the FORCEOFF input need be driven. The FORCEON state
isn’t critical, as FORCEOFF dominates over FORCEON.
Nevertheless, if strictly manual control over power-down is
desired, the user must strap FORCEON high to disable the
automatic power-down circuitry.
Connecting FORCEOFF and FORCEON together disables
the automatic power-down feature, enabling them to function
as a manual SHUTDOWN input (see Figure 4).
The time to recover from automatic power-down mode is
typically 100µs.
TABLE 2. POWER-DOWN AND ENABLE LOGIC TRUTH TABLE (EXCLUDING ISL3232E)
RS-232 SIGNAL
PRESENT AT
RECEIVER INPUT?
FORCEOFF
INPUT
FORCEON
INPUT
EN
INPUT
TRANSMITTER
OUTPUTS
RECEIVER
OUTPUTS
INVALID
OUTPUT
MODE OF OPERATION
NO
H
H
L
Active
Active
L
Normal Operation
(Auto Power-down Disabled)
NO
H
H
H
Active
High-Z
L
YES
H
L
L
Active
Active
H
Normal Operation
(Auto Power-down Enabled)
YES
H
L
H
Active
High-Z
H
NO
H
L
L
High-Z
Active
L
Power-down Due to Auto Power-down
Logic
NO
H
L
H
High-Z
High-Z
L
YES
L
X
L
High-Z
Active
H
Manual Power-down
YES
L
X
H
High-Z
High-Z
H
Manual Power-down w/Rcvr. Disabled
NO
L
X
L
High-Z
Active
L
Manual Power-down
NO
L
X
H
High-Z
High-Z
L
Manual Power-down w/Rcvr. Disabled
FIGURE 4. CONNECTIONS FOR MANUAL POWER-DOWN
WHEN NO VALID RECEIVER SIGNALS ARE
PRESENT
PWR
FORCEOFF
INVALID
CPU
I/O
FORCEON
ISL4221E, ISL4223E
MGT
LOGIC
UART
FIGURE 5. CIRCUIT TO PREVENT AUTO POWER-DOWN
FOR 100ms AFTER FORCED POWER-UP
ISL4221E, ISL4223E
FORCEOFF
FORCEON
POWER
MASTER POWER-DOWN LINE
1M
Ω
0.1µF
MANAGEMENT
UNIT
ISL3232E, ISL4221E, ISL4223E


Numéro de pièce similaire - ISL4221E

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL4221E INTERSIL-ISL4221E Datasheet
401Kb / 13P
   QFN Packaged, /-15kV ESD Protected, 2.7V to 5.5V, 150Nanoamp, 250kBps, RS-232 Transmitters/Receivers
ISL4221E INTERSIL-ISL4221E Datasheet
415Kb / 13P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kBps, RS-232 Transmitters/Receivers
ISL4221E INTERSIL-ISL4221E Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL4221E RENESAS-ISL4221E Datasheet
661Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ISL4221E INTERSIL-ISL4221E Datasheet
279Kb / 14P
   QFN Packaged, ±15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
May 13, 2010
More results

Description similaire - ISL4221E

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL3232E RENESAS-ISL3232E Datasheet
661Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ISL4221E INTERSIL-ISL4221E_07 Datasheet
415Kb / 13P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kBps, RS-232 Transmitters/Receivers
ISL3232EIRZ INTERSIL-ISL3232EIRZ Datasheet
279Kb / 14P
   QFN Packaged, ±15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
May 13, 2010
logo
Renesas Technology Corp
ISL4241E RENESAS-ISL4241E Datasheet
684Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ISL4241E INTERSIL-ISL4241E Datasheet
266Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps, 2.7V to 5.5V, 10Nanoamp, 250kbps,
ISL4221E INTERSIL-ISL4221E Datasheet
401Kb / 13P
   QFN Packaged, /-15kV ESD Protected, 2.7V to 5.5V, 150Nanoamp, 250kBps, RS-232 Transmitters/Receivers
ISL4260E INTERSIL-ISL4260E Datasheet
341Kb / 11P
   QFN Packaged, 짹15kV ESD Protected, 3V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply
logo
Renesas Technology Corp
ISL4260E RENESAS-ISL4260E Datasheet
599Kb / 11P
   QFN Packaged, 짹15kV ESD Protected, 3V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply
logo
Intersil Corporation
ISL4238E INTERSIL-ISL4238E Datasheet
291Kb / 17P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
logo
Renesas Technology Corp
ISL4238E RENESAS-ISL4238E Datasheet
783Kb / 17P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/ 1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com