Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL22512WFRU10Z-TK Fiches technique(PDF) 7 Page - Intersil Corporation

No de pièce ISL22512WFRU10Z-TK
Description  Single Push Button Controlled Potentiometer XDCP
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22512WFRU10Z-TK Fiches technique(HTML) 7 Page - Intersil Corporation

Back Button ISL22512WFRU10Z-TK Datasheet HTML 3Page - Intersil Corporation ISL22512WFRU10Z-TK Datasheet HTML 4Page - Intersil Corporation ISL22512WFRU10Z-TK Datasheet HTML 5Page - Intersil Corporation ISL22512WFRU10Z-TK Datasheet HTML 6Page - Intersil Corporation ISL22512WFRU10Z-TK Datasheet HTML 7Page - Intersil Corporation ISL22512WFRU10Z-TK Datasheet HTML 8Page - Intersil Corporation ISL22512WFRU10Z-TK Datasheet HTML 9Page - Intersil Corporation ISL22512WFRU10Z-TK Datasheet HTML 10Page - Intersil Corporation ISL22512WFRU10Z-TK Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
FN6679.0
March 24, 2008
FIGURE 7. DNL vs TAP POSITION IN RHEOSTAT MODE FOR
10k
Ω (W)
FIGURE 8. INL vs TAP POSITION IN RHEOSTAT MODE FOR
10k
Ω (W)
FIGURE 9. END TO END RTOTAL % CHANGE vs
TEMPERATURE
FIGURE 10. TC FOR VOLTAGE DIVIDER MODE IN ppm
FIGURE 11. TC FOR RHEOSTAT MODE IN ppm
FIGURE 12. FREQUENCY RESPONSE (500kHz)
Typical Performance Curves (Continued)
-0.2
-0.1
0.0
0.1
0.2
06
9
12
15
TAP POSITION (DECIMAL)
VCC = 5.5V
VCC = 2.7V
3
-0.5
-0.3
-0.1
0.1
0.3
0.5
03
69
12
15
TAP POSITION (DECIMAL)
VCC = 5.5V
VCC = 2.7V
-1.2
-0.6
0.0
0.6
1.2
-40
-15
10
35
60
85
110
TEMPERATURE (ºC)
VCC = 5.5V
VCC = 2.7V
0
5
10
15
20
25
30
5
9
11
13
15
TAP POSITION (DECIMAL)
7
VCC = 5.5V
VCC = 2.7V
0
50
100
150
200
250
300
5
9
11
13
15
TAP POSITION (DECIMAL)
7
VCC = 5.5V
VCC = 2.7V
INPUT SINEWAVE
3dB CUT OFF = 500kHz
MIDSCALE
OUTPUT
ISL22512


Numéro de pièce similaire - ISL22512WFRU10Z-TK

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL22512WFRU10Z-TK INTERSIL-ISL22512WFRU10Z-TK Datasheet
372Kb / 12P
   Low Noise, Low Power, 16 Taps, Push Button Controlled Potentiometer
October 12, 2015
logo
Renesas Technology Corp
ISL22512WFRU10Z-TK RENESAS-ISL22512WFRU10Z-TK Datasheet
671Kb / 13P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 16 Taps, Push Button Controlled Potentiometer
More results

Description similaire - ISL22512WFRU10Z-TK

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
X9511 INTERSIL-X9511 Datasheet
213Kb / 9P
   Single Digitally-Controlled (XDCP) Potentiometer (Push Button Controlled)
ISL22511 INTERSIL-ISL22511 Datasheet
423Kb / 13P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer Single Push Button Controlled Potentiometer XDCP
logo
Renesas Technology Corp
ISL22511 RENESAS-ISL22511 Datasheet
767Kb / 13P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
ISL23511 RENESAS-ISL23511 Datasheet
740Kb / 11P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
ISL22512 RENESAS-ISL22512 Datasheet
671Kb / 13P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 16 Taps, Push Button Controlled Potentiometer
ISL23512 RENESAS-ISL23512 Datasheet
608Kb / 10P
   Single Push Button Controlled Potentiometer (XDCP™) Low Noise, Low Power, 16 Taps, Push Button Controlled Potentiometer
January 21, 2008
X9511 RENESAS-X9511 Datasheet
456Kb / 9P
   Single Push Button Controlled Potentiometer (XDCP?? Linear, 32 Taps, Push Button Controlled, Terminal Voltage 짹5V
logo
Intersil Corporation
ISL23511 INTERSIL-ISL23511_08 Datasheet
407Kb / 10P
   Single Push Button Controlled Potentiometer
X9511 INTERSIL-X9511_07 Datasheet
195Kb / 9P
   Single Push Button Controlled Potentiometer (
X93156 INTERSIL-X93156_07 Datasheet
190Kb / 7P
   Single Digitally Controlled Potentiometer (XDCP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com