Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL54502IHZ-T Fiches technique(PDF) 5 Page - Intersil Corporation

No de pièce ISL54502IHZ-T
Description  1.8V to 5.5V, 5OHM, Single SPST Analog Switches
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54502IHZ-T Fiches technique(HTML) 5 Page - Intersil Corporation

  ISL54502IHZ-T Datasheet HTML 1Page - Intersil Corporation ISL54502IHZ-T Datasheet HTML 2Page - Intersil Corporation ISL54502IHZ-T Datasheet HTML 3Page - Intersil Corporation ISL54502IHZ-T Datasheet HTML 4Page - Intersil Corporation ISL54502IHZ-T Datasheet HTML 5Page - Intersil Corporation ISL54502IHZ-T Datasheet HTML 6Page - Intersil Corporation ISL54502IHZ-T Datasheet HTML 7Page - Intersil Corporation ISL54502IHZ-T Datasheet HTML 8Page - Intersil Corporation ISL54502IHZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
FN6550.2
October 26, 2009
NO or NC OFF Capacitance,
COFF
V+ = 4.5V, f = 1MHz, VNO or VNC = VCOM
=0V (see Figure 5)
25
-
6
-
pF
COM ON Capacitance,
CCOM(ON)
V+ = 4.5V, f = 1MHz, VNO or
VNC =VCOM = 0V (see Figure 5)
25
-
12
-
pF
POWER SUPPLY CHARACTERISTICS
Power Supply Range
Full
1.8
-
5.5
V
Positive Supply Current, I+
V+ = 5.5V, VIN = 0V or V+
25
-
0.02
0.1
µA
Full
-
0.5
2.5
µA
DIGITAL INPUT CHARACTERISTICS
Input Voltage Low, VINL
Full
-
-
0.8
V
Input Voltage High, VINH
Full
2.4
-
-
V
Input Current, IINH, IINL
V+ = 5.5V, VIN = 0V or V+
Full
-0.1
0.04
4
0.1
µA
Electrical Specifications - 3V Supply
Test Conditions: V+ = +2.7V to +3.6V, GND = 0V, VINH = 1.4V, VINL = 0.5V
(Note 10), Unless Otherwise Specified. Boldface limits apply over the operat-
ing temperature range, -40°C to +85°C.
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 11, 12)
TYP
MAX
(Notes 11, 12) UNITS
ANALOG SWITCH CHARACTERISTICS
Analog Signal Range,
VANALOG
Full
0
-
V+
V
ON-Resistance, rON
V+ = 2.7V, ICOM = 100mA, VNO or
VNC = 0V to V+,
(Note 14, see Figure 4)
25
-
6.3
7
Ω
Full
-
-
8
Ω
rON Flatness, rFLAT(ON)
V+ = 2.7V, ICOM = 100mA, VNO or
VNC = 0V to V+, (Notes 13, 14)
25
-
1.8
2.3
Ω
Full
-
-
2.5
Ω
DYNAMIC CHARACTERISTICS
Turn-ON Time, tON
V+ = 2.7V, VNO or VNC = 1.5V, RL = 50Ω,
CL = 35pF (see Figure 1, Note 8)
25
-
28
-
ns
Full
-
30
-
ns
Turn-OFF Time, tOFF
V+ = 2.7V, VNO or VNC = 1.5V, RL = 50Ω,
CL = 35pF (see Figure 1, Note 14)
25
-
20
-
ns
Full
-
30
-
ns
Charge Injection, Q
VG = 0V, RG = 0Ω,CL = 1.0nF
(see Figure 2)
25
-
12
-
pC
OFF-Isolation
RL = 50Ω, CL = 5pF, f = 1MHz,
VCOM =1VP-P (see Figure 3)
25
-
75
-
dB
Total Harmonic Distortion
f = 20Hz to 20kHz, VCOM = 2VP-P, RL = 32Ω
25
-
0.4
-
%
Total Harmonic Distortion
f = 20Hz to 20kHz, VCOM = 2VP-P,
RL = 600Ω
25
-
0.053
-
%
-3dB Bandwidth
Signal = 0dBm, RL = 50Ω
25
-
350
-
MHz
NO or NC OFF Capacitance,
COFF
f = 1MHz, VNO or VNC = VCOM = 0V
(see Figure 5)
25
-
6
-
pF
COM OFF Capacitance,
CCOM(OFF)
f = 1MHz, VNO or VNC = VCOM = 0V
(see Figure 5)
25
-
10
-
pF
COM ON Capacitance,
CCOM(ON)
f = 1MHz, VNO or VNC = VCOM = 0V
(see Figure 5)
25
-
12
-
pF
Electrical Specifications - 5V Supply
Test Conditions: V+ = +4.5V to +5.5V, GND = 0V, VINH = 2.0V, VINL = 0.8V
(Note 10), Unless Otherwise Specified. Boldface limits apply over the operat-
ing temperature range, -40°C to +85°C. (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 11, 12)
TYP
MAX
(Notes 11, 12) UNITS
ISL54501, ISL54502


Numéro de pièce similaire - ISL54502IHZ-T

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL54502IHZ-T RENESAS-ISL54502IHZ-T Datasheet
683Kb / 13P
   1.62V to 5.5V, 5廓, Single SPST Analog Switches
More results

Description similaire - ISL54502IHZ-T

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL54504 RENESAS-ISL54504 Datasheet
619Kb / 12P
   1.8V to 5.5V, 2.5W, Single SPST Analog Switches
logo
Intersil Corporation
ISL54504 INTERSIL-ISL54504 Datasheet
334Kb / 12P
   1.8V to 5.5V, 2.5OHM, Single SPST Analog Switches
ISL54500 INTERSIL-ISL54500 Datasheet
379Kb / 13P
   1.8V to 5.5V, 5OHM, Single SPDT Analog Switch
logo
Maxim Integrated Produc...
MAX4604 MAXIM-MAX4604 Datasheet
202Kb / 12P
   5ohm, Quad, SPST, CMOS Analog Switches
Rev 1; 8/99
logo
Renesas Technology Corp
ISL54501 RENESAS-ISL54501 Datasheet
683Kb / 13P
   1.62V to 5.5V, 5廓, Single SPST Analog Switches
logo
Analog Devices
ADG823BRMZ AD-ADG823BRMZ Datasheet
215Kb / 12P
   1 ohm CMOS, 1.8V to 5.5V, Dual SPST Switches
REV. A
logo
Intersil Corporation
ISL54503 INTERSIL-ISL54503 Datasheet
356Kb / 13P
   1.8V to 5.5V, 2.5OHM, Single SPDT Analog Switch
logo
Renesas Technology Corp
ISL54500 RENESAS-ISL54500 Datasheet
676Kb / 13P
   1.8V to 5.5V, 5W, Single SPDT Analog Switch
logo
Maxim Integrated Produc...
MAX4675 MAXIM-MAX4675 Datasheet
195Kb / 8P
   3??Single SPST Analog Switches
Rev 0; 7/00
logo
Renesas Technology Corp
ISL54503 RENESAS-ISL54503 Datasheet
652Kb / 13P
   1.8V to 5.5V, 2.5廓, Single SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com