Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL28197FRUZ-T7 Fiches technique(PDF) 6 Page - Intersil Corporation

No de pièce ISL28197FRUZ-T7
Description  Ultra-Small, 800nA and 2.5關A Single Supply, Rail-to-Rail Input/Output RRIO Comparators
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28197FRUZ-T7 Fiches technique(HTML) 6 Page - Intersil Corporation

Back Button ISL28197FRUZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL28197FRUZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL28197FRUZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL28197FRUZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL28197FRUZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL28197FRUZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL28197FRUZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL28197FRUZ-T7 Datasheet HTML 9Page - Intersil Corporation ISL28197FRUZ-T7 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
FN6152.3
November 5, 2007
FIGURE 17. ISL28196 ENABLE LOW TO OUTPUT TURN-OFF
TIME vs SUPPLY VOLTAGE
FIGURE 18. ISL28197 ENABLE LOW TO OUTPUT TURN-OFF
TIME vs SUPPLY VOLTAGE
FIGURE 19. ISL28196 SUPPLY CURRENT vs TEMPERATURE,
V+, V- = ±2.5V
FIGURE 20. ISL28197 SUPPLY CURRENT vs TEMPERATURE,
V+, V- = ±2.5V
FIGURE 21. ISL28196 IBIAS+ vs TEMPERATURE, V+, V- = ±2.5V
FIGURE 22. ISL28197 IBIAS+ vs TEMPERATURE, V+, V- = ±2.5V
Typical Performance Curves V+ = 5V, V- = 0V, VCM = 2.5V, unless otherwise specified. (Continued)
600
650
700
750
800
850
900
950
1000
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
SUPPLY VOLTAGE (V)
600
700
800
900
1000
1100
1200
1300
1400
1500
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
SUPPLY VOLTAGE (V)
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
MIN
MAX
MEDIAN
N = 1000
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
-40
-20
0
20
40
60
80
100
120
MIN
MAX
MEDIAN
N = 1000
TEMPERATURE (°C)
0
10
20
30
40
50
60
70
80
90
-40
-20
0
20
40
60
80
100
120
MIN
MAX
MEDIAN
N = 1000
TEMPERATURE (°C)
-20
0
20
40
60
80
100
-40
-20
0
20
40
60
80
100
120
MIN
MAX
MEDIAN
N = 1000
TEMPERATURE (°C)
ISL28196, ISL28197


Numéro de pièce similaire - ISL28197FRUZ-T7

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL28197FRUZ-T7 RENESAS-ISL28197FRUZ-T7 Datasheet
700Kb / 14P
   Ultra-Small, 800nA and 2.5關A Single Supply, Rail-to-Rail Input/Output (RRIO) Comparators
More results

Description similaire - ISL28197FRUZ-T7

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL28196 RENESAS-ISL28196 Datasheet
700Kb / 14P
   Ultra-Small, 800nA and 2.5關A Single Supply, Rail-to-Rail Input/Output (RRIO) Comparators
logo
Intersil Corporation
ISL28194 INTERSIL-ISL28194 Datasheet
1Mb / 16P
   Ultra-Small, 330nA and 1關A Single Supply, Rail-to-Rail Input/Output (RRIO) Op Amps
ISL28194 INTERSIL-ISL28194_08 Datasheet
1Mb / 16P
   Ultra-Small, 330nA and 1uA Single Supply, Rail-to-Rail Input/Output (RRIO) Op Amps
logo
Renesas Technology Corp
ISL28194 RENESAS-ISL28194 Datasheet
1Mb / 14P
   Ultra-Small, 330nA and 1μA Single Supply, Rail-to-Rail Input/Output (RRIO) Op Amps
Aug 5, 2022
logo
Intersil Corporation
ISL28271 INTERSIL-ISL28271_07 Datasheet
687Kb / 14P
   Dual Micropower, Single Supply, Rail-to- Rail Input and Output (RRIO) Instrumentation Amplifier
logo
Renesas Technology Corp
ISL28271 RENESAS-ISL28271 Datasheet
978Kb / 14P
   Dual Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifier
logo
Intersil Corporation
ISL28271 INTERSIL-ISL28271 Datasheet
680Kb / 14P
   Dual Micropower, Single Supply, Rail-to- Rail Input and Output (RRIO) Instrumentation Amplifier
EL8178 INTERSIL-EL8178_07 Datasheet
773Kb / 12P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
logo
Renesas Technology Corp
EL8178 RENESAS-EL8178 Datasheet
1Mb / 13P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
logo
Intersil Corporation
ISL28286 INTERSIL-ISL28286 Datasheet
516Kb / 15P
   Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com