Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL54503 Fiches technique(PDF) 11 Page - Intersil Corporation

No de pièce ISL54503
Description  1.8V to 5.5V, 2.5OHM, Single SPDT Analog Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54503 Fiches technique(HTML) 11 Page - Intersil Corporation

Back Button ISL54503 Datasheet HTML 5Page - Intersil Corporation ISL54503 Datasheet HTML 6Page - Intersil Corporation ISL54503 Datasheet HTML 7Page - Intersil Corporation ISL54503 Datasheet HTML 8Page - Intersil Corporation ISL54503 Datasheet HTML 9Page - Intersil Corporation ISL54503 Datasheet HTML 10Page - Intersil Corporation ISL54503 Datasheet HTML 11Page - Intersil Corporation ISL54503 Datasheet HTML 12Page - Intersil Corporation ISL54503 Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
FN6551.2
October 26, 2009
Die Characteristics
SUBSTRATE POTENTIAL (POWERED UP):
GND
TRANSISTOR COUNT:
PROCESS:
Submicron CMOS
FIGURE 16. DIGITAL SWITCHING POINT vs SUPPLY
VOLTAGE
FIGURE 17. FREQUENCY RESPONSE
FIGURE 18. OFF-ISOLATION
FIGURE 19. CHARGE INJECTION vs SWITCH
VOLTAGE
Typical Performance Curves T
A = 25°C, Unless Otherwise Specified (Continued)
V+ (V)
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VINH
VINL
FREQUENCY (Hz)
-13
-12
-11
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
100k
1M
10M
100M
1G
VCOM = 1VP-P
V+ = 1.8V TO 5.5V
FREQUENCY (Hz)
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
1k
10k
100k
1M
10M
100M
1G
V+ = 1.8V TO 5.5V
VCOM (V)
-20
-15
-10
-5
0
5
10
15
20
25
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
V+ = 5V
V+ = 3.3V
V+ = 1.8V
ISL54503


Numéro de pièce similaire - ISL54503

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL54503 INTERSIL-ISL54503 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL54503 RENESAS-ISL54503 Datasheet
652Kb / 13P
   1.8V to 5.5V, 2.5廓, Single SPDT Analog Switch
ISL54503IHZ-T RENESAS-ISL54503IHZ-T Datasheet
652Kb / 13P
   1.8V to 5.5V, 2.5廓, Single SPDT Analog Switch
ISL54503IRUZ-T RENESAS-ISL54503IRUZ-T Datasheet
652Kb / 13P
   1.8V to 5.5V, 2.5廓, Single SPDT Analog Switch
More results

Description similaire - ISL54503

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL54504 INTERSIL-ISL54504 Datasheet
334Kb / 12P
   1.8V to 5.5V, 2.5OHM, Single SPST Analog Switches
ISL54500 INTERSIL-ISL54500 Datasheet
379Kb / 13P
   1.8V to 5.5V, 5OHM, Single SPDT Analog Switch
logo
Renesas Technology Corp
ISL54500 RENESAS-ISL54500 Datasheet
676Kb / 13P
   1.8V to 5.5V, 5W, Single SPDT Analog Switch
ISL54503 RENESAS-ISL54503 Datasheet
652Kb / 13P
   1.8V to 5.5V, 2.5廓, Single SPDT Analog Switch
logo
Analog Devices
ADG786 AD-ADG786 Datasheet
144Kb / 12P
   2.5ohm, 1.8V to 5.5V, -2.5 V Triple/Quad SPDT Switches in Chip Scale Packages
REV. 0
logo
Intersil Corporation
ISL54501 INTERSIL-ISL54501 Datasheet
335Kb / 13P
   1.8V to 5.5V, 5OHM, Single SPST Analog Switches
logo
Renesas Technology Corp
ISL54504 RENESAS-ISL54504 Datasheet
619Kb / 12P
   1.8V to 5.5V, 2.5W, Single SPST Analog Switches
logo
Analog Devices
ADG819BRMZ AD-ADG819BRMZ Datasheet
239Kb / 16P
   0.5 ohm, CMOS, 1.8V to 5.5V, 2:1 Mux/SPDT Switch
REV. A
logo
Vishay Siliconix
DG3516 VISHAY-DG3516_11 Datasheet
131Kb / 10P
   300 MHz, 2.5ohm, Dual SPDT Analog Switches
Rev. D, 13-Jun-11
logo
Texas Instruments
1633921 TI-1633921 Datasheet
889Kb / 24P
[Old version datasheet]   SINGLE SPDT ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com