Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL55016IRTZ-T7 Fiches technique(PDF) 2 Page - Intersil Corporation

No de pièce ISL55016IRTZ-T7
Description  MMIC Silicon Bipolar Differential Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL55016IRTZ-T7 Fiches technique(HTML) 2 Page - Intersil Corporation

  ISL55016IRTZ-T7 Datasheet HTML 1Page - Intersil Corporation ISL55016IRTZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL55016IRTZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL55016IRTZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL55016IRTZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL55016IRTZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL55016IRTZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL55016IRTZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL55016IRTZ-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
FN6526.1
June 24, 2008
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
Supply Voltage from VSP to GND . . . . . . . . . . . . . . . . . . . . . . 5.75V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . VS+ +0.3V to GND -0.3V
ESD Rating
Human Body Model (Per MIL-STD-883 Method 3015.7) . . . . . 3kV
Machine Model (Per EIAJ ED-4701 Method C-111) . . . . . . . .300V
Thermal Resistance (Typical, Note 1)
θJA (°C/W)
6 Ld TDFN Package. . . . . . . . . . . . . . . . . . . . . . . . .
125
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +125°C
Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +135°C
Pb-Free Reflow Profile. . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
1.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
Electrical Specifications
VSP = +5V, ZRSC = 50Ω single-ended connected to VINM, ZLOAD = 100Ω differential across VOM and VOP,
VINP AC-grounded, TA = +25°C, unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
VSP
Supply Voltage
4.5
5.0
5.5
V
I_VSP
Operating Current
91
104
117
mA
Sds21_diff
Small Signal Gain, Differential
50MHz ZRSC = 75Ω, ZLOAD = 100Ω
17.5
dB
1.0GHz ZRSC = 75Ω, ZLOAD = 100Ω
17.1
dB
2.0GHz ZRSC = 75Ω, ZLOAD = 100Ω
15.5
dB
Ssd12_diff
Reverse Isolation, Differential
50MHz ZRSC = 75Ω, ZLOAD = 100Ω
28.4
dB
1.0GHz ZRSC = 75Ω, ZLOAD = 100Ω
30.2
dB
2.0GHz ZRSC = 75Ω, ZLOAD = 100Ω
36.3
dB
Sss11_SE
Input Return Loss, Single-Ended
50MHz ZRSC = 75Ω, ZLOAD = 100Ω
27.1
dB
1.0GHz ZRSC = 75Ω, ZLOAD = 100Ω
15.1
dB
2.0GHz ZRSC = 75Ω, ZLOAD = 100Ω
6.9
dB
Sdd22_diff
Output Return Loss, Differential
50MHz ZRSC = 75Ω, ZLOAD = 100Ω
17.4
dB
1.0GHz ZRSC = 75Ω, ZLOAD = 100Ω
10.6
dB
2.0GHz ZRSC = 75Ω, ZLOAD = 100Ω
5.6
dB
S21_SE
Gain of Pin VOP, Single-Ended
50MHz
13.2
14.5
15.7
dB
1.0GHz
12.9
14.0
15.4
dB
2.0GHz
12.0
12.9
14.5
dB
S31_SE
Gain of Pin VOM, Single-Ended
50MHz
12.9
14.1
15.4
dB
1.0GHz
12.4
13.5
14.9
dB
2.0GHz
11.3
12.1
13.8
dB
P1dB_diff
Output Power at 1dB Compression Point,
Differential
50MHz, (Note 2)
15
17.2
19
dBm
1.0GHz, (Note 2)
13.9
15.8
17.9
dBm
2.0GHz, (Note 2)
10.4
12.0
14.4
dBm
OIP3_4_SE
Output Third Order Intercept Point at
VOP Pin, Single-Ended
f1 = 50MHz, f2 = 55MHz
22.7
27.5
32.7
dBm
f1 = 1.0GHz, f2 = 1.1GHz
22.1
24.2
29.1
dBm
f1 = 2.0GHz, f2 = 2.1GHz
16.2
18.1
22.2
dBm
OIP3_5_SE
Output Third Order Intercept Point at
VOM Pin, Single-Ended
f1 = 50MHz, f2 = 55MHz
22.6
26.6
32.6
dBm
f1 = 1.0GHz, f2 = 1.1GHz
21.9
23.6
27.9
dBm
f1 = 2.0GHz, f2 = 2.1GHz
14.9
17.3
21.4
dBm
ISL55016


Numéro de pièce similaire - ISL55016IRTZ-T7

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL55016IRTZ-T7 INTERSIL-ISL55016IRTZ-T7 Datasheet
407Kb / 11P
   MMIC Silicon Bipolar Differential Amplifier
June 24, 2008
logo
Renesas Technology Corp
ISL55016IRTZ-T7 RENESAS-ISL55016IRTZ-T7 Datasheet
707Kb / 11P
   MMIC Silicon Bipolar Differential Amplifier
More results

Description similaire - ISL55016IRTZ-T7

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL55016IRTZ-T7 INTERSIL-ISL55016IRTZ-T7 Datasheet
407Kb / 11P
   MMIC Silicon Bipolar Differential Amplifier
June 24, 2008
logo
Renesas Technology Corp
ISL55016 RENESAS-ISL55016 Datasheet
707Kb / 11P
   MMIC Silicon Bipolar Differential Amplifier
logo
Agilent(Hewlett-Packard...
IVA-05228 HP-IVA-05228 Datasheet
63Kb / 4P
   Silicon Bipolar MMIC 1.5 GHz Variable Gain Amplifier Differential Option
MSA-0200 HP-MSA-0200 Datasheet
55Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
MSA-0500 HP-MSA-0500 Datasheet
66Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
MSA-0685 HP-MSA-0685 Datasheet
52Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
MSA-0770 HP-MSA-0770 Datasheet
52Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
MSA2111 HP-MSA2111 Datasheet
40Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
MSA-0404 HP-MSA-0404 Datasheet
74Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
MSA-0800 HP-MSA-0800 Datasheet
77Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com