Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL29020IROZ-EVALZ Fiches technique(PDF) 2 Page - Intersil Corporation

No de pièce ISL29020IROZ-EVALZ
Description  A Low Power, High Sensitivity, Light-to Digital Sensor With I2C Interface
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29020IROZ-EVALZ Fiches technique(HTML) 2 Page - Intersil Corporation

  ISL29020IROZ-EVALZ Datasheet HTML 1Page - Intersil Corporation ISL29020IROZ-EVALZ Datasheet HTML 2Page - Intersil Corporation ISL29020IROZ-EVALZ Datasheet HTML 3Page - Intersil Corporation ISL29020IROZ-EVALZ Datasheet HTML 4Page - Intersil Corporation ISL29020IROZ-EVALZ Datasheet HTML 5Page - Intersil Corporation ISL29020IROZ-EVALZ Datasheet HTML 6Page - Intersil Corporation ISL29020IROZ-EVALZ Datasheet HTML 7Page - Intersil Corporation ISL29020IROZ-EVALZ Datasheet HTML 8Page - Intersil Corporation ISL29020IROZ-EVALZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
FN6505.0
September 26, 2008
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
VDD Supply Voltage between VDD and GND . . . . . . . . . . . . . 3.6V
I2C Bus Pin Voltage (SCL, SDA) . . . . . . . . . . . . . . . . . -0.2V to 3.6V
I2C Bus Pin Current (SCL, SDA) . . . . . . . . . . . . . . . . . . . . . . <10mA
REXT, A0 Pin Voltage . . . . . . . . . . . . . . . . . . . . . . . . . -0.2V to VDD
ESD Rating
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .2kV
Thermal Resistance
θJA (°C/W)
6 Ld ODFN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
88
Maximum Die Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . +90°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +100°C
Operating Temperature . . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
Pb-Free Reflow Profile. . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
VDD = 3V, TA = +25°C, REXT = 500kΩ 1% tolerance, 16-bit ADC operation, unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITION
MIN
TYP
MAX
UNIT
VDD
Power Supply Range
2.25
3.3
V
IDD
Supply Current
55
65
µA
IDD1
Supply Current when Powered Down
Software disabled or auto power-down
0.01
0.5
µA
VI
2
C
Supply Voltage Range for I2C Interface
1.7
3.6
V
fOSC
Internal Oscillator Frequency
650
725
800
kHz
tint
ADC Integration/Conversion Time
16-bit ADC data
90
ms
FI
2
C
I2C Clock Rate Range
1 to 400
kHz
DATA_0
Count Output When Dark
E = 0 lux, Range 1 (1k lux)
1
5
Counts
DATA_F
Full Scale ADC Code
65535 Counts
ΔDATA
DATA
Count Output Variation Over Three Light
Sources: Fluorescent, Incandescent
and Sunlight
Ambient light sensing
±10
%
DATA_1
Light Count Output With LSB of
0.015 lux/count
E = 300 lux, Fluorescent light (Note 1), Ambient light
sensing, Range 1 (1k lux)
15000
20000
25000 Counts
DATA_2
Light Count Output With LSB of
0.06 lux/count
E = 300 lux, Fluorescent light (Note 1), Ambient light
sensing, Range 2 (4k lux)
5000
Counts
DATA_3
Light Count Output With LSB of
0.24 lux/count
E = 300 lux, Fluorescent light (Note 1), Ambient light
sensing, Range 3 (16k lux)
1250
Counts
DATA_4
Light Count Output With LSB of
0.96 lux/count
E = 300 lux, Fluorescent light (Note 1), Ambient light
sensing, Range 4 (64k lux)
312
Counts
DATA_IR1
Infrared Count Output
E = 210 lux, Sunlight (Note 2), IR sensing, Range 1
15000
20000
25000
DATA_IR2
Infrared Count Output
E = 210 lux, Sunlight (Note 2), IR sensing, Range 2
5000
DATA_IR3
Infrared Count Output
E = 210 lux, Sunlight (Note 2), IR sensing, Range 3
1250
DATA_IR4
Infrared Count Output
E = 210 lux, Sunlight (Note 2), IR sensing, Range 4
312
VREF
Voltage of REXT Pin
0.52
V
VIL
SCL and SDA Input Low Voltage
0.55
V
VIH
SCL and SDA Input High Voltage
1.25
V
ISDA
SDA Current Sinking Capability
4
5
mA
NOTES:
1. 550nm green LED is used in production test. The 550nm LED irradiance is calibrated to produce the same DATA count against an illuminance
level of 300 lux fluorscent light.
2. 850nm green LED is used in production test. The 850nm LED irradiance is calibrated to produce the same DATA_IR count against an illuminance
level of 210 lux sunlight at sea level.
ISL29020


Numéro de pièce similaire - ISL29020IROZ-EVALZ

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL29020IROZ-EVALZ INTERSIL-ISL29020IROZ-EVALZ Datasheet
487Kb / 11P
   A Low Power, High Sensitivity, Light-to Digital Sensor With I2C Interface
ISL29020IROZ-EVALZ INTERSIL-ISL29020IROZ-EVALZ Datasheet
445Kb / 11P
   A Low Power, High Sensitivity, Light-to Digital Sensor With I2C Interface
August 20, 2009
logo
Renesas Technology Corp
ISL29020IROZ-EVALZ RENESAS-ISL29020IROZ-EVALZ Datasheet
750Kb / 11P
   A Low Power, High Sensitivity, Light-to Digital Sensor With I2C Interface
More results

Description similaire - ISL29020IROZ-EVALZ

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL29020 RENESAS-ISL29020 Datasheet
750Kb / 11P
   A Low Power, High Sensitivity, Light-to Digital Sensor With I2C Interface
logo
Intersil Corporation
ISL29020 INTERSIL-ISL29020 Datasheet
487Kb / 11P
   A Low Power, High Sensitivity, Light-to Digital Sensor With I2C Interface
ISL29020IROZ-T7 INTERSIL-ISL29020IROZ-T7 Datasheet
445Kb / 11P
   A Low Power, High Sensitivity, Light-to Digital Sensor With I2C Interface
August 20, 2009
logo
Renesas Technology Corp
ISL76682 RENESAS-ISL76682 Datasheet
719Kb / 19P
   Automotive Low Power, High Sensitivity, Light-to-Digital Sensor with I2C Interface
Oct 6, 2021
ISL29010 RENESAS-ISL29010 Datasheet
843Kb / 13P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, and I2C Interface
logo
Intersil Corporation
ISL29010 INTERSIL-ISL29010 Datasheet
531Kb / 14P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, and I2C Interface
logo
Vishay Siliconix
VEML3235 VISHAY-VEML3235 Datasheet
236Kb / 15P
   Low Power, High Sensitivity, I2C Ambient Light Sensor
VEML3235 VISHAY-VEML3235_V01 Datasheet
235Kb / 15P
   Low Power, High Sensitivity, I2C Ambient Light Sensor
01-Jan-2022
VEML6035 VISHAY-VEML6035_V02 Datasheet
223Kb / 15P
   Low Power, High Sensitivity, I2C Ambient Light Sensor
01-Jan-2023
VEML3235SL VISHAY-VEML3235SL_V02 Datasheet
446Kb / 13P
   Low Power, High Sensitivity, I2C Ambient Light Sensor
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com