Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL55100A Fiches technique(PDF) 3 Page - Intersil Corporation

No de pièce ISL55100A
Description  Quad 18V Pin Electronics Driver/Window Comparator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL55100A Fiches technique(HTML) 3 Page - Intersil Corporation

  ISL55100A Datasheet HTML 1Page - Intersil Corporation ISL55100A Datasheet HTML 2Page - Intersil Corporation ISL55100A Datasheet HTML 3Page - Intersil Corporation ISL55100A Datasheet HTML 4Page - Intersil Corporation ISL55100A Datasheet HTML 5Page - Intersil Corporation ISL55100A Datasheet HTML 6Page - Intersil Corporation ISL55100A Datasheet HTML 7Page - Intersil Corporation ISL55100A Datasheet HTML 8Page - Intersil Corporation ISL55100A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
FN7486.2
November 24, 2008
Pin Descriptions
PIN
FUNCTION
DATA+(0:3)
Positive differential digital input that determines the driver output state when it is enabled.
DATA-(0:3)
Negative differential digital input that determines the driver output state when it is enabled.
DRV EN+(0:3) Positive differential digital input that enables or disables the corresponding driver.
DRV EN-(0:3)
Negative differential digital input that enables or disables the corresponding driver.
QA (0:3)
Comparator digital outputs. QA(X) is high when VINP(X) exceeds CVA(X).
QB (0:3)
Comparator digital outputs. QB(X) is high when VINP(X) exceeds CVB(X).
DOUT (0:3)
Driver outputs.
VINP (0:3)
Comparator inputs.
VH (0:3)
Unbuffered analog inputs that set each individual driver’s “high” voltage level.
VL (0:3)
Unbuffered analog inputs that set each individual driver’s “low” voltage level. VL must be a lower voltage than VH.
NC
No internal connection.
CVA (0:3)
Analog inputs that set the threshold for the corresponding Channel’s A comparators.
CVB (0:3)
Analog inputs that set the threshold for the corresponding Channel’s B comparators.
COMP HI
Supply voltage, unbuffered input that sets the high output level of all comparators. Must be greater than COMP LO.
COMP LO
Supply voltage, unbuffered input that sets the low output level of all comparators. Must be less than COMP HI.
VCC
Positive power supply (5% tolerance).
VEE
Negative power supply (5% tolerance).
VEXT
External 5.5VDC power supply (5.5VDC to 6.0VDC as referenced to VEE, NOT GND. Recommended VEXT = 5.5V) for internal
logic. Connect pin to VEE when not using an external supply.
LOWSWING
Input that selects driver output configurations optimized to yield minimum overshoots for low level swings (VH < VEE +5V), or
optimized for large output swings. Connect LOWSWING to VEE to select low swing circuitry, or connect it to VCC to select high
swing circuitry.
Truth Tables
DRIVERS
INPUTS
OUTPUT
DATA
DRV EN
DOUT
X+ > -
Hi - Z
+ > -
+ < -
VH
+ < -
+ < -
VL
X = DON’T CARE
RECEIVERS
INPUT
OUTPUTS
VINP
QA
QB
<CVA
<CVB
0
0
<CVA
>CVB
0
1
>CVA
<CVB
1
0
>CVA
>CVB
1
1
ISL55100A


Numéro de pièce similaire - ISL55100A

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL55100A RENESAS-ISL55100A Datasheet
886Kb / 14P
   Quad 18V Pin Electronics Driver/Window Comparator
logo
Intersil Corporation
ISL55100A INTERSIL-ISL55100A Datasheet
583Kb / 14P
   Quad 18V Pin Electronics Driver/Window Comparator
December 4, 2014
ISL55100AEVAL3Z INTERSIL-ISL55100AEVAL3Z Datasheet
583Kb / 14P
   Quad 18V Pin Electronics Driver/Window Comparator
December 4, 2014
logo
Renesas Technology Corp
ISL55100AEVAL3Z RENESAS-ISL55100AEVAL3Z Datasheet
886Kb / 14P
   Quad 18V Pin Electronics Driver/Window Comparator
logo
Intersil Corporation
ISL55100AIRZ INTERSIL-ISL55100AIRZ Datasheet
520Kb / 13P
   Quad 18V Pin Electronics Driver/Window Comparator
More results

Description similaire - ISL55100A

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL55100AIRZ INTERSIL-ISL55100AIRZ Datasheet
583Kb / 14P
   Quad 18V Pin Electronics Driver/Window Comparator
December 4, 2014
ISL55100BIRZ INTERSIL-ISL55100BIRZ Datasheet
535Kb / 14P
   Quad 18V Pin Electronics Driver/Window Comparator
December 4, 2014
logo
Renesas Technology Corp
ISL55100A RENESAS-ISL55100A Datasheet
886Kb / 14P
   Quad 18V Pin Electronics Driver/Window Comparator
ISL55100B RENESAS-ISL55100B Datasheet
853Kb / 14P
   Quad 18V Pin Electronics Driver/Window Comparator
logo
Intersil Corporation
ISL5100A INTERSIL-ISL5100A Datasheet
520Kb / 13P
   Quad 18V Pin Electronics Driver/Window Comparator
ISL55100B INTERSIL-ISL55100B Datasheet
462Kb / 14P
   Quad 18V Pin Electronics Driver/Window Comparator
logo
Semtech Corporation
E818AHF SEMTECH-E818AHF Datasheet
87Kb / 12P
   Octal 18V Pin Electronics Driver/window Comparator
EDGE818 SEMTECH-EDGE818 Datasheet
126Kb / 15P
   Octal 18V Pin Electronics Driver/window Comparator
E7804 SEMTECH-E7804 Datasheet
692Kb / 41P
   133 MHZ Quad Pin Electronics Driver and Window Comparator
E646ATF SEMTECH-E646ATF Datasheet
135Kb / 13P
   Pin Electronics Driver, Window Comparator, and Switch Matrix
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com