Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL54054IRUZ-T Fiches technique(PDF) 9 Page - Intersil Corporation

No de pièce ISL54054IRUZ-T
Description  Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST/1:2 Distribution Analog Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54054IRUZ-T Fiches technique(HTML) 9 Page - Intersil Corporation

Back Button ISL54054IRUZ-T Datasheet HTML 5Page - Intersil Corporation ISL54054IRUZ-T Datasheet HTML 6Page - Intersil Corporation ISL54054IRUZ-T Datasheet HTML 7Page - Intersil Corporation ISL54054IRUZ-T Datasheet HTML 8Page - Intersil Corporation ISL54054IRUZ-T Datasheet HTML 9Page - Intersil Corporation ISL54054IRUZ-T Datasheet HTML 10Page - Intersil Corporation ISL54054IRUZ-T Datasheet HTML 11Page - Intersil Corporation ISL54054IRUZ-T Datasheet HTML 12Page - Intersil Corporation ISL54054IRUZ-T Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
FN6461.2
October 19, 2009
FIGURE 9. ON-RESISTANCE VS SWITCH VOLTAGE
(NX PINS CONNECTED)
FIGURE 10. ON-RESISTANCE vs SWITCH VOLTAGE
(NX PINS CONNECTED)
FIGURE 11. ON-RESISTANCE vs SUPPLY VOLTAGE vs
SWITCH VOLTAGE (SINGLE NX INPUT)
FIGURE 12. ON-RESISTANCE vs SWITCH VOLTAGE
(SINGLE NX INPUT)
FIGURE 13. ON-RESISTANCE vs SWITCH VOLTAGE
(SINGLE NX INPUT)
FIGURE 14. ON-RESISTANCE vs SWITCH VOLTAGE
(SINGLE NX INPUT)
Typical Performance Curves T
A = +25°C, Unless Otherwise Specified (Continued)
VCOM (V)
0
0.5
1.0
1.5
2.0
2.5
3.0
V+ = 3V
ICOM = 100mA
0.1
0.2
0.3
0.4
0.5
0.7
+25°C
+85°C
-40°C
0.6
VCOM (V)
01
23
4
5
ICOM = 100mA
0.05
0.10
0.15
0.20
0.25
0.45
+25°C
+85°C
-40°C
0.30
0.35
0.40
V+ = 5V
VCOM (V)
01
2
3
4
0.5
0.7
0.9
1.1
1.3
2.3
V+ = 2.7V
V+ = 1.8V
V+ = 4.5V
V+ = 3V
ICOM = 100mA
V+ = 5V
5
1.5
1.7
1.9
2.1
0.5
1.0
1.5
2.0
2.5
3.0
0
0.5
1.0
1.5
1.8
VCOM (V)
+25°C
+85°C
-40°C
V+ = 1.8V
ICOM = 100mA
VCOM (V)
0
0.5
1.0
1.5
2.0
2.5
3.0
V+ = 3V
ICOM = 100mA
0.4
0.6
0.8
1.0
1.2
1.6
+25°C
+85°C
-40°C
1.4
VCOM (V)
01
23
4
5
V+ = 5V
ICOM = 100mA
0.3
0.4
0.5
0.6
0.7
1.1
+25°C
-40°C
0.8
0.9
1.0
+85°C
ISL54054, ISL54055


Numéro de pièce similaire - ISL54054IRUZ-T

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL54054IRUZ-T INTERSIL-ISL54054IRUZ-T Datasheet
431Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST/1:2 Distribution Analog Switch
logo
Renesas Technology Corp
ISL54054IRUZ-T RENESAS-ISL54054IRUZ-T Datasheet
707Kb / 13P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST/1:2 Distribution Analog Switch
More results

Description similaire - ISL54054IRUZ-T

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL54054 RENESAS-ISL54054 Datasheet
707Kb / 13P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST/1:2 Distribution Analog Switch
logo
Intersil Corporation
ISL54054_0709 INTERSIL-ISL54054_0709 Datasheet
431Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST/1:2 Distribution Analog Switch
ISL54051 INTERSIL-ISL54051 Datasheet
401Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST Analog Switches
ISL54051_0709 INTERSIL-ISL54051_0709 Datasheet
328Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST Analog Switches
ISL54051IRUZ-T INTERSIL-ISL54051IRUZ-T Datasheet
400Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST Analog Switches
October 19, 2009
logo
Renesas Technology Corp
ISL54051 RENESAS-ISL54051 Datasheet
616Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST Analog Switches
ISL84715 RENESAS-ISL84715 Datasheet
581Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPST Analog Switches
logo
Intersil Corporation
ISL84715_0411 INTERSIL-ISL84715_0411 Datasheet
328Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPST Analog Switches
ISL84715 INTERSIL-ISL84715 Datasheet
338Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPST Analog Switches
ISL84715 INTERSIL-ISL84715_15 Datasheet
426Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply,SPST Analog Switches
August 18, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com