Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL6132IRZA Fiches technique(PDF) 7 Page - Intersil Corporation

No de pièce ISL6132IRZA
Description  Multiple Voltage Supervisory ICs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6132IRZA Fiches technique(HTML) 7 Page - Intersil Corporation

Back Button ISL6132IRZA Datasheet HTML 3Page - Intersil Corporation ISL6132IRZA Datasheet HTML 4Page - Intersil Corporation ISL6132IRZA Datasheet HTML 5Page - Intersil Corporation ISL6132IRZA Datasheet HTML 6Page - Intersil Corporation ISL6132IRZA Datasheet HTML 7Page - Intersil Corporation ISL6132IRZA Datasheet HTML 8Page - Intersil Corporation ISL6132IRZA Datasheet HTML 9Page - Intersil Corporation ISL6132IRZA Datasheet HTML 10Page - Intersil Corporation ISL6132IRZA Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
FN9119.3
July 22, 2005
Applications Usage
Using the ISL613XSUPEREVAL2 Platform
The ISL613XSUPEREVAL2 platform is the primary
evaluation board for this family of supervisors and is
designed to support the ISL6131, ISL6132. In addition, it
also supports the ISL6125 sequencer as it has open drain
RESET# outputs similar to the STATUS outputs of the
ISL6131 and ISL6132.
The ISL613XSUPEREVAL2 is shipped with a ISL6125
soldered into the SMD channel 2 position and with 2 each of
the ISL6131 (1 socketed) and ISL6132 loose packed. The
four resistor divider strings are set so that VMON = VMON
Vth (0.633V) once supplies are 2.10V on the IN_D, 1.27V on
IN_C, 4.27V on IN_B and 2.78V on IN_A. On the ISL6131
these are the 4 UV levels at ~85% of 2.5V, 1.5V, 5V and
3.3V respectively.
LEDs turned off are the PGOOD high indicators with D4
being the ISL6131 indicator.
With VDD ranging from 1.5V to 5V or shorted to IN_A
through JP1 and with an ISL6131 in the socket, PGOOD will
release to be pulled high once those minimum conditions are
met. See Figures 10 to 17 for performance and function
examples.
With the ISL6132 in the socket and IN_C and IN_D tied to a
common supply and IN_A and IN_B tied to a second supply
the ISL6132 will look for a voltage between 1.27V to 2.10V
on the CD pair and between 2.78V and 4.27V for the AB
pair. Once either supply meets its requirement the related
PGOOD will release to pull high and turn off the related LED.
See Figures 18 to 24 for performance and function
examples. Figures 25 and 26 illustrate the
ISL613XSUPEREVAL2 platform in image and schematic.
Using the ISL6131, ISL6132 for Negative Voltage
Monitoring Applications
The ISL6131, ISL6132 can be used for -V monitoring as it
monitors any voltage more positive relative to its GND pin.
With correct bias differential these parts can monitor any
voltage regardless of polarity or amplitude.
Using the ISL6131 for ‘Loss Less’ Sequencing
Applications
The ISL6131 can be used in a ‘loss less’ sequencing
application where a monitored output voltage determines the
start of the next sequenced turn-on. As shown in Figure 7,
VMON_A input looks at the common VIn of several DC-DC
converters and enables DC-DC_A with STATUS _A, once
both VIn and ENABLE are satisfied. VMON_B monitors the
output of DC-DC_A and when the acceptable output voltage
is reached, DC-DC_B is enabled with STATUS_B output.
This sequencing pattern is continued until all DC-DC outputs
are on, at which time PGOOD signal will be released to
indicate. 160ms delay from VMON > VVMONVth to STATUS
high ensures stability at each step prior to subsequent turn-
on. Additional ISL6131s can be employed in parallel to
sequence any number of DC-DC convertors is in this
fashion.
Using the ISL6131 for System Voltage and Over
Temperature Monitoring
Being a multivoltage monitoring IC the ISL6131 can also be
used to monitor over temperature as well as voltage for a
more complete coverage of system health. Using a Negative
Temperature Coefficient (NTC) passive device in place of
one of the resistors in a VMON divider provides over
temperature monitoring either locally or remotely.
Evaluations of this application configuration have involved
the QT0805T-202J, QT0805Y-502J and QT0805Y-103J
NTCs from Quality Thermistor.
ISL6131 over temperature monitoring is not as accurate as
specific temperature monitor ICs but this implementation
provides a cost efficient solution with 5% tolerances
achievable.
See Figures 8 - 9 for over temp sensing configuration and
operation results. In this example, the desired maximum
temp is 100°C. The QT0805Y-103J NTC was placed at the
end of 3 feet of twisted pair wire to emulate a remote sensing
application. From the Quality Thermistor data sheet, this
NTC device has a +25°C value of 10K and at +100°C a
value of 0.923K. An accompanying standard value resistor
of 3.83K was chosen for divider so that at 100°C, VMON
~0.633V with the bias voltage at 3.3V.
FIGURE 7. ISL6131 ‘LOSSLESS’ SEQUENCING
CONFIGURATION
DC-DC_A
VIN
VOUT
EN
VIN
VIN
VOUT
VOUT
EN
EN
DC-DC_B
DC-DC_C
VMON_A
VMON_D
VMON_C
VMON_B
ABC
STATUS
PGOOD
GND
VDD
ENABLE
ISL6131
ISL6131, ISL6132


Numéro de pièce similaire - ISL6132IRZA

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL6132IRZA INTERSIL-ISL6132IRZA Datasheet
457Kb / 13P
   Multiple Voltage Supervisory ICs
logo
Renesas Technology Corp
ISL6132IRZA RENESAS-ISL6132IRZA Datasheet
745Kb / 15P
   Multiple Voltage Supervisory ICs
logo
Intersil Corporation
ISL6132IRZA-T INTERSIL-ISL6132IRZA-T Datasheet
457Kb / 13P
   Multiple Voltage Supervisory ICs
More results

Description similaire - ISL6132IRZA

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL6131 RENESAS-ISL6131 Datasheet
745Kb / 15P
   Multiple Voltage Supervisory ICs
logo
Intersil Corporation
ISL6131 INTERSIL-ISL6131 Datasheet
457Kb / 13P
   Multiple Voltage Supervisory ICs
logo
Analog Devices
ADM6305 AD-ADM6305_12 Datasheet
247Kb / 12P
   Multiple Input Programmable Supervisory ICs
REV. A
ADM6305 AD-ADM6305 Datasheet
199Kb / 12P
   Multiple Input Programmable Supervisory ICs
REV. 0
logo
Maxim Integrated Produc...
MAX6305 MAXIM-MAX6305_08 Datasheet
125Kb / 11P
   5-Pin, Multiple-Input, Programmable Reset ICs
19-1145; Rev 5; 4/08
MAX6305_V6 MAXIM-MAX6305_V6 Datasheet
119Kb / 11P
   5-Pin, Multiple-Input, Programmable Reset ICs
Rev 6; 7/12
MAX6306UK30D2 MAXIM-MAX6306UK30D2 Datasheet
104Kb / 11P
   5-Pin, Multiple-Input, Programmable Reset ICs
Rev 6; 7/12
MAX6305 MAXIM-MAX6305 Datasheet
104Kb / 16P
   5-Pin, Multiple-Input, Programmable Reset ICs
Rev 1; 8/98
logo
Analog Devices
ADM8611 AD-ADM8611 Datasheet
439Kb / 17P
   Ultralow Power Supervisory ICs with Watchdog Timer and Manual Reset
Rev. G
logo
Maxim Integrated Produc...
MAX16136 MAXIM-MAX16136 Datasheet
363Kb / 15P
   High-Precision Supervisory ICs with Window Watchdog and Overvoltage Indicator
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com