Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL22446UFV20Z Fiches technique(PDF) 4 Page - Intersil Corporation

No de pièce ISL22446UFV20Z
Description  Quad Digitally Controlled Potentiometer XDCP
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22446UFV20Z Fiches technique(HTML) 4 Page - Intersil Corporation

  ISL22446UFV20Z Datasheet HTML 1Page - Intersil Corporation ISL22446UFV20Z Datasheet HTML 2Page - Intersil Corporation ISL22446UFV20Z Datasheet HTML 3Page - Intersil Corporation ISL22446UFV20Z Datasheet HTML 4Page - Intersil Corporation ISL22446UFV20Z Datasheet HTML 5Page - Intersil Corporation ISL22446UFV20Z Datasheet HTML 6Page - Intersil Corporation ISL22446UFV20Z Datasheet HTML 7Page - Intersil Corporation ISL22446UFV20Z Datasheet HTML 8Page - Intersil Corporation ISL22446UFV20Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
FN6181.2
September 9, 2009
FSerror
(Note 8)
Full-scale Error
W option
-5
-1
0
LSB
(Note 6)
U option
-2
-1
0
LSB
(Note 6)
VMATCH
(Note 11)
DCP to DCP Matching
Any two DCPs at same tap position, same
voltage at all RH terminals, and same voltage
at all RL terminals
-2
2
LSB
(Note 6)
TCV
(Note 12)
Ratiometric Temperature Coefficient
DCP register set to 40 hex
±4
ppm/°C
RESISTOR MODE (Measurements between RWi and RLi with RHi not connected, or between RWi and RHi with RLi not connected; i = 0, 1, 2 or 3)
RINL
(Note 16)
Integral Non-linearity
DCP register set between 10h and 7Fh;
monotonic over all tap positions
-1
1
MI
(Note 13)
RDNL
(Note 15)
Differential Non-linearity
DCP register set between 10h and 7Fh;
monotonic over all tap positions, W option
-1
1
MI
(Note 13)
DCP register set between 10h and 7Fh;
monotonic over all tap positions, U option
-0.5
0.5
MI
(Note 13)
Roffset
(Note 14)
Offset
W option
0
1
7
MI
(Note 13)
U option
0
0.5
2
MI
(Note 13)
RMATCH
(Note 17)
DCP to DCP Matching
Any two DCPs at the same tap position with
the same terminal voltages
-2
2
MI
(Note 13)
Analog Specifications
Over recommended operating conditions, unless otherwise stated. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 22)
TYP
(Note 5)
MAX
(Note 22)
UNIT
Operating Specifications Over the recommended operating conditions, unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 22)
TYP
(Note 5)
MAX
(Note 22)
UNIT
ICC1
VCC Supply Current (Volatile
Write/Read)
fSCK = 5MHz; (for SPI Active, Read and
Volatile Write states only)
0.5
mA
ICC2
VCC Supply Current (Non-volatile
Write/Read)
fSCK = 5MHz; (for SPI Active, Read and
Non-volatile Write states only)
3mA
ISB
VCC Current (Standby)
VCC = +5.5V @ +85°C, SPI interface in
standby state
5µA
VCC = +5.5V @ +125°C, SPI interface in
standby state
7µA
VCC = +3.6V @ +85°C, SPI interface in
standby state
3µA
VCC = +3.6V @ +125°C, SPI interface in
standby state
5µA
ISD
VCC Current (Shutdown)
VCC = +5.5V @ +85°C, SPI interface in
standby state
3µA
VCC = +5.5V @ +125°C, SPI interface in
standby state
5µA
VCC = +3.6V @ +85°C, SPI interface in
standby state
2µA
VCC = +3.6V @ +125°C, SPI interface in
standby state
4µA
ISL22446


Numéro de pièce similaire - ISL22446UFV20Z

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL22446UFV20Z RENESAS-ISL22446UFV20Z Datasheet
1Mb / 15P
   Quad Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI™ Bus, 128 Taps
September 9, 2009
More results

Description similaire - ISL22446UFV20Z

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL22444 INTERSIL-ISL22444 Datasheet
724Kb / 19P
   Quad Digitally Controlled Potentiometer XDCP
logo
Xicor Inc.
X9252 XICOR-X9252 Datasheet
126Kb / 21P
   Quad Digitally-Controlled (XDCP) potentiometer
logo
Intersil Corporation
ISL22343 INTERSIL-ISL22343 Datasheet
703Kb / 18P
   Quad Digitally Controlled Potentiometer XDCP
logo
Xicor Inc.
X9241A XICOR-X9241A Datasheet
364Kb / 18P
   Quad Digitally Controlled Potentiometer (XDCP)
X9251 XICOR-X9251 Datasheet
549Kb / 25P
   Quad Digitally-Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9251 INTERSIL-X9251_07 Datasheet
331Kb / 20P
   Quad Digitally-Controlled (XDCP?? Potentiometer
X9313 INTERSIL-X9313_08 Datasheet
284Kb / 12P
   Digitally Controlled Potentiometer (XDCP??
X9317 INTERSIL-X9317_09 Datasheet
445Kb / 15P
   Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
X9C102 RENESAS-X9C102 Datasheet
522Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL90727 INTERSIL-ISL90727 Datasheet
186Kb / 8P
   Digitally Controlled Potentiometer XDCP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com