Moteur de recherche de fiches techniques de composants électroniques |
|
ISL1221IUZ Fiches technique(PDF) 10 Page - Intersil Corporation |
|
ISL1221IUZ Fiches technique(HTML) 10 Page - Intersil Corporation |
10 / 24 page 10 FN6316.0 June 22, 2006 Event Detect Timing Diagram with Sampling Mode Enabled Case 1, Switch Opened Before Ipu Case 2, Switch Opened After Ipu Case 3, Switch Bounced The ISL1221 can operate independently or in conjunction with a microcontroller for low power operation modes or in battery backup modes. The event detection and time stamp circuits operate in either main VDD power or battery backup mode. Users have the option to connect EVIN (see EVINEB bit) to an internal pull-up current source that operates at 1µA (always on mode), which can drop to 400nA in battery backup mode. User selectable event sampling modes are also available which will effectively reduce power consumption with 1/4-Hz, 1-Hz and 2-Hz sample detection rates. The EVIN input is pulsed ON/OFF when in sampling mode for power savings advantages (See tables below). The EVIN also has a user selectable time based hysteresis filter (see EHYS bits) to implement switch de-bouncing during an event detection. The EVIN signal must be high for the duration of the selected time period. The time periods available are 0 times delay (no time based hysteresis) to 3.9ms, 15.625ms or 31.25ms (see Table 1, 2, 3, and 4). Real Time Clock Operation The Real Time Clock (RTC) uses an external 32.768kHz quartz crystal to maintain an accurate internal representation of second, minute, hour, day of week, date, month, and year. The RTC also has leap-year correction. The clock also corrects for months having fewer than 31 days and has a bit that controls 24 hour or AM/PM format. When the ISL1221 powers up after the loss of both VDD and VBAT, the clock will not begin incrementing until at least one byte is written to the clock register. 8 CLKS (8x) 15 CLKS (8x) OFF ON OPEN CLOSED LOW HIGH HIGH LOW EVDET EVIN EXT. SWITCH Ipu 8 CLKS (8x) 15 CLKS (8x) OFF ON OPEN CLOSED LOW HIGH HIGH LOW EVDET EVIN EXT. SWITCH Ipu 15 CLKS (8x) OFF ON OPEN CLOSED LOW HIGH HIGH LOW EVDET EVIN EXT. SWITCH Ipu 8 CLKS (8x) TABLE 1. ∆IDD (VDD = 3V, tHYS = 3.9ms) fSMP DELTA IDD 1/4Hz 20.5nA 1Hz 82nA 2Hz 164nA TABLE 2. ∆IDD (VDD = 5.0V, tHYS = 3.9ms) fSMP DELTA IDD 1/4Hz 65.8nA 1Hz 263.3nA 2Hz 526.5nA TABLE 3. ∆IDD (VDD = 3.0V, tHYS = 15.625ms) fSMP DELTA IDD 1/4Hz 82nA 1Hz 328nA 2Hz 656.3nA TABLE 4. ∆IDD (VDD = 5.0V, tHYS = 15.625ms) fSMP DELTA IDD 1/4Hz 264nA 1Hz 1.05µA 2Hz 2.1µA ISL1221 |
Numéro de pièce similaire - ISL1221IUZ |
|
Description similaire - ISL1221IUZ |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |