Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL6112IRZA-T Fiches technique(PDF) 5 Page - Intersil Corporation

No de pièce ISL6112IRZA-T
Description  Dual Slot PCI-Express Power Controller
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6112IRZA-T Fiches technique(HTML) 5 Page - Intersil Corporation

  ISL6112IRZA-T Datasheet HTML 1Page - Intersil Corporation ISL6112IRZA-T Datasheet HTML 2Page - Intersil Corporation ISL6112IRZA-T Datasheet HTML 3Page - Intersil Corporation ISL6112IRZA-T Datasheet HTML 4Page - Intersil Corporation ISL6112IRZA-T Datasheet HTML 5Page - Intersil Corporation ISL6112IRZA-T Datasheet HTML 6Page - Intersil Corporation ISL6112IRZA-T Datasheet HTML 7Page - Intersil Corporation ISL6112IRZA-T Datasheet HTML 8Page - Intersil Corporation ISL6112IRZA-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
5
FN6456.0
September 28, 2007
1, 36
FAULTA, FAULTB
Fault Outputs: Open-drain, active-low. Asserted whenever the isolation protection trips due to a fault
condition (overcurrent, input undervoltage, over-temperature). Each pin requires an external pull-up
resistor to VSTBY. Bringing the slot’s ON pin low resets FAULT if FAULT was asserted in response to a
fault condition on one of the slot’s MAIN outputs (+12V or +3.3V). FAULT is reset by bringing the slot’s
AUXEN pin low if FAULT was asserted in response to a fault condition on the slot’s VAUX output. If a fault
condition occurred on both the MAIN and VAUX outputs of the same slot, then both ON and AUXEN must
be brought low to de-assert the FAULT output.
9, 28
FORCE_ONA
FORCE_ONB
Enable Inputs: Active-low, level-sensitive. Asserting a FORCE_ON input will turn on all three of the
respective slot’s outputs (+12V, +3.3V, and VAUX), while specifically defeating all protections on those
supplies. This explicitly includes all overcurrent and short circuit protections, and on-chip thermal
protection for the VAUX supplies. Additionally included are the UVLO protections for the +3.3V and
+12VMAIN supplies. The FORCE_ON pins do not disable UVLO protection for the VAUX supplies. These
input pins are intended for diagnostic purposes only. Asserting FORCE_ON will cause the respective slot’s
PWRGD and FAULT pins to enter their open-drain state. Note that the SMBus register set will continue to
reflect the actual state of each slot’s supplies. There is a pair of register bits, accessible via the SMBus,
which can be set to disable (unconditionally de-assert) either or both of the FORCE_ON pins -- See
CNTRL Register Bit D[2].
4, 38
GPI_A0, GPI_B0
General Purpose Inputs: The states of these two inputs are available by reading the Common Status
Register, Bits [4:5]. If not used, connect each pin to GND.
39, 40, 41
A2, A1, A0
SMBus Address Select Pins. Connect to ground or leave open in order to program device SMBus base
address. These inputs have internal pull-up resistors to VSTBY. Address programmed on rising VSTBY.
48
SDA
Bidirectional SMBus data line.
47
SCL
SMBus Clock Input.
37
INT
Interrupt Output. Open-drain, active-low. output. Asserted whenever a power fault is detected if the
INTMSK bit (CS Register Bit D[3]) is a logical “0”. This output is cleared by performing an “echo reset” to
the appropriate fault bit(s) in the STAT and/or CS registers. This pin requires an external pull-up resistor
to VSTBY.
17, 33, 46
GND
IC Reference pins. Connect together and tie directly to the system’s analog GND plane directly at the
device.
7, 18, 19, 20, 30
NC
Reserved: Make no external connections to these pins.
Pin Descriptions (Pin Numbers and Names are Related) (Continued)
PIN NUMBER
PIN NAME
PIN FUNCTION
ISL6112


Numéro de pièce similaire - ISL6112IRZA-T

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL6112IRZA RENESAS-ISL6112IRZA Datasheet
1Mb / 30P
   Dual Slot PCI-Express Hot Plug Controller
More results

Description similaire - ISL6112IRZA-T

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL6112 RENESAS-ISL6112 Datasheet
1Mb / 30P
   Dual Slot PCI-Express Hot Plug Controller
logo
Micrel Semiconductor
MIC2591B MICREL-MIC2591B_05 Datasheet
1Mb / 34P
   Dual-Slot PCI Express Hot-Plug Controller
MIC2592B MICREL-MIC2592B Datasheet
1Mb / 31P
   Dual-Slot PCI Express Hot-Plug Controller
MIC2592B MICREL-MIC2592B_05 Datasheet
1Mb / 31P
   Dual-Slot PCI Express Hot-Plug Controller
MIC2341 MICREL-MIC2341 Datasheet
1Mb / 32P
   Dual-Slot PCI Express Hot-Plug Controller
MIC2591B MICREL-MIC2591B Datasheet
1Mb / 34P
   Dual-Slot PCI Express Hot-Plug Controller
logo
Linear Technology
LTC4242 LINER-LTC4242_15 Datasheet
356Kb / 24P
   Dual Slot Hot Swap Controller for PCI Express
LTC4242 LINER-LTC4242 Datasheet
350Kb / 24P
   Dual Slot Hot Swap Controller for PCI Express
logo
Maxim Integrated Produc...
MAX5946 MAXIM-MAX5946 Datasheet
1,019Kb / 23P
   Dual PCI Express, Hot-Plug Controller
Rev 0; 11/04
logo
Texas Instruments
TPS2340A TI-TPS2340A Datasheet
389Kb / 27P
[Old version datasheet]   DUAL-SLOT PCI HOT-PLUG POWER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com