Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL55036IRTZ-T13 Fiches technique(PDF) 6 Page - Intersil Corporation

No de pièce ISL55036IRTZ-T13
Description  400MHz Slew Rate Enhanced Rail-to-Rail Output Gain Block
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL55036IRTZ-T13 Fiches technique(HTML) 6 Page - Intersil Corporation

Back Button ISL55036IRTZ-T13 Datasheet HTML 2Page - Intersil Corporation ISL55036IRTZ-T13 Datasheet HTML 3Page - Intersil Corporation ISL55036IRTZ-T13 Datasheet HTML 4Page - Intersil Corporation ISL55036IRTZ-T13 Datasheet HTML 5Page - Intersil Corporation ISL55036IRTZ-T13 Datasheet HTML 6Page - Intersil Corporation ISL55036IRTZ-T13 Datasheet HTML 7Page - Intersil Corporation ISL55036IRTZ-T13 Datasheet HTML 8Page - Intersil Corporation ISL55036IRTZ-T13 Datasheet HTML 9Page - Intersil Corporation ISL55036IRTZ-T13 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
FN6640.1
September 11, 2008
FIGURE 8. OFF ISOLATION vs FREQUENCY
FIGURE 9. CHANNEL-TO-CHANNEL CROSSTALK vs
FREQUENCY
FIGURE 10. OUTPUT NOISE VOLTAGE vs FREQUENCY
FIGURE 11. INPUT REFERRED NOISE CURRENT vs
FREQUENCY
FIGURE 12. ENABLE/DISABLE TIMING
FIGURE 13. SMALL SIGNAL STEP RESPONSE
Typical Performance Curves (Continued)
-100
-80
-60
-40
-20
0
FREQUENCY (Hz)
V+ = 5V
AV = +4
RL = 150Ω
CL = 3pF
VIN = 0.6VDC+1VP-P
ALL INPUTS = +0.6VDC
100k
1M
10M
100M
1G
-120
10k
-100
-80
-60
-40
-20
0
FREQUENCY (Hz)
10k
100k
1M
10M
100M
1G
-120
CHANNELS ON SAME DIE
CHANNELS ON DIFFERENT DIE
V+ = 5V
AV = +4
RL = 150Ω
CL = 3pF
VOUT (DRIVEN CHANNEL) = 4VP-
P
V+ = 5V
AV = +4
RL = 150Ω
CL = 3pF
VOUT (DRIVEN CHANNEL) = 4VP-P
ALL INPUTS = +0.6V DC
10
100
1k
10k
100k
FREQUENCY (Hz)
100
1000
1M
1
10
10000
10M
10
100
1k
10k
100k
FREQUENCY (Hz)
1.0
10.0
1M
1
0.1
100.0
-0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
0.3
0.6
0.9
1.2
1.5
1.8
TIME (µs)
V+ = 5V
AV = +4
RL = 150Ω
CL = 3pF
VIN = 0.25V
VOUT
DISABLE
ENABLE
0.45
0.50
0.55
0.60
0.65
0.70
0.75
0.80
0
5
10
15
20
25
30
35
40
45
50
TIME (ns)
V+ = 5V
AV = +4
RL = 150Ω
CL = 3.0pF
VOUT = 250mVP-P
ISL55036


Numéro de pièce similaire - ISL55036IRTZ-T13

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL55036IRTZ-T13 RENESAS-ISL55036IRTZ-T13 Datasheet
885Kb / 12P
   400MHz Slew Rate Enhanced Rail-to-Rail Output Gain Block
More results

Description similaire - ISL55036IRTZ-T13

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL55033 RENESAS-ISL55033 Datasheet
1Mb / 13P
   400MHz Slew Rate Enhanced, Rail-to-Rail Output Gain Block
logo
Intersil Corporation
ISL55033 INTERSIL-ISL55033 Datasheet
1Mb / 12P
   400MHz Slew Rate Enhanced Rail-to-Rail Output Gain Block
logo
Renesas Technology Corp
ISL55036 RENESAS-ISL55036 Datasheet
885Kb / 12P
   400MHz Slew Rate Enhanced Rail-to-Rail Output Gain Block
logo
Intersil Corporation
ISL55033IRTZ INTERSIL-ISL55033IRTZ Datasheet
877Kb / 13P
   400MHz Slew Rate Enhanced, Rail-to-Rail Output Gain Block
June 29, 2015
logo
Global Mixed-mode Techn...
G1402 GMT-G1402_15 Datasheet
31Kb / 1P
   Dual Output Rail-to-Rail, High Slew-Rate Amplifiers
logo
ON Semiconductor
NCS2003 ONSEMI-NCS2003_16 Datasheet
476Kb / 17P
   Operational Amplifiers High Slew Rate, Rail-to-Rail Output
August, 2016 ??Rev. 11
NCS2003 ONSEMI-NCS2003_V01 Datasheet
868Kb / 21P
   Operational Amplifiers, High Slew Rate, Low Voltage, Rail-to-Rail Output
June, 2022 - Rev. 12
logo
Texas Instruments
TLV277X-Q1 TI1-TLV277X-Q1_16 Datasheet
1Mb / 48P
[Old version datasheet]   FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT
TLV277X TI1-TLV277X_16 Datasheet
2Mb / 74P
[Old version datasheet]   FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT
TLV277X TI1-TLV277X_17 Datasheet
2Mb / 73P
[Old version datasheet]   FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com