Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL22343WFR20Z Fiches technique(PDF) 7 Page - Intersil Corporation

No de pièce ISL22343WFR20Z
Description  Quad Digitally Controlled Potentiometer XDCP
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22343WFR20Z Fiches technique(HTML) 7 Page - Intersil Corporation

Back Button ISL22343WFR20Z Datasheet HTML 3Page - Intersil Corporation ISL22343WFR20Z Datasheet HTML 4Page - Intersil Corporation ISL22343WFR20Z Datasheet HTML 5Page - Intersil Corporation ISL22343WFR20Z Datasheet HTML 6Page - Intersil Corporation ISL22343WFR20Z Datasheet HTML 7Page - Intersil Corporation ISL22343WFR20Z Datasheet HTML 8Page - Intersil Corporation ISL22343WFR20Z Datasheet HTML 9Page - Intersil Corporation ISL22343WFR20Z Datasheet HTML 10Page - Intersil Corporation ISL22343WFR20Z Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7
FN6423.1
March 13, 2008
SERIAL INTERFACE SPECS
VIL
A1, A0, A2, SDA, and SCL
Input Buffer LOW Voltage
0.3*VCC
V
VIH
A1, A0, A2, SDA, and SCL
Input Buffer HIGH Voltage
0.7*VCC
V
Hysteresis
(Note 19)
SDA and SCL Input Buffer
Hysteresis
0.05*VCC
V
VOL
(Note 19)
SDA Output Buffer LOW
Voltage, Sinking 4mA
00.4
V
Cpin
(Note 19)
A1, A0, A2, SDA, and SCL
Pin Capacitance
10
pF
fSCL
SCL Frequency
400
kHz
tsp
Pulse Width Suppression
Time at SDA and SCL
Inputs
Any pulse narrower than the max spec is suppressed
50
ns
tAA
(Note 19)
SCL Falling Edge to SDA
Output Data Valid
SCL falling edge crossing 30% of VCC, until SDA exits
the 30% to 70% of VCC window
900
ns
tBUF
(Note 19)
Time the Bus Must be Free
Before the Start of a New
Transmission
SDA crossing 70% of VCC during a STOP condition, to
SDA crossing 70% of VCC during the following START
condition
1300
ns
tLOW
Clock LOW Time
Measured at the 30% of VCC crossing
1300
ns
tHIGH
Clock HIGH Time
Measured at the 70% of VCC crossing
600
ns
tSU:STA
START Condition Setup
Time
SCL rising edge to SDA falling edge; both crossing 70%
of VCC
600
ns
tHD:STA
START Condition Hold
Time
From SDA falling edge crossing 30% of VCC to SCL
falling edge crossing 70% of VCC
600
ns
tSU:DAT
Input Data Setup Time
From SDA exiting the 30% to 70% of VCC window, to
SCL rising edge crossing 30% of VCC
100
ns
tHD:DAT
Input Data Hold Time
From SCL rising edge crossing 70% of VCC to SDA
entering the 30% to 70% of VCC window
0ns
tSU:STO
STOP Condition Setup
Time
From SCL rising edge crossing 70% of VCC, to SDA
rising edge crossing 30% of VCC
600
ns
tHD:STO
STOP Condition Hold
Time for Read, or Volatile
Only Write
From SDA rising edge to SCL falling edge; both
crossing 70% of VCC
1300
ns
tDH
(Note 19)
Output Data Hold Time
From SCL falling edge crossing 30% of VCC, until SDA
enters the 30% to 70% of VCC window
0ns
tR
(Note 19)
SDA and SCL Rise Time
From 30% to 70% of VCC
20 +
0.1*Cb
250
ns
tF
(Note 19)
SDA and SCL Fall Time
From 70% to 30% of VCC
20 +
0.1*Cb
250
ns
Operating Specifications Over the recommended operating conditions unless otherwise specified. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 21)
TYP
(Note 5)
MAX
(Note 21)
UNIT
ISL22343


Numéro de pièce similaire - ISL22343WFR20Z

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL22343WFR20Z INTERSIL-ISL22343WFR20Z Datasheet
738Kb / 19P
   Low Noise, Low Power, I2C Bus, 256 Taps
August 17, 2015
logo
Renesas Technology Corp
ISL22343WFR20Z RENESAS-ISL22343WFR20Z Datasheet
1Mb / 19P
   Quad Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, I2C Bus, 256 Taps
August 17, 2015
More results

Description similaire - ISL22343WFR20Z

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL22444 INTERSIL-ISL22444 Datasheet
724Kb / 19P
   Quad Digitally Controlled Potentiometer XDCP
logo
Xicor Inc.
X9252 XICOR-X9252 Datasheet
126Kb / 21P
   Quad Digitally-Controlled (XDCP) potentiometer
X9241A XICOR-X9241A Datasheet
364Kb / 18P
   Quad Digitally Controlled Potentiometer (XDCP)
X9251 XICOR-X9251 Datasheet
549Kb / 25P
   Quad Digitally-Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9251 INTERSIL-X9251_07 Datasheet
331Kb / 20P
   Quad Digitally-Controlled (XDCP?? Potentiometer
ISL22446 INTERSIL-ISL22446 Datasheet
564Kb / 15P
   Quad Digitally Controlled Potentiometer XDCP
X9313 INTERSIL-X9313_08 Datasheet
284Kb / 12P
   Digitally Controlled Potentiometer (XDCP??
X9317 INTERSIL-X9317_09 Datasheet
445Kb / 15P
   Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
X9C102 RENESAS-X9C102 Datasheet
522Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL90727 INTERSIL-ISL90727 Datasheet
186Kb / 8P
   Digitally Controlled Potentiometer XDCP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com