Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL3179EFRZ Fiches technique(PDF) 9 Page - Intersil Corporation

No de pièce ISL3179EFRZ
Description  High ESD Protected, 125째C, 40Mbps 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3179EFRZ Fiches technique(HTML) 9 Page - Intersil Corporation

Back Button ISL3179EFRZ Datasheet HTML 5Page - Intersil Corporation ISL3179EFRZ Datasheet HTML 6Page - Intersil Corporation ISL3179EFRZ Datasheet HTML 7Page - Intersil Corporation ISL3179EFRZ Datasheet HTML 8Page - Intersil Corporation ISL3179EFRZ Datasheet HTML 9Page - Intersil Corporation ISL3179EFRZ Datasheet HTML 10Page - Intersil Corporation ISL3179EFRZ Datasheet HTML 11Page - Intersil Corporation ISL3179EFRZ Datasheet HTML 12Page - Intersil Corporation ISL3179EFRZ Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9
FN6365.2
April 22, 2008
Application Information
RS-485 and RS-422 are differential (balanced) data
transmission standards for use in long haul or noisy
environments. RS-422 is a subset of RS-485, so RS-485
transceivers are also RS-422 compliant. RS-422 is a
point-to-multipoint (multidrop) standard, which allows only
one driver and up to 10 (assuming one unit load devices)
receivers on each bus. RS-485 is a true multipoint standard,
which allows up to 32 one unit load devices (any mix of
drivers and receivers) on each bus. To allow for multipoint
operation, the RS-485 spec requires that drivers must
handle bus contention without sustaining any damage.
Another important advantage of RS-485 is the extended
common mode range (CMR), which specifies that the driver
outputs and receiver inputs withstand signals that range from
+12V to -7V. RS-422 and RS-485 are intended for runs as
long as 4000’ (~1200m), so the wide CMR is necessary to
handle ground potential differences, as well as voltages
induced in the cable by external fields.
Receiver (Rx) Features
This transceiver utilizes a differential input receiver for
maximum noise immunity and common mode rejection. Input
sensitivity is ±200mV, as required by the RS-422 and RS-485
specifications. Receiver inputs function with common mode
voltages as great as +9/-7V outside the power supplies
(i.e., +12V and -7V), making them ideal for long networks, or
industrial environments, where induced voltages are a
realistic concern.
The receiver input resistance of 50k
Ω surpasses the RS-422
specification of 4k
Ω, and is 5x the RS-485 “Unit Load” (UL)
requirement of 12k
Ω minimum. Thus, the ISL3179E is
known as a “one-fifth UL” transceiver, and there can be up to
160 devices on the RS-485 bus while still complying with the
RS-485 loading specification.
The receiver is a “Full Fail-Safe” version that guarantees a
high level receiver output if the receiver inputs are
unconnected (floating), shorted together, or connected to a
terminated bus with all the transmitters disabled
(terminated/undriven).
Rx outputs deliver large low state currents (typically 28mA at
VOL = 1V) to ease the design of optically coupled isolated
networks.
Receivers easily meet the 40Mbps data rate supported by
the driver, and the receiver output is tri-statable via the active
low RE input.
Driver (Tx) Features
The RS-485/RS-422 driver is a differential output device that
delivers at least 1.5V across a 54
Ω load (RS-485), and at
least 2V across a 100
Ω load (RS-422). The drivers feature
low propagation delay skew to maximize bit width, and to
minimize EMI.
Outputs of the drivers are not slew rate limited, so faster
output transition times allow data rates of at least 40Mbps.
Driver outputs are tri-statable via the active high DE input.
For parallel applications, bit-to-bit skews between any two
transmitter and receiver pairs are guaranteed to be no worse
than 8ns (4ns max for any two Tx, 4ns max for any two Rx).
ESD Protection
All pins on the ISL3179E and ISL3180E include class 3
(>9kV) Human Body Model (HBM) ESD protection
structures, but the RS-485 pins (driver outputs and receiver
inputs) incorporate advanced structures allowing them to
survive ESD events in excess of ±16.5kV HBM (ISL3179E)
or ±12kV HBM (ISL3180E), and ±16.5kV (ISL3179E) or
±4kV (ISL3180E) IEC61000-4-2. The RS-485 pins are
particularly vulnerable to ESD strikes because they
typically connect to an exposed port on the exterior of the
finished product. Simply touching the port pins, or
connecting a cable, can cause an ESD event that might
destroy unprotected ICs. These new ESD structures
protect the device whether or not it is powered up, and
without degrading the RS-485 common mode range of -7V
to +12V. This built-in ESD protection eliminates the need
for board level protection structures (e.g., transient
suppression diodes), and the associated, undesirable
capacitive load they present.
IEC61000-4-2 Testing
The IEC61000 test method applies to finished equipment,
rather than to an individual IC. Therefore, the pins most likely
to suffer an ESD event are those that are exposed to the
outside world (the RS-485 pins in this case), and the IC is
tested in its typical application configuration (power applied)
rather than testing each pin-to-pin combination. The
IEC61000 standard’s lower current limiting resistor coupled
with the larger charge storage capacitor yields a test that is
much more severe than the HBM test. The extra ESD
protection built into the ISL3179E’s RS-485 pins allows the
design of equipment meeting level 4 criteria without the need
for additional board level protection on the RS-485 port.
AIR-GAP DISCHARGE TEST METHOD
For this test method, a charged probe tip moves toward the
IC pin until the voltage arcs to it. The current waveform
delivered to the IC pin depends on approach speed,
humidity, temperature, etc., so it is more difficult to obtain
repeatable results. The ISL3179E RS-485 pins withstand
±16.5kV air-gap discharges, while the ISL3180E’s RS-485
pins withstand ±4kV.
CONTACT DISCHARGE TEST METHOD
During the contact discharge test, the probe contacts the
tested pin before the probe tip is energized, thereby
eliminating the variables associated with the air-gap
discharge. The result is a more repeatable and predictable
test, but equipment limits prevent testing devices at voltages
ISL3179E, ISL3180E


Numéro de pièce similaire - ISL3179EFRZ

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL3179EFRZ INTERSIL-ISL3179EFRZ Datasheet
747Kb / 18P
   High ESD Protected, 125°C, 40Mbps, 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
August 25, 2015
logo
Renesas Technology Corp
ISL3179EFRZ RENESAS-ISL3179EFRZ Datasheet
1Mb / 18P
   High ESD Protected, 125째C, 40Mbps, 3.3V, Full Fail-Safe RS-485/RS-422 Transceivers
More results

Description similaire - ISL3179EFRZ

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL3179E RENESAS-ISL3179E Datasheet
1Mb / 18P
   High ESD Protected, 125째C, 40Mbps, 3.3V, Full Fail-Safe RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3159E INTERSIL-ISL3159E Datasheet
672Kb / 16P
   짹15kV ESD Protected, 125째C, 40Mbps, 5V, PROFIBUS짰, Full Fail-safe, RS-485/RS-422 Transceivers
ISL3179EFBZ INTERSIL-ISL3179EFBZ Datasheet
747Kb / 18P
   High ESD Protected, 125°C, 40Mbps, 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
August 25, 2015
logo
Renesas Technology Corp
ISL3159E RENESAS-ISL3159E Datasheet
1Mb / 17P
   짹15kV ESD Protected, 125째C, 40Mbps, 5V, PROFIBUS, Full Fail-Safe, RS-485/RS-422 Transceiver
ISL3160E RENESAS-ISL3160E Datasheet
1Mb / 20P
   짹10kV ESD Protected, 125째C, 40Mbps, 5V, Full-Duplex, Full Fail-Safe RS-485/RS-422 Transceiver
logo
Maxim Integrated Produc...
MAX3465 MAXIM-MAX3465 Datasheet
309Kb / 14P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 0; 10/03
MAX3465 MAXIM-MAX3465_09 Datasheet
225Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 2; 8/09
MAX3465_V3 MAXIM-MAX3465_V3 Datasheet
223Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 3; 5/12
MAX3070E MAXIM-MAX3070E Datasheet
502Kb / 25P
   3.3V, 짹15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 1/03
MAX3070E MAXIM-MAX3070E_14 Datasheet
723Kb / 24P
   3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 4/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com