Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL29102IROZ-EVALZ Fiches technique(PDF) 9 Page - Intersil Corporation

No de pièce ISL29102IROZ-EVALZ
Description  Low Power Ambient Light-to-Voltage Non-Linear Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29102IROZ-EVALZ Fiches technique(HTML) 9 Page - Intersil Corporation

  ISL29102IROZ-EVALZ Datasheet HTML 1Page - Intersil Corporation ISL29102IROZ-EVALZ Datasheet HTML 2Page - Intersil Corporation ISL29102IROZ-EVALZ Datasheet HTML 3Page - Intersil Corporation ISL29102IROZ-EVALZ Datasheet HTML 4Page - Intersil Corporation ISL29102IROZ-EVALZ Datasheet HTML 5Page - Intersil Corporation ISL29102IROZ-EVALZ Datasheet HTML 6Page - Intersil Corporation ISL29102IROZ-EVALZ Datasheet HTML 7Page - Intersil Corporation ISL29102IROZ-EVALZ Datasheet HTML 8Page - Intersil Corporation ISL29102IROZ-EVALZ Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
FN6483.1
July 15, 2010
ISL29102
Package Outline Drawing
L6.2x2.1
6 LEAD OPTICAL DUAL FLAT NO-LEAD PLASTIC PACKAGE (ODFN)
Rev 2, 6/10
located within the zone indicated. The pin #1 identifier may be
Unless otherwise specified, tolerance : Decimal ± 0.05
Tiebar shown (if present) is a non-functional feature.
The configuration of the pin #1 identifier is optional, but must be
between 0.15mm and 0.30mm from the terminal tip.
Dimension applies to the metallized terminal and is measured
Dimensions in (
) for Reference Only.
Dimensioning and tolerancing conform to ASME Y14.5m-1994.
6.
either a mold or mark feature.
3.
5.
4.
2.
Dimensions are in millimeters.
1.
NOTES:
BOTTOM VIEW
DETAIL "X"
SIDE VIEW
TYPICAL RECOMMENDED LAND PATTERN
TOP VIEW
(4X)
0.10
INDEX AREA
PIN 1
A
B
PIN #1
B
0.10 MA
C
C
SEATING PLANE
BASE PLANE
0.08
0.10
SEE DETAIL "X"
C
C
0 . 00 MIN.
0 . 05 MAX.
0 . 2 REF
C
5
1
6
6
2.10
2.00
2.10
2.50
(1.35)
(6x0.30)
0.65
(6x0.55)
(6x0.20)
(4x0.65)
1.30 REF
1.35
0.65
0.65
6x0.35 ± 0.05
PACKAGE
6X 0.30±0.05
INDEX AREA
OUTLINE
4


Numéro de pièce similaire - ISL29102IROZ-EVALZ

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL29102IROZ-EVALZ INTERSIL-ISL29102IROZ-EVALZ Datasheet
731Kb / 9P
   Low Power Ambient Light-to-Voltage Non-Linear Converter
July 15, 2010
logo
Renesas Technology Corp
ISL29102IROZ-EVALZ RENESAS-ISL29102IROZ-EVALZ Datasheet
887Kb / 10P
   Low Power Ambient Light-to-Voltage Nonlinear Converter
More results

Description similaire - ISL29102IROZ-EVALZ

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL29102IROZ-T7 INTERSIL-ISL29102IROZ-T7 Datasheet
731Kb / 9P
   Low Power Ambient Light-to-Voltage Non-Linear Converter
July 15, 2010
logo
Renesas Technology Corp
ISL29102 RENESAS-ISL29102 Datasheet
887Kb / 10P
   Low Power Ambient Light-to-Voltage Nonlinear Converter
ISL29009 RENESAS-ISL29009 Datasheet
808Kb / 7P
   Non-Linear Output Current, Low Power Ambient Light Photo Detect IC
logo
Intersil Corporation
ISL29009IROZ-T7 INTERSIL-ISL29009IROZ-T7 Datasheet
578Kb / 7P
   Non-Linear Output Current, Low Power Ambient Light Photo Detect IC
July 1, 2008
ISL29009 INTERSIL-ISL29009 Datasheet
679Kb / 7P
   Non-Linear Output Current, Low Power Ambient Light Photo Detect IC
logo
ams AG
TSL2563 AMSCO-TSL2563 Datasheet
1Mb / 43P
   LOW-VOLTAGE LIGHT-TO-DIGITAL CONVERTER
logo
TEXAS ADVANCED OPTOELEC...
TSL2562 TAOS-TSL2562 Datasheet
431Kb / 38P
   LOW-VOLTAGE LIGHT-TO-DIGITAL CONVERTER
logo
ON Semiconductor
LA0151CS ONSEMI-LA0151CS Datasheet
160Kb / 7P
   Ambient Light Sensor Linear Current Output
April 2015- Rev. 1
logo
Sharp Corporation
GA1A2S100SS SHARP-GA1A2S100SS Datasheet
428Kb / 10P
   OPIC??Linear Output Ambient Light Sensor
logo
ON Semiconductor
LA0152CS ONSEMI-LA0152CS Datasheet
189Kb / 7P
   Ambient Light Sensor Linear Current Output
April 2015- Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com