Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL28274 Fiches technique(PDF) 10 Page - Intersil Corporation

No de pièce ISL28274
Description  Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifier and Precision Operational Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28274 Fiches technique(HTML) 10 Page - Intersil Corporation

Back Button ISL28274 Datasheet HTML 6Page - Intersil Corporation ISL28274 Datasheet HTML 7Page - Intersil Corporation ISL28274 Datasheet HTML 8Page - Intersil Corporation ISL28274 Datasheet HTML 9Page - Intersil Corporation ISL28274 Datasheet HTML 10Page - Intersil Corporation ISL28274 Datasheet HTML 11Page - Intersil Corporation ISL28274 Datasheet HTML 12Page - Intersil Corporation ISL28274 Datasheet HTML 13Page - Intersil Corporation ISL28274 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10
FN6345.0
December 13, 2006
FIGURE 31. I BIAS (IA FB
-) vs TEMPERATURE VS = ±2.5V.
FIGURE 32. I BIAS (IA FB+) vs TEMPERATURE VS = ±1.2V
FIGURE 33. I BIAS (IA FB
-) vs TEMPERATURE VS = ±1.2V
FIGURE 34. I BIAS (IA IN+) vs TEMPERATURE VS = ±2.5V
FIGURE 35. I BIAS (IA IN-) vs TEMPERATURE VS = ±2.5V
FIGURE 36. I BIAS (IA IN+) vs TEMPERATURE VS = ±1.2V
Typical Performance Curves (Continued)
-160
-140
-120
-100
-80
-60
-40
-20
0
20
40
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
n = 100
MEDIAN
MIN
MAX
-275
-225
-175
-125
-75
-25
25
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
n = 100
MEDIAN
MAX
MIN
-250
-200
-150
-100
-50
0
50
-40
-20
0
20406080
100
120
TEMPERATURE (°C)
n = 100
MEDIAN
MAX
MIN
-350
-300
-250
-200
-150
-100
-50
0
50
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
n = 100
MEDIAN
MAX
MIN
-300
-250
-200
-150
-100
-50
0
50
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
n = 100
MEDIAN
MAX
MIN
-300
-250
-200
-150
-100
-50
0
50
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
n = 100
MEDIAN
MAX
MIN
ISL28274, ISL28474


Numéro de pièce similaire - ISL28274

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL28270 INTERSIL-ISL28270 Datasheet
729Kb / 18P
   Dual and Quad Channel Micropower Single Supply, Rail-to-Rail Input and Output RRIO Instrumentation Amplifiers
ISL28270 INTERSIL-ISL28270 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL28270 RENESAS-ISL28270 Datasheet
1Mb / 18P
   Dual and Quad Channel Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifiers
October 21, 2009
logo
Intersil Corporation
ISL28270IAZ INTERSIL-ISL28270IAZ Datasheet
627Kb / 18P
   Dual and Quad Channel Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifiers
ISL28270IAZ INTERSIL-ISL28270IAZ Datasheet
729Kb / 18P
   Dual and Quad Channel Micropower Single Supply, Rail-to-Rail Input and Output RRIO Instrumentation Amplifiers
More results

Description similaire - ISL28274

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL28271 INTERSIL-ISL28271_07 Datasheet
687Kb / 14P
   Dual Micropower, Single Supply, Rail-to- Rail Input and Output (RRIO) Instrumentation Amplifier
logo
Renesas Technology Corp
ISL28271 RENESAS-ISL28271 Datasheet
978Kb / 14P
   Dual Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifier
logo
Intersil Corporation
ISL28271 INTERSIL-ISL28271 Datasheet
680Kb / 14P
   Dual Micropower, Single Supply, Rail-to- Rail Input and Output (RRIO) Instrumentation Amplifier
logo
Texas Instruments
LPV511 TI1-LPV511 Datasheet
985Kb / 21P
[Old version datasheet]   Micropower, Rail-to-Rail Input and Output Operational Amplifier
logo
Analog Devices
AD627 AD-AD627 Datasheet
545Kb / 16P
   Micropower, Single and Dual Supply Rail-to-Rail Instrumentation Amplifier
REV. A
AD627 AD-AD627_16 Datasheet
977Kb / 25P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
AD627 AD-AD627_15 Datasheet
1Mb / 25P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
Rev. E
AD627 AD-AD627_07 Datasheet
1Mb / 24P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
REV. D
logo
National Semiconductor ...
LMC6442 NSC-LMC6442 Datasheet
1,011Kb / 16P
   Dual Micropower Rail-to-Rail Output Single Supply Operational Amplifier
LMC6462 NSC-LMC6462 Datasheet
648Kb / 18P
   Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com