Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL3330IAZ-T Fiches technique(PDF) 10 Page - Intersil Corporation

No de pièce ISL3330IAZ-T
Description  3.3V, 짹15kV ESD Protected, Dual Protocol RS-232/RS-485 Transceivers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3330IAZ-T Fiches technique(HTML) 10 Page - Intersil Corporation

Back Button ISL3330IAZ-T Datasheet HTML 6Page - Intersil Corporation ISL3330IAZ-T Datasheet HTML 7Page - Intersil Corporation ISL3330IAZ-T Datasheet HTML 8Page - Intersil Corporation ISL3330IAZ-T Datasheet HTML 9Page - Intersil Corporation ISL3330IAZ-T Datasheet HTML 10Page - Intersil Corporation ISL3330IAZ-T Datasheet HTML 11Page - Intersil Corporation ISL3330IAZ-T Datasheet HTML 12Page - Intersil Corporation ISL3330IAZ-T Datasheet HTML 13Page - Intersil Corporation ISL3330IAZ-T Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
10
FN6361.0
May 20, 2008
Driver Enable to Output Low
tZL
CL = 100pF, SW = VCC (Figure 3)
Full
-
42
100
ns
Driver Enable to Output High
tZH
CL = 100pF, SW = GND (Figure 3)
Full
-
350
450
ns
Driver Disable from Output Low
tLZ
CL = 15pF, SW = VCC (Figure 3)
Full
-
30
60
ns
Driver Disable from Output High
tHZ
CL = 15pF, SW = GND (Figure 3)
Full
-
25
60
ns
Driver Enable from Shutdown to
Output Low
tZL(SHDN) RL = 500Ω, CL = 100pF, SW = VCC
(Figure 3, Note
14)
Full
-
-
500
ns
Driver Enable from Shutdown to
Output High
tZH(SHDN) RL = 500Ω, CL = 100pF, SW = GND
(Figure 3, Note
14)
Full
-
-
750
ns
Driver Maximum Data Rate
fMAX
RDIFF = 54Ω, CL = 100pF (Figure 2)
Full
460
2000
-
kbps
RS-485 DRIVER SWITCHING CHARACTERISTICS (SLOW DATA RATE (115kbps, QFN ONLY), 485/232 = VCC, SLEW = SPB = GND)
Driver Differential Input to Output
Delay
tDLH, tDHL RDIFF = 54Ω, CL = 100pF (Figure 2)
Full
800
1600
2500
ns
Driver Output Skew
tSKEW
RDIFF = 54Ω, CL = 100pF (Figure 2)
Full
-
250
500
ns
Driver Differential Rise or Fall Time
tR, tF
RDIFF = 54Ω, CL = 100pF (Figure 2)
Full
1000
1700
3100
ns
Driver Enable to Output Low
tZL
CL = 100pF, SW = VCC (Figure 3)
Full
-
45
100
ns
Driver Enable to Output High
tZH
CL = 100pF, SW = GND (Figure 3)
Full
-
910
1200
ns
Driver Disable from Output Low
tLZ
CL = 15pF, SW = VCC (Figure 3)
Full
-
35
60
ns
Driver Disable from Output High
tHZ
CL = 15pF, SW = GND (Figure 3)
Full
-
29
60
ns
Driver Enable from Shutdown to
Output Low
tZL(SHDN) RL = 500Ω, CL = 100pF, SW = VCC
(Figure 3, Note 14)
Full
-
-
800
ns
Driver Enable from Shutdown to
Output High
tZH(SHDN) RL = 500Ω, CL = 100pF, SW = GND
(Figure 3, Note 14)
Full
-
-
1500
ns
Driver Maximum Data Rate
fMAX
RDIFF = 54Ω, CL = 100pF (Figure 2)
Full
115
800
-
kbps
RS-485 RECEIVER SWITCHING CHARACTERISTICS (485/232 = VCC, ALL VERSIONS AND SPEEDS)
Receiver Input to Output Delay
tPLH, tPHL (Figure 4)
Full
20
45
70
ns
Receiver Skew | tPLH - tPHL |tSKEW
(Figure 4)
Full
-
3
10
ns
Receiver Maximum Data Rate
fMAX
Full
20
40
-
Mbps
Receiver Enable to Output Low
tZL
CL = 15pF, SW = VCC (Figure 5)
Full
-
15
60
ns
Receiver Enable to Output High
tZH
CL = 15pF, SW = GND (Figure 5)
Full
-
15
60
ns
Receiver Disable from Output Low
tLZ
CL = 15pF, SW = VCC (Figure 5)
Full
-
20
60
ns
Receiver Disable from Output High
tHZ
CL = 15pF, SW = GND (Figure 5)
Full
-
20
60
ns
Receiver Enable from Shutdown to
Output Low
tZLSHDN CL = 15pF, SW = VCC (Figure 5, Note 14)
Full
-
500
900
ns
Receiver Enable from Shutdown to
Output High
tZHSHDN CL = 15pF, SW = GND (Figure 5, Note 14)
Full
-
500
900
ns
NOTES:
9. All currents into device pins are positive; all currents out of device pins are negative. All voltages are referenced to device ground unless otherwise
specified.
10. Supply current specification is valid for loaded drivers when DEN = 0V.
11. Applies to peak current. See “Typical Performance Curves” beginning on page 19 for more information.
12. RIN defaults to RS-485 mode (>15kΩ) when the device is unpowered (VCC = 0V), or in SHDN, regardless of the state of the 485/232 pin.
13. The Slew pin has a pull-up resistor that enables only when in RS-485 mode (485/232 = VCC).
14. ON, RXEN, and DEN all simultaneously switched Low-to-High.
15. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested.
Electrical Specifications
Test Conditions: VCC = 3.15V to 3.45V, C1 to C4 = 0.1µF, VL = VCC (for QFN only), Unless Otherwise Specified.
Typicals are at VCC = 3.3V, TA = +25°C (Note 9) (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP
(°C)
MIN
(Note 15)
TYP
MAX
(Note 15) UNITS
ISL3330, ISL3331


Numéro de pièce similaire - ISL3330IAZ-T

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL3330IAZ-T INTERSIL-ISL3330IAZ-T Datasheet
947Kb / 25P
   3.3V, ±15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
May 20, 2008
logo
Renesas Technology Corp
ISL3330IAZ-T RENESAS-ISL3330IAZ-T Datasheet
1Mb / 25P
   3.3V, 짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
More results

Description similaire - ISL3330IAZ-T

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL3330 RENESAS-ISL3330 Datasheet
1Mb / 25P
   3.3V, 짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL81387 INTERSIL-ISL81387 Datasheet
1Mb / 27P
   짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
logo
Renesas Technology Corp
ISL33334E RENESAS-ISL33334E Datasheet
1Mb / 23P
   3.3V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
ISL81387 RENESAS-ISL81387 Datasheet
1Mb / 27P
   짹15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL81387 INTERSIL-ISL81387_07 Datasheet
998Kb / 27P
   짹15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
logo
Renesas Technology Corp
ISL3332 RENESAS-ISL3332 Datasheet
1Mb / 26P
   3.3V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL3332 INTERSIL-ISL3332 Datasheet
951Kb / 26P
   3.3V, 짹15kV ESD Protected, Two Port, Dua Protocol RS-232/RS-485 Transceivers
ISL3330IAZ INTERSIL-ISL3330IAZ Datasheet
947Kb / 25P
   3.3V, ±15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
May 20, 2008
logo
Renesas Technology Corp
ISL33354E RENESAS-ISL33354E Datasheet
1Mb / 23P
   5V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL81334 INTERSIL-ISL81334_07 Datasheet
1,006Kb / 28P
   짹15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com