Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL54214IRTZ-T Fiches technique(PDF) 10 Page - Intersil Corporation

No de pièce ISL54214IRTZ-T
Description  USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T Dual 3-to-1 Multiplexer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54214IRTZ-T Fiches technique(HTML) 10 Page - Intersil Corporation

Back Button ISL54214IRTZ-T Datasheet HTML 6Page - Intersil Corporation ISL54214IRTZ-T Datasheet HTML 7Page - Intersil Corporation ISL54214IRTZ-T Datasheet HTML 8Page - Intersil Corporation ISL54214IRTZ-T Datasheet HTML 9Page - Intersil Corporation ISL54214IRTZ-T Datasheet HTML 10Page - Intersil Corporation ISL54214IRTZ-T Datasheet HTML 11Page - Intersil Corporation ISL54214IRTZ-T Datasheet HTML 12Page - Intersil Corporation ISL54214IRTZ-T Datasheet HTML 13Page - Intersil Corporation ISL54214IRTZ-T Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
ISL54214
10
FN6816.3
June 28, 2010
Application Block Diagrams
Detailed Description
The ISL54214 device consists of dual SP3T (single
pole/triple throw) analog switches. It operates from a
single DC power supply in the range of 2.7V to 4.6V. It
was designed to function as differential 3 to 1
multiplexer to select between two different USB
differential data signals and audio L and R stereo
signals. Its offered in tiny µTQFN and TQFN packages
for use in MP3 players, PDAs, cellphones, and other
personal media players.
A device consists of two 2.3Ω audio switches and four
6.2Ω USB switches. The audio switches can accept
signals that swing below ground. They were designed
to pass audio left and right stereo signals, that are
ground referenced, with minimal distortion. The USB
switches were designed to pass high-speed USB
differential data signals with minimal edge and phase
distortion.
The ISL54214 was specifically designed for MP3
players, personal media players and cellphone
applications that need to combine the stereo audio and
USB channels into a single shared connector, thereby
saving space and component cost. The Typical
application block diagram of this functionality is
previously shown.
The ISL54214 contains two logic control pins (C1 and
C0) that determine the state of the device. The part
has the following five states or modes of operation: All
SWITCHES OFF; USB1; USB2; Audio; and Audio Mute.
These states are discussed in detail in “Logic Control”
on page 11.
A detailed description of the various types of switches
is provided in the following sections.
Audio Switches
The two audio switches (L, R) are 2.3Ω switches that
can pass signals that swing below ground.
Over a signal range of ±1V (0.707VRMS) with VDD >
2.7V, these switches have an extremely low rON
resistance variation. They can pass ground referenced
audio signals with very low distortion (<0.05%
THD+N) when delivering 15.6mW into a 32Ω
headphone speaker load. See Figures 16, 17, 18, 19
and 20 THD+N performance curves.
Crosstalk between the L and R audio switches over the
frequency range of 20Hz to 20kHz when driving a 32Ω
load is < -88dB. These switches have excellent
off-isolation > 105dB over the audio band when
connected to 32Ω loads and 77dB when connected to
20kΩ loads (In Audio Mute mode). See Figures 21 and
22 in “Typical Performance Curves” section.
The audio drivers should be connected at the L and R
side of the switch (pins 2 and 3) and the speaker loads
should be connected at the COM side of the switch
(pins 7 and 8).
The audio switches are active (turned ON) whenever
the C1 and C0 logic pins are logic “1” (High).
USB Switches
The four USB switches (1D+, 1D-, 2D+, 2D-) are
6.2Ω bidirectional switches that were specifically
designed to pass high-speed USB differential data
signals in the range of 0V to 400mV. The switches
have low capacitance and high bandwidth to pass USB
high-speed signals (480Mbps) with minimum edge and
phase distortion to meet USB 2.0 signal quality
specifications. See Figures 23 and 24 for the high-speed
eye pattern taken with the switch in the signal path.
ISL54214
USB
TRANSCEIVER
HIGH-SPEED
AUDIO
COM -
COM +
C1
GND
1D+
1D-
R
L
VDD
C0
LOGIC CONTROL
µCONTROLLER
CODEC
VBUS
3.3V
2D-
USB
4MΩ
50kΩ
HIGH-SPEED
TRANSCEIVER
2D+
50kΩ
# 2
# 1
1kΩ
1kΩ
OR UART
TRANSCEIVER
ISL54214


Numéro de pièce similaire - ISL54214IRTZ-T

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL54214IRTZ-T INTERSIL-ISL54214IRTZ-T Datasheet
1Mb / 22P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3 to 1 Multiplexer)
June 28, 2010
logo
Renesas Technology Corp
ISL54214IRTZ-T RENESAS-ISL54214IRTZ-T Datasheet
1Mb / 22P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3 to 1 Multiplexer)
More results

Description similaire - ISL54214IRTZ-T

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL54214IRUZ-T INTERSIL-ISL54214IRUZ-T Datasheet
1Mb / 22P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3 to 1 Multiplexer)
June 28, 2010
logo
Renesas Technology Corp
ISL54217 RENESAS-ISL54217 Datasheet
1Mb / 24P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3-to-1 Multiplexer)
logo
Intersil Corporation
ISL54217IRUZ-T INTERSIL-ISL54217IRUZ-T Datasheet
1Mb / 24P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3-to-1 Multiplexer)
June 17, 2010
ISL54217 INTERSIL-ISL54217 Datasheet
1Mb / 24P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T Dual 3-to-1 Multiplexer
logo
Renesas Technology Corp
ISL54214 RENESAS-ISL54214 Datasheet
1Mb / 22P
   USB 2.0 High-Speed x 2 Channels/Stereo Audio Dual SP3T (Dual 3 to 1 Multiplexer)
logo
Intersil Corporation
ISL54217 INTERSIL-ISL54217_09 Datasheet
1Mb / 21P
   USB 2.0 High-Speed x 2Channels/Stereo Audio Dual SP3T (Dual 3-to-1 Multiplexer)
ISL54216 INTERSIL-ISL54216 Datasheet
971Kb / 17P
   USB 2.0 High-Speed/UART Dual SP3T (Dual 3 to 1 Multiplexer)
logo
Renesas Technology Corp
ISL54216 RENESAS-ISL54216 Datasheet
1Mb / 17P
   USB 2.0 High-Speed/UART Dual SP3T (Dual 3 to 1 Multiplexer)
logo
Fairchild Semiconductor
FSUSB63 FAIRCHILD-FSUSB63 Datasheet
1Mb / 3P
   3:1 High-Speed USB 2.0 Switch / Multiplexer
logo
ON Semiconductor
FSUSB63 ONSEMI-FSUSB63 Datasheet
874Kb / 11P
   3:1 High-Speed USB 2.0 Switch / Multiplexer
December-2017, Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com