Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL54206AIRTZ-T Fiches technique(PDF) 1 Page - Intersil Corporation

No de pièce ISL54206AIRTZ-T
Description  MP3/USB 2.0 High Speed Switch with Negative Signal Handling
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54206AIRTZ-T Fiches technique(HTML) 1 Page - Intersil Corporation

  ISL54206AIRTZ-T Datasheet HTML 1Page - Intersil Corporation ISL54206AIRTZ-T Datasheet HTML 2Page - Intersil Corporation ISL54206AIRTZ-T Datasheet HTML 3Page - Intersil Corporation ISL54206AIRTZ-T Datasheet HTML 4Page - Intersil Corporation ISL54206AIRTZ-T Datasheet HTML 5Page - Intersil Corporation ISL54206AIRTZ-T Datasheet HTML 6Page - Intersil Corporation ISL54206AIRTZ-T Datasheet HTML 7Page - Intersil Corporation ISL54206AIRTZ-T Datasheet HTML 8Page - Intersil Corporation ISL54206AIRTZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1
MP3/USB 2.0 High Speed Switch with Negative
Signal Handling
ISL54206A
The Intersil ISL54206A dual SPDT (Single Pole/Double
Throw) switches combine low distortion audio and
accurate USB 2.0 high speed data (480Mbps) signal
switching in the same low voltage device. When operated
with a 2.7V to 3.6V single supply, these analog switches
allow audio signal swings below-ground, allowing the use
of a common USB and audio headphone connector in
Personal Media Players and other portable battery
powered devices.
The ISL54206A logic control pins are 1.8V compatible,
which allows for control via a standard µcontroller. With a
VDD voltage in the range of 2.7V to 3.6V, the IN pin
voltage can exceed the VDD rail allowing for the USB 5V
VBUS voltage from a computer to directly drive the IN pin
to switch between the audio and USB signal sources in
the portable device. The part has an audio enable control
pin to open all the switches and put the part in a low
power state.
The ISL54206A is available in a small 10 Ld
2.1mmx1.6mm ultra-thin µTQFN package and a 10 Ld
3mmx3mm TDFN package. It operates over a
temperature range of -40°C to +85°C.
Features
• High Speed (480Mbps) and Full Speed (12Mbps)
Signaling Capability per USB 2.0
• Low Distortion Negative Signal Capability
• Control Pin to Open all Switches and Enter Low
Power State
• Low Distortion Headphone Audio Signals
-THD+N at 20mW into 32Ω Load. . . . . . . <0.1%
• Cross-talk Audio Channels (20Hz to 20kHz) . . -110dB
• Single Supply Operation (VDD) . . . . . 2.5V to 5.5V
• -3dB Bandwidth USB Switches. . . . . . . . . 630MHz
• Available in µTQFN and TDFN Packages
• Pb-Free (RoHS Compliant)
• Compliant with USB 2.0 Short Circuit Requirements
Without Additional External Components
Applications*(see page 17)
• MP3 and Other Personal Media Players
• Cellular/Mobile Phones
•PDA’s
• Audio/USB Switching
Related Literature*(see page 17)
• Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
(SMDs)”.
• Application Note AN1337 “ISL54206AEVAL1Z
Evaluation Board User’s Manual”.
Application Block Diagram
ISL54206A
USB
TRANSCEIVER
HIGH-SPEED
CODEC
COM-
COM+
IN
GND
D-
D+
L
R
VDD
CTRL
µCONTROLLER
4MΩ
VBUS
LOGIC
NOTE: The L and R 50kΩ resistors to ground are not shown.
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2007, 2010. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
September 30, 2010
FN6515.2


Numéro de pièce similaire - ISL54206AIRTZ-T

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL54206AIRTZ-T INTERSIL-ISL54206AIRTZ-T Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54206AIRTZ-T INTERSIL-ISL54206AIRTZ-T Datasheet
1Mb / 20P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54206AIRTZ-T RENESAS-ISL54206AIRTZ-T Datasheet
1Mb / 20P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
More results

Description similaire - ISL54206AIRTZ-T

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL54206 INTERSIL-ISL54206 Datasheet
342Kb / 13P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54205B RENESAS-ISL54205B Datasheet
1Mb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Intersil Corporation
ISL54205B INTERSIL-ISL54205B Datasheet
706Kb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54212 INTERSIL-ISL54212 Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54206 RENESAS-ISL54206 Datasheet
751Kb / 13P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54206A RENESAS-ISL54206A Datasheet
1Mb / 20P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54212 RENESAS-ISL54212 Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Intersil Corporation
ISL54206A_1010 INTERSIL-ISL54206A_1010 Datasheet
1Mb / 20P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54205A INTERSIL-ISL54205A Datasheet
357Kb / 14P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com