Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL35411DRZ-T7 Fiches technique(PDF) 7 Page - Intersil Corporation

No de pièce ISL35411DRZ-T7
Description  Quad Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL35411DRZ-T7 Fiches technique(HTML) 7 Page - Intersil Corporation

Back Button ISL35411DRZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL35411DRZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL35411DRZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL35411DRZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL35411DRZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL35411DRZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL35411DRZ-T7 Datasheet HTML 9Page - Intersil Corporation ISL35411DRZ-T7 Datasheet HTML 10Page - Intersil Corporation ISL35411DRZ-T7 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
ISL35411
7
FN6971.1
March 25, 2010
Adjustable De-emphasis
ISL35411 features a settable de-emphasis driver for
custom signal restoration.
The voltages at the DE pins are used to determine the
de-emphasis levels of each 2-channel group – from 0dB
to 4dB in 0.5dB increments. For each two of the four
channels the [A] and [B] control pins DE[k] are
associated with a non binary word. [A] and [B] can take
one of three different values: ‘LOW’, ‘MIDDLE’, or ‘HIGH’.
This is achieved by leaving the DE pins floating or
connecting them either to VDD or GND through 0Ω
resistors. Table 1 defines the mapping from the 2-bit DE
word to the 7 possible de-emphasis levels.
Line Silence/Quiescent Mode
The ISL35411 is capable of maintaining periods of line
silence by monitoring its input pins for loss of signal
(LOS) conditions and subsequently muting the output
drivers when such a condition is detected. A reference
voltage applied to the detection threshold DT[k] pins is
used to set the LOS threshold of the internal signal
detection circuitry. For most applications, it is
recommended to leave the DT pin floating at its default
internal bias. If the sensitivity of the detection threshold
needs to be adjusted, the DT voltage can be adjusted
with an external pull-up resistor. The resistor values
should be validated on an application-specific basis.
Connect the DT pin to ground in order to disable this
feature and prevent the outputs from muting during line
silence.
PCB Layout Considerations
Because of the high speed of the ISL35411 signals,
careful PCB layout is critical to maximize performance.
The following guidelines should be adhered to as closely
as possible:
• All high speed differential pair traces should have a
characteristic impedance of 50Ω with respect to
ground plane and 100Ω with respect to each other.
• Avoid using vias for high speed traces as this will
create discontinuity in the traces’ characteristic
impedance.
• Input and output traces need to have DC blocking
capacitors (100nF). Capacitors should be placed as
close to the chip as possible.
• For each differential pair, the positive trace and the
negative trace need to be of the same length in order
to avoid intra-pair skew. A Serpentine technique may
be used to match trace lengths.
• Maintain a constant solid ground plane underneath
the high-speed differential traces.
• Each VDD pin should be connected to 1.2V and also
bypassed to ground through a 10nF and a 100pF
capacitor in parallel. Minimize the trace length and
avoid vias between the VDD pin and the bypass
capacitors in order to maximize the power supply
noise rejection.
• If 4 channels of the device are set to the same boost,
then the quantity of CP resistors can be reduced by
tying both CP pins together.
Signal
Detector
IN[P]
IN[N]
DT
OUT[N]
OUT[P]
Adjustable
De-Emphasis
Limiting
Amplifier
Output
Driver
Pre-
Driver
TDSBL
FIGURE 4. FUNCTIONAL DIAGRAM OF A SINGLE CHANNEL WITHIN THE ISL35411
TABLE 1. MAPPING BETWEEN DE-EMPHASIS LEVEL
AND DE-PIN CONNECTIVITY
DE PIN
CONNECTION
NOMINAL
DE-EMPHASIS LEVEL;
10.3125Gbps TO
11.1Gbps (dB)
DE-EMPHASIS
SETTING
DE[A]
DE[B]
Open
Open
0
0
Open
GND
0.6
1
Open
VDD
1.1
2
GND
Open
1.6
3
GND
GND
2.3
4
GND
VDD
3
5
VDD
Open
4
6


Numéro de pièce similaire - ISL35411DRZ-T7

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL35411DRZ-T7 RENESAS-ISL35411DRZ-T7 Datasheet
845Kb / 12P
   Quad Driver
More results

Description similaire - ISL35411DRZ-T7

FabricantNo de pièceFiches techniqueDescription
logo
Micrel Semiconductor
SY10E112 MICREL-SY10E112 Datasheet
62Kb / 4P
   QUAD DRIVER
logo
Hitachi Semiconductor
HA13007 HITACHI-HA13007 Datasheet
93Kb / 5P
   QUAD DRIVER
logo
ON Semiconductor
NCV7601 ONSEMI-NCV7601 Datasheet
55Kb / 8P
   Quad Driver
February, 2003 - Rev. 2
logo
National Semiconductor ...
F100112 NSC-F100112 Datasheet
112Kb / 4P
   Quad Driver
logo
Renesas Technology Corp
ISL35411 RENESAS-ISL35411 Datasheet
845Kb / 12P
   Quad Driver
logo
ON Semiconductor
NCV7601 ONSEMI-NCV7601_06 Datasheet
66Kb / 6P
   Quad Driver
April, 2006 ??Rev. 4
MC10E112 ONSEMI-MC10E112 Datasheet
99Kb / 4P
   QUAD DRIVER
1996 REV 2
logo
Micrel Semiconductor
SY100S313 MICREL-SY100S313_07 Datasheet
79Kb / 4P
   QUAD DRIVER
SY100S313 MICREL-SY100S313 Datasheet
97Kb / 5P
   QUAD DRIVER
logo
ON Semiconductor
MC10192 ONSEMI-MC10192_02 Datasheet
86Kb / 4P
   Quad Bus Driver
January, 2002 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com