Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CC2510FX Fiches technique(PDF) 24 Page - Texas Instruments

No de pièce CC2510FX
Description  Low-Power SoC (System-on-Chip) with MCU, Memory, 2.4 GHz RF Transceiver, and USB Controller
Download  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CC2510FX Fiches technique(HTML) 24 Page - Texas Instruments

Back Button CC2510FX_10 Datasheet HTML 20Page - Texas Instruments CC2510FX_10 Datasheet HTML 21Page - Texas Instruments CC2510FX_10 Datasheet HTML 22Page - Texas Instruments CC2510FX_10 Datasheet HTML 23Page - Texas Instruments CC2510FX_10 Datasheet HTML 24Page - Texas Instruments CC2510FX_10 Datasheet HTML 25Page - Texas Instruments CC2510FX_10 Datasheet HTML 26Page - Texas Instruments CC2510FX_10 Datasheet HTML 27Page - Texas Instruments CC2510FX_10 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 244 page
background image
CC2510Fx / CC2511Fx
SWRS055F
Page 24 of 241
6.13 Debug Interface AC Characteristics
TA = 25°C, VDD = 3.0 V if nothing else stated. All measurement results are obtained using the
CC2510EM reference designs ([1]).
Parameter
Min
Typ
Max
Unit
Condition/Note
Debug clock period
125
ns
See item 1, Figure 6
Note:
CLKCON.CLKSPD must be 000 or 001 when using the
debug interface
Debug data setup
5
ns
See item 2, Figure 6
Debug data hold
5
ns
See item 3, Figure 6
Clock to data delay
10
ns
See item 4, Figure 6, load = 10 pF
RESET_N inactive
after P2_2 rising
10
ns
See item 5, Figure 6
Table 21: Debug Interface AC Characteristics
1
3
2
DEBUG CLK
P2_2
DEBUG DATA
P2_1
DEBUG DATA
P2_1
4
5
RESET_N
Figure 6: Debug Interface AC Characteristics
6.14 Port Outputs AC Characteristics
TA = 25°C, VDD = 3.0 V if nothing else stated. All measurement results are obtained using the
CC2510EM reference designs ([1]).
Parameter
Min
Typ
Max
Unit
Condition/Note
P0_[0:7], P1_[2:7],
P2_[0:4] Port output
rise time
(IOCFG1.GDO_DS=0 /
IOCFG1.GDO_DS=1)
3.15 / 1.34
ns
Load = 10 pF
Timing is with respect to 10% VDD and 90% VDD levels.
Values are estimated
P0_[0:7], P1_[2:7],
P2_[0:4] Port output
fall time
(IOCFG1.GDO_DS=0 /
IOCFG1.GDO_DS=1)
3.2 / 1.44
ns
Load = 10 pF
Timing is with respect to 90% VDD and 10% VDD.
Values are estimated
Table 22: Port Outputs AC Characteristics


Numéro de pièce similaire - CC2510FX_10

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CC2510FX TI1-CC2510FX_16 Datasheet
3Mb / 245P
[Old version datasheet]   Low-Power SoC (System-on-Chip)
More results

Description similaire - CC2510FX_10

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CC2510F8RHHR TI-CC2510F8RHHR Datasheet
3Mb / 244P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, 2.4 GHz RF Transceiver, and USB Controller
CC2510F16 TI1-CC2510F16 Datasheet
2Mb / 244P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, 2.4 GHz RF Transceiver, and USB Controller
CC2510FX TI-CC2510FX Datasheet
2Mb / 242P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, 2.4 GHz RF Transceiver, and USB Controller
CC2510 TI-CC2510_15 Datasheet
3Mb / 245P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory,2.4 GHz RF Transceiver, and USB Controller
CC1110FX TI-CC1110FX Datasheet
2Mb / 243P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
CC1110FX TI-CC1110FX_08 Datasheet
3Mb / 245P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
CC1110F16 TI1-CC1110F16 Datasheet
3Mb / 247P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
CC1110F8RHHR TI1-CC1110F8RHHR Datasheet
3Mb / 249P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
CC1110FX TI-CC1110FX_10 Datasheet
3Mb / 247P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
CC1110F32RHHR TI1-CC1110F32RHHR Datasheet
3Mb / 249P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com