Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CC2510FX Fiches technique(PDF) 75 Page - Texas Instruments

No de pièce CC2510FX
Description  Low-Power SoC (System-on-Chip) with MCU, Memory, 2.4 GHz RF Transceiver, and USB Controller
Download  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CC2510FX Fiches technique(HTML) 75 Page - Texas Instruments

Back Button CC2510FX_10 Datasheet HTML 71Page - Texas Instruments CC2510FX_10 Datasheet HTML 72Page - Texas Instruments CC2510FX_10 Datasheet HTML 73Page - Texas Instruments CC2510FX_10 Datasheet HTML 74Page - Texas Instruments CC2510FX_10 Datasheet HTML 75Page - Texas Instruments CC2510FX_10 Datasheet HTML 76Page - Texas Instruments CC2510FX_10 Datasheet HTML 77Page - Texas Instruments CC2510FX_10 Datasheet HTML 78Page - Texas Instruments CC2510FX_10 Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 244 page
background image
CC2510Fx / CC2511Fx
SWRS055F
Page 75 of 241
between
setting
SLEEP.MODE≠00
and
asserting PCON.IDLE should be as short as
possible. The SLEEP.MODE will be cleared to
00 by HW when power mode is entered, thus
interrupts are enabled during power modes. All
interrupts not to be used to wake up from
power modes must be disabled before setting
SLEEP.MODE≠00.
It should be noted that after enabling the HS
XOSC (CLKCON.OSC=0) one has to ensure
that
the
HS
XOSC
is
stable
(SLEEP.XOSC_STB=1)
before
entering
PM{1 - 3}.
If
the
low
power
RCOSC
is
enabled
(CLKCON.OSC32K=1) and the HS XOSC is
selected as clock source for the system clock,
the time between succeeding PM{1 - 3} modes
(i.e. the time in active mode) must be larger
than the startup time for the HS XOSC (see
Table 11 and Table 12) plus the initial
calibration time for the low power RCOSC
(Table 14).
12.1.4
Power Management Registers
This section describes the Power Management
registers. All register bits retain their previous
values when entering PM2 or PM3 unless
otherwise stated.
PCON (0x87) - Power Mode Control
Bit
Field Name
Reset
R/W
Description
7:2
0
R/W
Not used
1
0
R0/W1
Reserved. Must be set to 0. Failure to do so will stop CPU from operating.
0
IDLE
0
R0/W1
H0
Power mode control. Writing a 1 to this bit forces
CC2510Fx/CC2511Fx to enter the
power mode set by SLEEP.MODE. This bit is always read as 0.
All interrupt requests will clear this bit and
CC2510Fx/CC2511Fx will reenter active
mode.
Note: See Section 12.1.3 for details on how this bit should be used.


Numéro de pièce similaire - CC2510FX_10

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CC2510FX TI1-CC2510FX_16 Datasheet
3Mb / 245P
[Old version datasheet]   Low-Power SoC (System-on-Chip)
More results

Description similaire - CC2510FX_10

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CC2510F8RHHR TI-CC2510F8RHHR Datasheet
3Mb / 244P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, 2.4 GHz RF Transceiver, and USB Controller
CC2510F16 TI1-CC2510F16 Datasheet
2Mb / 244P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, 2.4 GHz RF Transceiver, and USB Controller
CC2510FX TI-CC2510FX Datasheet
2Mb / 242P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, 2.4 GHz RF Transceiver, and USB Controller
CC2510 TI-CC2510_15 Datasheet
3Mb / 245P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory,2.4 GHz RF Transceiver, and USB Controller
CC1110FX TI-CC1110FX Datasheet
2Mb / 243P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
CC1110FX TI-CC1110FX_08 Datasheet
3Mb / 245P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
CC1110F16 TI1-CC1110F16 Datasheet
3Mb / 247P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
CC1110F8RHHR TI1-CC1110F8RHHR Datasheet
3Mb / 249P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
CC1110FX TI-CC1110FX_10 Datasheet
3Mb / 247P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
CC1110F32RHHR TI1-CC1110F32RHHR Datasheet
3Mb / 249P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com