Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CC2510FX Fiches technique(PDF) 58 Page - Texas Instruments

No de pièce CC2510FX
Description  Low-Power SoC (System-on-Chip) with MCU, Memory, 2.4 GHz RF Transceiver, and USB Controller
Download  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CC2510FX Fiches technique(HTML) 58 Page - Texas Instruments

Back Button CC2510FX_10 Datasheet HTML 54Page - Texas Instruments CC2510FX_10 Datasheet HTML 55Page - Texas Instruments CC2510FX_10 Datasheet HTML 56Page - Texas Instruments CC2510FX_10 Datasheet HTML 57Page - Texas Instruments CC2510FX_10 Datasheet HTML 58Page - Texas Instruments CC2510FX_10 Datasheet HTML 59Page - Texas Instruments CC2510FX_10 Datasheet HTML 60Page - Texas Instruments CC2510FX_10 Datasheet HTML 61Page - Texas Instruments CC2510FX_10 Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 244 page
background image
CC2510Fx / CC2511Fx
SWRS055F
Page 58 of 241
4. Enable global interrupt by setting the
IEN0.EA=1
5. Begin the interrupt service routine at the
corresponding vector address of that
interrupt. See
Table
39
for
addresses
Interrupt
Number
Description
Interrupt
Name
Interrupt
Vector
CPU Interrupt
Mask
CPU Interrupt Flag
0
RF TX done / RX ready
RFTXRX
0x03
IEN0.RFTXRXIE
TCON.RFTXRXIF10
1
ADC end of conversion
ADC
0x0B
IEN0.ADCIE
TCON.ADCIF10
2
USART0 RX complete
URX0
0x13
IEN0.URX0IE
TCON.URX0IF10
3
USART1 RX complete
(Note: I
2S RX complete, see Table
40
)
URX1
0x1B
IEN0.URX1IE
TCON.URX1IF10
4
AES encryption/decryption
complete
ENC
0x23
IEN0.ENCIE
S0CON.ENCIF
5
Sleep Timer compare
ST
0x2B
IEN0.STIE
IRCON.STIF11
6
Port 2 inputs
(Note: Also used for USB on
CC2511Fx,, see Table 40)
P2INT
0x33
IEN2.P2IE
IRCON2.P2IF11
7
USART0 TX complete
UTX0
0x3B
IEN2.UTX0IE
IRCON2.UTX0IF
8
DMA transfer complete
DMA
0x43
IEN1.DMAIE
IRCON.DMAIF
9
Timer 1 (16-bit)
capture/Compare/overflow
T1
0x4B
IEN1.T1IE
IRCON.T1IF10,11
10
Timer 2 (MAC Timer) overflow
T2
0x53
IEN1.T2IE
IRCON.T2IF10, 11
11
Timer 3 (8-bit) compare/overflow
T3
0x5B
IEN1.T3IE
IRCON.T3IF10, 11
12
Timer 4 (8-bit) compare/overflow
T4
0x63
IEN1.T4IE
IRCON.T4IF10, 11
13
Port 0 inputs
(Note: P0_7 interrupt used for USB
Resume interrupt on
CC2511Fx)
P0INT
0x6B
IEN1.P0IE
IRCON.P0IF11
14
USART1 TX complete
(Note: I
2S TX complete, see Table
40
)
UTX1
0x73
IEN2.UTX1IE
IRCON2.UTX1IF
15
Port 1 inputs
P1INT
0x7B
IEN2.P1IE
IRCON2.P1IF11
16
RF general interrupts
RF
0x83
IEN2.RFIE
S1CON.RFIF11
17
Watchdog overflow in timer mode
WDT
0x8B
IEN2.WDTIE
IRCON2.WDTIF
Table 39: Interrupts Overview
10 Cleared by HW when the CPU vectors to the ISR
11 Additional interrupt mask bits and/or interrupt flags found in the peripheral’s SFRs
Note: An interrupt must not be enabled
without having proper code located at the
corresponding interrupt vector address


Numéro de pièce similaire - CC2510FX_10

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CC2510FX TI1-CC2510FX_16 Datasheet
3Mb / 245P
[Old version datasheet]   Low-Power SoC (System-on-Chip)
More results

Description similaire - CC2510FX_10

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CC2510F8RHHR TI-CC2510F8RHHR Datasheet
3Mb / 244P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, 2.4 GHz RF Transceiver, and USB Controller
CC2510F16 TI1-CC2510F16 Datasheet
2Mb / 244P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, 2.4 GHz RF Transceiver, and USB Controller
CC2510FX TI-CC2510FX Datasheet
2Mb / 242P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, 2.4 GHz RF Transceiver, and USB Controller
CC2510 TI-CC2510_15 Datasheet
3Mb / 245P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory,2.4 GHz RF Transceiver, and USB Controller
CC1110FX TI-CC1110FX Datasheet
2Mb / 243P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
CC1110FX TI-CC1110FX_08 Datasheet
3Mb / 245P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
CC1110F16 TI1-CC1110F16 Datasheet
3Mb / 247P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
CC1110F8RHHR TI1-CC1110F8RHHR Datasheet
3Mb / 249P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
CC1110FX TI-CC1110FX_10 Datasheet
3Mb / 247P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
CC1110F32RHHR TI1-CC1110F32RHHR Datasheet
3Mb / 249P
[Old version datasheet]   Low-Power SoC (System-on-Chip) with MCU, Memory, Sub-1 GHz RF Transceiver, and USB Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com