Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MAX1358B Fiches technique(PDF) 46 Page - Maxim Integrated Products

No de pièce MAX1358B
Description  16-Bit, Data-Acquisition System with ADC, DACs, UPIOs, RTC, Voltage Monitors, and Temp Sensor
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MAXIM [Maxim Integrated Products]
Site Internet  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1358B Fiches technique(HTML) 46 Page - Maxim Integrated Products

Back Button MAX1358B Datasheet HTML 42Page - Maxim Integrated Products MAX1358B Datasheet HTML 43Page - Maxim Integrated Products MAX1358B Datasheet HTML 44Page - Maxim Integrated Products MAX1358B Datasheet HTML 45Page - Maxim Integrated Products MAX1358B Datasheet HTML 46Page - Maxim Integrated Products MAX1358B Datasheet HTML 47Page - Maxim Integrated Products MAX1358B Datasheet HTML 48Page - Maxim Integrated Products MAX1358B Datasheet HTML 49Page - Maxim Integrated Products MAX1358B Datasheet HTML 50Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 71 page
background image
16-Bit, Data-Acquisition System with ADC, DACs,
UPIOs, RTC, Voltage Monitors, and Temp Sensor
46
______________________________________________________________________________________
MSB
SEC31
SEC30
SEC29
SEC28
SEC27
SEC26
SEC25
SEC24
SEC23
SEC22
SEC21
SEC20
SEC19
SEC18
SEC17
SEC16
SEC15
SEC14
SEC13
SEC12
SEC11
SEC10
SEC9
SEC8
SEC7
SEC6
SEC5
SEC4
SEC3
SEC2
SEC1
SEC0
LSB
SUB7
SUB6
SUB5
SUB4
SUB3
SUB2
SUB1
SUB0
RTC Register (Power-On State: 0000 0000 0000 0000 0000 0000 0000 0000 0000 0000)
The RTC register stores the 40-bit second and subsec-
ond count of the respective time-of-day and system
clocks.
SEC<31:0>: The second bits store the time-of-day
clock settings. It is a 32-bit binary counter with 1s reso-
lution that can keep time for a span of over 136 years.
Firmware in the µC can translate this time count to units
that are meaningful to the system (i.e., translate to cal-
endar time or as an elapsed time from some predefined
time = 0, such as January 1, 2000). The RTC runs con-
tinuously as long as RTCE = 1 (see the
CLK_CNTL
Register section) and does not stop for reads or writes.
The counter increments when the subsecond counter
overflows. Set RWE = 1 to enable writing to the RTC
register. After writing to RWE, perform another write
and set RTCE = 1 to enable the RTC. A 40-bit burst
write operation, starting with SEC31 and finishing with
SUB0 is required to set the RTC second and subsec-
ond bits. If CS is brought high before the 40th rising
SCLK edge, the write is aborted and the RTC contents
are unchanged. The RTC register is loaded on the ris-
ing SCLK edge of the 40th bit (SUB0). A 40-bit burst
read operation, starting with SEC31 and finishing with
SUB0, is required to retrieve the current RTC second
and subsecond counts. The read command can be
aborted prior to receiving the 40th bit (SUB0) by raising
CS and any RTC data read to that point is valid. When
the read command is received, a snapshot of a valid
RTC second count is latched to avoid reading an erro-
neous, transitioning RTC value. Due to the asynchro-
nous nature of RTC reads, it is possible to have a
maximum 1s error between the actual and reported
times from the time-of-day clock. To prevent the data
from changing during a read operation, complete reads
of the RTC register in less than 1ms. The power-on
default state is 0000 0000 hex.
SUB<7:0>: The subsecond bits store the system clock.
This 8-bit binary counter has 3.9ms resolution (1/256Hz)
and a span of 1s. The subsecond counter increments in
single counts from 00 hex to FF hex before rolling over
again to 00 hex, at which time the RTC second counter
(SEC<31:0>) increments. The RTC runs continuously
(as long as RTCE = 1) and does not stop for reads or
writes. A 256Hz clock, derived from the 32kHz crystal,
increments this counter. Set the RWE = 1 bit to enable
writing to the RTC register. After writing to RWE, perform
another write, setting RTCE = 1, to enable the RTC. A
40-bit burst write operation, starting with SEC31 and fin-
ishing with SUB0, is required to set the RTC second and
subsecond bits. If CS is brought high before the 40th
rising SCLK edge, the write is aborted and the RTC con-
tents are unchanged. The RTC register is loaded on the
rising SCLK edge of the 40th bit (SUB0). A 40-bit burst
read operation, starting with SEC31 and finishing with
SUB0, is required to retrieve the current RTC second
and subsecond counts. The read command can be
aborted prior to receiving the 40th bit (SUB0) by raising
CS, and any RTC data read to that point is valid. When
the read command is received, a snapshot of a valid
RTC second count is latched to avoid reading an erro-
neous, transitioning RTC value. Due to the asynchro-
nous nature of RTC reads, it is possible to have a
maximum 1s error between the actual and reported
times from the time-of-day clock. To prevent the data
from changing during a read operation, complete reads
of the RTC registers occur in less than 1ms. The power-
on default state is 00 hex.


Numéro de pièce similaire - MAX1358B

FabricantNo de pièceFiches techniqueDescription
logo
Maxim Integrated Produc...
MAX135 MAXIM-MAX135 Datasheet
432Kb / 11P
   15-Bit ADC with Parallel Interface
19-4131; Rev 0; 9/91
MAX135C/D MAXIM-MAX135C/D Datasheet
432Kb / 11P
   15-Bit ADC with Parallel Interface
19-4131; Rev 0; 9/91
MAX135CPI MAXIM-MAX135CPI Datasheet
432Kb / 11P
   15-Bit ADC with Parallel Interface
19-4131; Rev 0; 9/91
MAX135CWI MAXIM-MAX135CWI Datasheet
432Kb / 11P
   15-Bit ADC with Parallel Interface
19-4131; Rev 0; 9/91
MAX135EPI MAXIM-MAX135EPI Datasheet
432Kb / 11P
   15-Bit ADC with Parallel Interface
19-4131; Rev 0; 9/91
More results

Description similaire - MAX1358B

FabricantNo de pièceFiches techniqueDescription
logo
Maxim Integrated Produc...
MAX11358B MAXIM-MAX11358B Datasheet
3Mb / 70P
   16-Bit Data-Acquisition System with ADC, DAC, UPIOs, RTC, Voltage Monitors, and Temp Sensor
Rev 0; 12/09
MAX11359A MAXIM-MAX11359A Datasheet
604Kb / 66P
   16-Bit Data-Acquisition System with ADC, DAC, UPIOs, RTC, Voltage Monitors, and Temp Sensor
Rev 0; 5/09
MAX11359A MAXIM-MAX11359A_12 Datasheet
678Kb / 67P
   16-Bit Data-Acquisition System with ADC, DAC, UPIOs, RTC, Voltage Monitors, and Temp Sensor
Rev 1; 1/12
MAX1329 MAXIM-MAX1329 Datasheet
3Mb / 78P
   12-/16-Bit DASs with ADC, DACs, DPIOs, APIOs, Reference, Voltage Monitors, and Temp Sensor
Rev 1; 10/08
logo
Analog Devices
AD7292 AD-AD7292 Datasheet
734Kb / 41P
   10-Bit Monitor and Control System with ADC,DACs, Temperature Sensor, and GPIOs
AD1362 AD-AD1362 Datasheet
431Kb / 8P
   16-Channel,12-Bit Data Acquisition System
REV. A
logo
API Technologies Corp
HS9403 APITECH-HS9403 Datasheet
3Mb / 4P
   16-Channel, 12-Bit Data Acquisition System
logo
Analog Devices
AD1362 AD-AD1362_15 Datasheet
437Kb / 8P
   16 Channel 12 Bit Data Acquisition System
REV. A
logo
Burr-Brown (TI)
ADS7870 BURR-BROWN-ADS7870 Datasheet
262Kb / 27P
   12-Bit ADC, MUX, PGA and Internal Reference DATA ACQUISITION SYSTEM
logo
Analog Devices
AD363 AD-AD363 Datasheet
682Kb / 8P
   Complete 16-Channel,12-Bit Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com