Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MAX1358B Fiches technique(PDF) 24 Page - Maxim Integrated Products

No de pièce MAX1358B
Description  16-Bit, Data-Acquisition System with ADC, DACs, UPIOs, RTC, Voltage Monitors, and Temp Sensor
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MAXIM [Maxim Integrated Products]
Site Internet  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1358B Fiches technique(HTML) 24 Page - Maxim Integrated Products

Back Button MAX1358B Datasheet HTML 20Page - Maxim Integrated Products MAX1358B Datasheet HTML 21Page - Maxim Integrated Products MAX1358B Datasheet HTML 22Page - Maxim Integrated Products MAX1358B Datasheet HTML 23Page - Maxim Integrated Products MAX1358B Datasheet HTML 24Page - Maxim Integrated Products MAX1358B Datasheet HTML 25Page - Maxim Integrated Products MAX1358B Datasheet HTML 26Page - Maxim Integrated Products MAX1358B Datasheet HTML 27Page - Maxim Integrated Products MAX1358B Datasheet HTML 28Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 71 page
background image
16-Bit, Data-Acquisition System with ADC, DACs,
UPIOs, RTC, Voltage Monitors, and Temp Sensor
24
______________________________________________________________________________________
PIN
NAME
FUNCTION
1
CLK
Clock Output. Default is 2.457MHz output clock for the µC.
2
UPIO2
User-Programmable Input/Output 2. See the UPIO2_CTRL Register section for functionality.
3
UPIO3
User-Programmable Input/Output 3. See the UPIO3_CTRL Register section for functionality.
4
UPIO4
User-Programmable Input/Output 4. See the UPIO4_CTRL Register section for functionality.
5
DOUT
Serial-Data Output. Data is clocked out on SCLK’s falling edge. High impedance when CS is high, when
UPIO/SPI pass-through mode is enabled, DOUT mirrors the state of UPIO1.
6
SCLK
Serial-Clock Input. Clocks data in and out of the serial interface.
7
DIN
Serial-Data Input. Data is clocked in on SCLK’s rising edge.
8
CS
Active-Low Chip-Select Input. Data is not clocked into DIN unless CS is low. When CS is high, DOUT is high
impedance. High impedance when CS is high; when UPIO/SPI pass-through mode is enabled, DOUT
mirrors the state of UPIO1.
9
INT
Programmable Active-High/Low Interrupt Output. ADC, UPIO wake-up, alarm, and voltage-monitor events.
10
CLK32K
32kHz Clock Input/Output. Outputs 32kHz clock for the µC. Can be programmed as an input by enabling
the IO32E bit to accept an external 32kHz input clock. The RTC, PWM, and watchdog timer always use the
internal 32kHz clock derived from the 32kHz crystal.
11
RESET
Active-Low, Open-Drain Reset Output. Remains low while DVDD is below the 1.8V voltage threshold and
stays low for a timeout period (tDSLP) after DVDD rises above the 1.8V threshold. RESET also pulses low
when the watchdog timer times out and holds low during POR until the 32kHz oscillator stabilizes.
12
32KOUT
32kHz Crystal Output. Connect an external 32kHz watch crystal between 32KIN and 32KOUT.
13
32KIN
32kHz Crystal Input. Connect an external 32kHz watch crystal between 32KIN and 32KOUT.
14
SNO1
Analog Switch 1 Normally Open Terminal. Analog input to mux.
15
SCM1
Analog Switch 1 Common Terminal. Analog input to mux.
16
SNC1
Analog Switch 1 Normally Closed Terminal. Analog input to mux (open on POR).
17
SNO2
Analog Switch 2 Normally Open Terminal. Analog input to mux.
18
SCM2
Analog Switch 2 Common Terminal. Analog input to mux (open on POR).
19
SNC2
Analog Switch 2 Normally Closed Terminal. Analog input to mux.
20
OUT1
Amplifier 1 Output. Analog input to mux.
21
IN1-
Amplifier 1 Inverting Input. Analog input to mux.
22
IN1+
Amplifier 1 Noninverting Input
Pin Description


Numéro de pièce similaire - MAX1358B

FabricantNo de pièceFiches techniqueDescription
logo
Maxim Integrated Produc...
MAX135 MAXIM-MAX135 Datasheet
432Kb / 11P
   15-Bit ADC with Parallel Interface
19-4131; Rev 0; 9/91
MAX135C/D MAXIM-MAX135C/D Datasheet
432Kb / 11P
   15-Bit ADC with Parallel Interface
19-4131; Rev 0; 9/91
MAX135CPI MAXIM-MAX135CPI Datasheet
432Kb / 11P
   15-Bit ADC with Parallel Interface
19-4131; Rev 0; 9/91
MAX135CWI MAXIM-MAX135CWI Datasheet
432Kb / 11P
   15-Bit ADC with Parallel Interface
19-4131; Rev 0; 9/91
MAX135EPI MAXIM-MAX135EPI Datasheet
432Kb / 11P
   15-Bit ADC with Parallel Interface
19-4131; Rev 0; 9/91
More results

Description similaire - MAX1358B

FabricantNo de pièceFiches techniqueDescription
logo
Maxim Integrated Produc...
MAX11358B MAXIM-MAX11358B Datasheet
3Mb / 70P
   16-Bit Data-Acquisition System with ADC, DAC, UPIOs, RTC, Voltage Monitors, and Temp Sensor
Rev 0; 12/09
MAX11359A MAXIM-MAX11359A Datasheet
604Kb / 66P
   16-Bit Data-Acquisition System with ADC, DAC, UPIOs, RTC, Voltage Monitors, and Temp Sensor
Rev 0; 5/09
MAX11359A MAXIM-MAX11359A_12 Datasheet
678Kb / 67P
   16-Bit Data-Acquisition System with ADC, DAC, UPIOs, RTC, Voltage Monitors, and Temp Sensor
Rev 1; 1/12
MAX1329 MAXIM-MAX1329 Datasheet
3Mb / 78P
   12-/16-Bit DASs with ADC, DACs, DPIOs, APIOs, Reference, Voltage Monitors, and Temp Sensor
Rev 1; 10/08
logo
Analog Devices
AD7292 AD-AD7292 Datasheet
734Kb / 41P
   10-Bit Monitor and Control System with ADC,DACs, Temperature Sensor, and GPIOs
AD1362 AD-AD1362 Datasheet
431Kb / 8P
   16-Channel,12-Bit Data Acquisition System
REV. A
logo
API Technologies Corp
HS9403 APITECH-HS9403 Datasheet
3Mb / 4P
   16-Channel, 12-Bit Data Acquisition System
logo
Analog Devices
AD1362 AD-AD1362_15 Datasheet
437Kb / 8P
   16 Channel 12 Bit Data Acquisition System
REV. A
logo
Burr-Brown (TI)
ADS7870 BURR-BROWN-ADS7870 Datasheet
262Kb / 27P
   12-Bit ADC, MUX, PGA and Internal Reference DATA ACQUISITION SYSTEM
logo
Analog Devices
AD363 AD-AD363 Datasheet
682Kb / 8P
   Complete 16-Channel,12-Bit Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71