Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5757x Fiches technique(PDF) 10 Page - Analog Devices

No de pièce AD5757x
Description  Quad Channel, 16-Bit, Serial Input, 4-20mA Output DAC, Dynamic Power Control, HART Connectivity
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5757x Fiches technique(HTML) 10 Page - Analog Devices

Back Button AD5757x Datasheet HTML 6Page - Analog Devices AD5757x Datasheet HTML 7Page - Analog Devices AD5757x Datasheet HTML 8Page - Analog Devices AD5757x Datasheet HTML 9Page - Analog Devices AD5757x Datasheet HTML 10Page - Analog Devices AD5757x Datasheet HTML 11Page - Analog Devices AD5757x Datasheet HTML 12Page - Analog Devices AD5757x Datasheet HTML 13Page - Analog Devices AD5757x Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
AD5757/AD5737
Preliminary Technical Data
Rev. PrD | Page 10 of 31
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 6. 64 LFCSP Pin Configuration
Table 6. Pin Function Descriptions
Pin No. Mnemonic
Description
1
RSET_B
An external, precision, low drift 15 kΩ current setting resistor can be connected to this pin to improve the
IOUT_B temperature drift performance. See the Features section.
2
RSET_A
An external, precision, low drift 15 kΩ current setting resistor can be connected to this pin to improve the
IOUT_Atemperature drift performance. See the Features section.
3
REFGND
Ground Reference Point for Internal Reference.
4
REFGND
Ground Reference Point for Internal Reference.
5
ADO
Address decode for the DUT on the board.
6
AD1
Address decode for the DUT on the board.
7
SYNC
Active Low Input. This is the frame synchronization signal for the serial interface. While SYNC is low, data is
transferred in on the falling edge of SCLK.
8
SCLK
Serial Clock Input. Data is clocked into the shift register on the rising edge of SCLK. This operates at clock
speeds of up to 30 MHz.
9
SDIN
Serial Data Input. Data must be valid on the falling edge of SCLK.
10
SDO
Serial Data Output. Used to clock data from the serial register in readback mode. See Figure 3 and Figure 4.
11
DVDD
Digital Supply Pin. Voltage ranges from 2.7 V to 5.5 V.
12
DGND
Digital Ground Pin.
13
LDAC
Load DAC. Active Low Input. This is used to update the DAC registers and consequently the analog
outputs. When tied permanently low the addressed DAC register is updated on the rising edge of SYNC. If
LDAC is held high during the write cycle the DAC input register is updated but the output update only
takes place at the falling edge of LDAC. See Figure 2. Using this mode all analog outputs can be updated
simultaneously. The LDAC pin must not be left unconnected.
14
CLEAR
Active High, Edge Sensitive Input. Asserting this pin sets the Output Current/Voltage to the pre-
programmed CLEAR CODE. Only channels enabled to be cleared will be cleared. See features section for
PIN 1
INDICATOR
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
SYNC
SCLK
SDIN
SDO
LDAC
FAULT
ALERT
DVDD
DGND
REFGND
AD0
GND_SWB
SWA
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
64 LFCSP
CLEAR
AVss
AGND
REFGND
AD1
AVCC
RSETA
RSETB
IOUTB
VBOOSTB
SWB
SWC
GND_SWA
SWD
VBOOSTC
IOUTC
COMPDCDC_C
GND_SWC
GND_SWD


Numéro de pièce similaire - AD5757x

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5757 AD-AD5757 Datasheet
1Mb / 44P
   Quad Channel, 16-Bit,Serial Input, 4 mA to 20 mA Output DAC, Dynamic Power Control
REV. A
AD5757 AD-AD5757 Datasheet
1Mb / 48P
   Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA
REV. B
AD5757 AD-AD5757 Datasheet
1Mb / 44P
   Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA Output
REV. B
AD5757ACPZ AD-AD5757ACPZ Datasheet
1Mb / 44P
   Quad Channel, 16-Bit,Serial Input, 4 mA to 20 mA Output DAC, Dynamic Power Control
REV. A
AD5757ACPZ-REEL7 AD-AD5757ACPZ-REEL7 Datasheet
1Mb / 44P
   Quad Channel, 16-Bit,Serial Input, 4 mA to 20 mA Output DAC, Dynamic Power Control
REV. A
More results

Description similaire - AD5757x

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5755-1 AD-AD5755-1 Datasheet
939Kb / 34P
   Quad Channel, 16-Bit, Serial Input, 4-20mA & Voltage Output DAC, Dynamic Power Control, HART Connectivity
Rev. PrD
AD5755 AD-AD5755 Datasheet
1Mb / 34P
   Quad Channel, 16-Bit, Serial Input, 4-20mA & Voltage Output DAC, Dynamic Power Control
Rev. PrG
AD5757 AD-AD5757_11 Datasheet
1Mb / 44P
   Quad Channel, 16-Bit,Serial Input, 4 mA to 20 mA Output DAC, Dynamic Power Control
REV. A
AD5755 AD-AD5755_11 Datasheet
2Mb / 48P
   Quad Channel, 16-Bit, Serial Input, 4 mA to 20 mA and Voltage Output DAC, Dynamic Power Control
REV. 0
AD5755-1 AD-AD5755-1_11 Datasheet
1Mb / 48P
   Quad Channel, 16-Bit,Serial Input, 4 mA to 20 mA and Voltage Output DAC,Dynamic Power Control
REV. A
AD5360 AD-AD5360 Datasheet
284Kb / 25P
   16-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
Rev. PrF
AD5421 AD-AD5421 Datasheet
2Mb / 22P
   16-Bit, Serial Input, Loop-Powered, 4mA to 20mA DAC
Rev.PrN
AD5360 AD-AD5360_15 Datasheet
624Kb / 29P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5360 AD-AD5360_08 Datasheet
825Kb / 28P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5361 AD-AD5361_15 Datasheet
624Kb / 29P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com