Moteur de recherche de fiches techniques de composants électroniques |
|
AD5735ACPZ Fiches technique(PDF) 3 Page - Analog Devices |
|
AD5735ACPZ Fiches technique(HTML) 3 Page - Analog Devices |
3 / 34 page Preliminary Technical Data AD5755/AD5735 Rev. PrG | Page 3 of 34 SPECIFICATIONS AVDD = 15V, AVSS = -15V, VBOOSTA,B,C,D = +10.8 V to +33 V, DVDD = AVCC = 2.7 V to 5.5 V, DCDC disabled, AGND = DGND = GNDSWA,B,C,D = 0 V, REFIN= +5, VOUT : RL = 1kΩ, CL = 220pF, IOUT : RL = 300Ω, all specifications TMIN to TMAX unless otherwise noted. Table 2. Parameter1 Min Typ Max Unit Test Conditions/Comments VOLTAGE OUTPUT Output Voltage Ranges 0 5 V 0 10 V AVDD needs to have min TBD V headroom on output. - 5 + 5 V -10 + 10 V AVDD/AVSS need to have min TBD V headroom on output. 0 6 V 0 12 V AVDD needs to have min TBD V headroom on output. -6 +6 V -12 +2 V AVDD/AVSS need to have min TBD V headroom on output. ACCURACY Resolution 16 Bits AD5755 12 Bits AD5735 Total Unadjusted Error (TUE) B Version −0.04 +0.04 % FSR −0.02 TBD +0.02 % FSR TA = 25°C A Version −0.25 +0.25 % FSR −0.075 TBD +0.075 % FSR TA = 25°C TUE TC2 ±3 ppm FSR/°C typ Relative Accuracy (INL) −0.006 +0.006 % FSR AD5755 −0.025 +0.025 % FSR AD5735 Differential Nonlinearity (DNL) −1 +1 LSB Guaranteed monotonic Bipolar Zero Error −TBD +TBD %FSR −0.008 TBD +0.008 %FSR TA = 25°C Bipolar Zero TC2 ±3 ppm FSR/°C Zero-Scale Error −TBD +TBD %FSR −0.016 TBD +0.016 %FSR TA = 25°C Zero-Scale TC2 ±3 ppm FSR/°C Gain Error −TBD +TBD % FSR −TBD TBD +TBD % FSR TA = 25°C Gain TC2 −TBD TBD +TBD ppm FSR/°C Full-Scale Error −TBD +TBD % FSR TA = 25°C −TBD TBD +TBD % FSR TA = 25°C Full-Scale TC2 −TBD TBD +TBD ppm FSR/°C OUTPUT CHARACTERISTICS2 Headroom 1 TBD V Output Voltage Drift vs. Time ±TB D ppm FSR Drift after 500 hours, TJ = 150°C (this is included in the TUE specifications) ±TB D ppm FSR Drift after 1000 hours, TJ = 150°C (this is included in the TUE specifications) Short-Circuit Current 15/8 mA Programmable by user, defaults to 15ma Typ level. Load 1 kΩ For specified performance Capacitive Load Stability |
Numéro de pièce similaire - AD5735ACPZ |
|
Description similaire - AD5735ACPZ |