Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRLML0040TRPBF Fiches technique(PDF) 2 Page - International Rectifier

No de pièce IRLML0040TRPBF
Description  HEXFET Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRLML0040TRPBF Fiches technique(HTML) 2 Page - International Rectifier

  IRLML0040TRPBF Datasheet HTML 1Page - International Rectifier IRLML0040TRPBF Datasheet HTML 2Page - International Rectifier IRLML0040TRPBF Datasheet HTML 3Page - International Rectifier IRLML0040TRPBF Datasheet HTML 4Page - International Rectifier IRLML0040TRPBF Datasheet HTML 5Page - International Rectifier IRLML0040TRPBF Datasheet HTML 6Page - International Rectifier IRLML0040TRPBF Datasheet HTML 7Page - International Rectifier IRLML0040TRPBF Datasheet HTML 8Page - International Rectifier IRLML0040TRPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRLML0040TRPbF
2
www.irf.com
D
S
G
Electric Characteristics @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
40
–––
–––
V
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.04
–––
V/°C
–––
44
56
–––
62
78
VGS(th)
Gate Threshold Voltage
1.0
1.8
2.5
V
IDSS
–––
–––
20
–––
–––
250
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
Gate-to-Source Reverse Leakage
–––
–––
-100
RG
Internal Gate Resistance
–––
1.1
–––
gfs
Forward Transconductance
6.2
–––
–––
S
Qg
Total Gate Charge
–––
2.6
3.9
Qgs
Gate-to-Source Charge
–––
0.7
–––
Qgd
Gate-to-Drain ("Miller") Charge
–––
1.4
–––
td(on)
Turn-On Delay Time
–––
5.1
–––
tr
Rise Time
–––
5.4
–––
td(off)
Turn-Off Delay Time
–––
6.4
–––
tf
Fall Time
–––
4.3
–––
Ciss
Input Capacitance
–––
266
–––
Coss
Output Capacitance
–––
49
–––
Crss
Reverse Transfer Capacitance
–––
29
–––
Source - Drain Ratings and Characteristics
Symbol
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
(Body Diode)
ISM
Pulsed Source Current
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
1.2
V
trr
Reverse Recovery Time
–––
10
–––
ns
Qrr
Reverse Recovery Charge
–––
9.3
–––
nC
Static Drain-to-Source On-Resistance
m
RDS(on)
VGS = 4.5V, ID = 2.9A d
di/dt = 100A/µs
d
VGS = 16V
VGS = -16V
TJ = 25°C, VR = 32V, IF = 1.3 A
MOSFET symbol
showing the
VDS = 20V
Conditions
VGS = 4.5V
VGS = 0V
VDS = 25V
ƒ = 1.0MHz
TJ = 25°C, IS = 1.3A, VGS = 0V d
integral reverse
p-n junction diode.
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 3.6A d
VDS = VGS, ID = 25µA
VDS = 40V, VGS = 0V
VDS = 40V, VGS = 0V, TJ = 125°C
Drain-to-Source Leakage Current
µA
VDS = 10V, ID = 3.6A
ID = 3.6A
nA
nC
ID = 1.0A
RG = 6.8 Ω
VGS = 4.5V d
VDD = 20V
ns
pF
A
1.3
15
–––
–––
–––
–––


Numéro de pièce similaire - IRLML0040TRPBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRLML0040TRPBF IRF-IRLML0040TRPBF Datasheet
197Kb / 10P
   HEXFETPower MOSFET Load/ System Switch
logo
ZP Semiconductor
IRLML0040TRPBF ZPSEMI-IRLML0040TRPBF Datasheet
262Kb / 2P
   HEXFETPower MOSFET
logo
VBsemi Electronics Co.,...
IRLML0040TRPBF VBSEMI-IRLML0040TRPBF Datasheet
1Mb / 9P
   N-Channel 30-V (D-S) MOSFET
More results

Description similaire - IRLML0040TRPBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com