Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC7678 Fiches technique(PDF) 9 Page - Texas Instruments

No de pièce DAC7678
Description  12-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output, Two-Wire Interface Digital-to-Analog Converter with 2.5V Internal Reference
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

DAC7678 Fiches technique(HTML) 9 Page - Texas Instruments

Back Button DAC7678_10 Datasheet HTML 5Page - Texas Instruments DAC7678_10 Datasheet HTML 6Page - Texas Instruments DAC7678_10 Datasheet HTML 7Page - Texas Instruments DAC7678_10 Datasheet HTML 8Page - Texas Instruments DAC7678_10 Datasheet HTML 9Page - Texas Instruments DAC7678_10 Datasheet HTML 10Page - Texas Instruments DAC7678_10 Datasheet HTML 11Page - Texas Instruments DAC7678_10 Datasheet HTML 12Page - Texas Instruments DAC7678_10 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
-1.00
-0.80
-0.60
-0.40
-0.20
0.00
0.20
0.40
0.60
0.80
1.00
0
512
1024
1536
2048
2560
3072
3584
4096
Digital Input Code
AV
= 5.5 V,
Internal Reference = 2.5 V,
Typical Channel Shown
DD
-0.25
-0.20
-0.15
-0.10
-0.05
0.00
0.05
0.10
0.15
0.20
0.25
0
512
1024
1536
2048
2560
3072
3584
4096
Digital Input Code
AV
= 5.5 V,
Internal Reference = 2.5 V,
Typical Channel Shown
DD
-40
-25
5
-10
35
50
80
95
125
T - Temperature -°C
-1.00
-0.80
-0.60
-0.40
-0.20
0.00
0.20
0.40
0.60
0.80
1.00
20
65
110
INL MAX
INL MIN
AV
= 5.5 V,
Internal Reference = 2.5 V
DD
-0.25
-0.20
-0.15
-0.10
-0.05
0.00
0.05
0.10
0.15
0.20
0.25
-40
-25
5
20
35
65
80
110
125
T - Temperature -°C
DNL MAX
DNL MIN
AV
= 5.5 V,
Internal Reference = 2.5 V
DD
-10
50
95
-4
-3
-2
-1
0
1
2
3
4
Ch A
Ch B
Ch C
Ch D
Ch E
Ch F
Ch G
Ch H
AV
= 5.5 V,
Internal Reference = 2.5 V
DD
-40
-25
-10
5
20
35
50
65
80
95
110
125
T - Temperature -°C
0.80
0.90
1.00
1.10
1.20
1.30
1.40
-40
-25
-10
5
20
35
50
65
80
95
110
125
T - Temperature -°C
AV
= 5.5 V,
External Reference = 5 V
DD
DAC7678
www.ti.com
SBAS493A – FEBRUARY 2010 – REVISED AUGUST 2010
TYPICAL CHARACTERISTICS: DAC at AVDD = 5.5 V (continued)
At TA = 25°C, external reference used, DAC output not loaded, and all DAC codes in straight binary data format, unless
otherwise noted
LINEARITY ERROR
DIFFERENTIAL LINEARITY ERROR
vs DIGITAL INPUT CODE (+125°C)
vs DIGITAL INPUT CODE (+125°C)
Figure 14.
Figure 15.
LINEARITY ERROR
DIFFERENTIAL LINEARITY ERROR
vs TEMPERATURE
vs TEMPERATURE
Figure 16.
Figure 17.
POWER SUPPLY CURRENT
OFFSET ERROR
vs TEMPERATURE
vs TEMPERATURE
Figure 18.
Figure 19.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): DAC7678


Numéro de pièce similaire - DAC7678_10

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC7678 TI1-DAC7678_14 Datasheet
1Mb / 53P
[Old version datasheet]   12-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output, Two-Wire Interface Digital-to-Analog Converter with 2.5V Internal Reference
More results

Description similaire - DAC7678_10

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC7678 TI1-DAC7678_14 Datasheet
1Mb / 53P
[Old version datasheet]   12-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output, Two-Wire Interface Digital-to-Analog Converter with 2.5V Internal Reference
DAC7565 TI-DAC7565 Datasheet
1Mb / 46P
[Old version datasheet]   12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
DAC7564 TI-DAC7564 Datasheet
1Mb / 46P
[Old version datasheet]   12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
DAC8165 TI1-DAC8165_15 Datasheet
750Kb / 47P
[Old version datasheet]   14-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output Digital-to-Analog Converter with 2.5V, 2ppmC Internal Reference
DAC8560 TI-DAC8560_15 Datasheet
1Mb / 33P
[Old version datasheet]   16-Bit, Ultra-Low Glitch, Voltage Output Digital-to-Analog Converter with 2.5V, 2ppm/째C Internal Reference
DAC5578 TI-DAC5578_10 Datasheet
3Mb / 55P
[Old version datasheet]   8-/10-/12-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output, Two-Wire Interface Digital-to-Analog Converters
DAC7568 TI-DAC7568 Datasheet
2Mb / 58P
[Old version datasheet]   12-/14-/16-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
logo
Burr-Brown (TI)
DAC8560 BURR-BROWN-DAC8560 Datasheet
995Kb / 29P
   16-Bit, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
logo
Texas Instruments
DAC7568_101 TI-DAC7568_101 Datasheet
2Mb / 60P
[Old version datasheet]   12-/14-/16-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
DAC7568 TI-DAC7568_10 Datasheet
2Mb / 58P
[Old version datasheet]   12-/14-/16-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com