Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74CBTLV3125DBQRE4 Fiches technique(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No de pièce 74CBTLV3125DBQRE4
Description  LOW-VOLTAGE QUADRUPLE GET BUS SWITCH
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

74CBTLV3125DBQRE4 Fiches technique(HTML) 2 Page - Texas Instruments

  74CBTLV3125DBQRE4 Datasheet HTML 1Page - Texas Instruments 74CBTLV3125DBQRE4 Datasheet HTML 2Page - Texas Instruments 74CBTLV3125DBQRE4 Datasheet HTML 3Page - Texas Instruments 74CBTLV3125DBQRE4 Datasheet HTML 4Page - Texas Instruments 74CBTLV3125DBQRE4 Datasheet HTML 5Page - Texas Instruments 74CBTLV3125DBQRE4 Datasheet HTML 6Page - Texas Instruments 74CBTLV3125DBQRE4 Datasheet HTML 7Page - Texas Instruments 74CBTLV3125DBQRE4 Datasheet HTML 8Page - Texas Instruments 74CBTLV3125DBQRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
SN74CBTLV3125
LOW VOLTAGE QUADRUPLE FET BUS SWITCH
SCDS037J − DECEMBER 1997 − REVISED OCTOBER 2003
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
FUNCTION TABLE
(each bus switch)
INPUT
OE
FUNCTION
L
A port = B port
H
Disconnect
logic diagram (positive logic)
1A
1OE
SW
1B
2A
2OE
SW
2B
3A
3OE
SW
3B
4A
4OE
SW
4B
2
1
5
4
3
6
9
10
12
13
8
11
Pin numbers shown are for the D, DGV, NS, PW, and RGY packages.
simplified schematic, each FET switch
A
(OE)
B


Numéro de pièce similaire - 74CBTLV3125DBQRE4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
74CBTLV3125DBQRE4 TI-74CBTLV3125DBQRE4 Datasheet
853Kb / 18P
[Old version datasheet]   LOW - voltage quadruple fet bus switch
74CBTLV3125DBQRE4 TI-74CBTLV3125DBQRE4 Datasheet
834Kb / 19P
[Old version datasheet]   Low-VOLTAGE QUADRUPLE FET BUS SWITCH
More results

Description similaire - 74CBTLV3125DBQRE4

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Device Techn...
IDT74CBTLV3125 IDT-IDT74CBTLV3125_14 Datasheet
165Kb / 5P
   LOW-VOLTAGE QUADRUPLE BUS SWITCH
IDT74CBTLV3126 IDT-IDT74CBTLV3126 Datasheet
96Kb / 5P
   LOW-VOLTAGE QUADRUPLE BUS SWITCH
logo
Renesas Technology Corp
IDT74CBTLV3125 RENESAS-IDT74CBTLV3125 Datasheet
331Kb / 6P
   LOW-VOLTAGE QUADRUPLE BUS SWITCH
DECEMBER 2014
IDT74CBTLV3126 RENESAS-IDT74CBTLV3126 Datasheet
264Kb / 6P
   LOW-VOLTAGE QUADRUPLE BUS SWITCH
JULY 2008
logo
Integrated Device Techn...
IDT74CBTLV3125 IDT-IDT74CBTLV3125 Datasheet
127Kb / 5P
   LOW-VOLTAGE QUADRUPLE BUS SWITCH
logo
Texas Instruments
SN74CBTLV3125 TI-SN74CBTLV3125 Datasheet
289Kb / 12P
[Old version datasheet]   LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
logo
Unisonic Technologies
U74CBTLV3126 UTC-U74CBTLV3126 Datasheet
211Kb / 7P
   LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
logo
Texas Instruments
SN74CBTLV3126 TI-SN74CBTLV3126_04 Datasheet
281Kb / 11P
[Old version datasheet]   LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
SN74CBTLV3126 TI-SN74CBTLV3126 Datasheet
80Kb / 6P
[Old version datasheet]   LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
logo
Unisonic Technologies
U74CBTLV3125 UTC-U74CBTLV3125 Datasheet
207Kb / 6P
   LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com