Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD-104466-001 Fiches technique(PDF) 1 Page - Molex Electronics Ltd.

No de pièce SD-104466-001
Description  2.00mm (.079") Pitch Wire-to-Board Crimp Terminal, Reel
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOLEX11 [Molex Electronics Ltd.]
Site Internet  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-104466-001 Fiches technique(HTML) 1 Page - Molex Electronics Ltd.

  SD-104466-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-104466-001 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 05/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1044668002
Status:
Active
Description:
2.00mm (.079") Pitch Wire-to-Board Crimp Terminal, Reel
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-104046-001 (PDF)
General
Product Family
Crimp Terminals
Series
104466
Crimp Quality Equipment
Yes
Product Name
N/A
Physical
Durability (mating cycles max)
30
Gender
Receptacle
Material - Metal
Phosphor Bronze
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Packaging Type
Reel
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
1.0mm max.
Wire Size AWG
28, 30
Wire Size mm²
N/A
Electrical
Current - Maximum per Contact
1A
Voltage - Maximum
250V AC (RMS)/DC
Material Info
Reference - Drawing Numbers
Product Specification
PS-104046-001
Sales Drawing
SD-104466-001
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
104466Series
Mates With
104046 PCB Header
Use With
104047 Crimp Housing
This document was generated on 05/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Numéro de pièce similaire - SD-104466-001

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
SD-104440-001 MOLEX11-SD-104440-001 Datasheet
96Kb / 3P
   2.00mm (.079") Pitch Crimp Terminal, Female, 24-30 AWG, Reel
SD-104441-001 MOLEX11-SD-104441-001 Datasheet
102Kb / 2P
   .110 P-Lock Flag Terminal, Tin
SD-104442-001 MOLEX11-SD-104442-001 Datasheet
108Kb / 2P
   205 P-Lock Flag Terminal, Tin
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com