Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD-94246-002 Fiches technique(PDF) 2 Page - Molex Electronics Ltd.

No de pièce SD-94246-002
Description  2.54mm (.100") Pitch, MOX Header, 2.54mm (.100") Grid, Through Hole, PCT, Vertical, 12 Circuit, Blue
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOLEX11 [Molex Electronics Ltd.]
Site Internet  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-94246-002 Fiches technique(HTML) 2 Page - Molex Electronics Ltd.

  SD-94246-002 Datasheet HTML 1Page - Molex Electronics Ltd. SD-94246-002 Datasheet HTML 2Page - Molex Electronics Ltd. SD-94246-002 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Lead-free Process Capability
SMC & Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
3
Process Temperature max. C
265
Material Info
Reference - Drawing Numbers
Product Specification
PS-94246-001
Sales Drawing
SD-94246-002
This document was generated on 04/22/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Numéro de pièce similaire - SD-94246-002

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
SD-94240-001 MOLEX11-SD-94240-001 Datasheet
129Kb / 3P
   2.54mm (.100") Pitch, MOX Header, 3.50mm (.137") Grid, Through Hole, SPS, Vertical, 18 Circuit, Black
SD-94240-001 MOLEX11-SD-94240-001 Datasheet
129Kb / 3P
   2.54mm (.100") Pitch, MOX Header, 3.50mm (.137") Grid, Through Hole, PBT, Vertical, 18 Circuits, Black
SD-94240-003 MOLEX11-SD-94240-003 Datasheet
128Kb / 3P
   2.54mm (.100") Pitch, MOX Header, 3.50mm (.137") Grid, Through Hole, SPS, Vertical, 18 Circuit, Black
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com