Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD-95522-001 Fiches technique(PDF) 1 Page - Molex Electronics Ltd.

No de pièce SD-95522-001
Description  HIPRO TE 8/8 JACK
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOLEX11 [Molex Electronics Ltd.]
Site Internet  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-95522-001 Fiches technique(HTML) 1 Page - Molex Electronics Ltd.

  SD-95522-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-95522-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-95522-001 Datasheet HTML 3Page - Molex Electronics Ltd. SD-95522-001 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0955222887
Status:
Active
Overview:
modular_plugs_jacks
Description:
HIPRO TE 8/8 JACK
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
Agency Certification
UL
E107635
General
Product Family
Modular Jacks/Plugs
Series
95522
Component Type
PCB Jack
Magnetic
No
Overview
modular_plugs_jacks
Performance Category
3
Power over Ethernet (PoE)
N/A
Product Name
RJ45
Physical
Boot Color
N/A
Color - Resin
Black
Durability (mating cycles max)
1,000
Flammability
94V-0
Inverted / Top Latch
No
Lightpipes/LEDs
None
Material - Metal
Brass
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Orientation
Vertical (Top Entry)
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.57 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.040 In
Pitch - Mating Interface (mm)
1.02 mm
Pitch - Term. Interface (in)
0.050 In
Pitch - Term. Interface (mm)
1.27 mm
Plating min: Mating (µin)
50.8
Plating min: Mating (µm)
1.27
Plating min: Termination (µin)
76
Plating min: Termination (µm)
1.9
Ports
1
Positions / Loaded Contacts
8/8
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-40°C to +80°C
Termination Interface: Style
Through Hole
Waterproof / Dustproof
No
Wire/Cable Type
N/A
Electrical
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
95522Series
Mates With
FCC 68 Plugs


Numéro de pièce similaire - SD-95522-001

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
SD-95522-001 MOLEX11-SD-95522-001 Datasheet
197Kb / 4P
   HIPRO TE 4/4 JACK
SD-95522-001 MOLEX11-SD-95522-001 Datasheet
197Kb / 4P
   HIPRO TE 6/4 JACK
More results

Description similaire - SD-95522-001

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
0955222667 MOLEX11-0955222667 Datasheet
198Kb / 4P
   HIPRO TE 6/6 JACK
0955222447 MOLEX11-0955222447 Datasheet
197Kb / 4P
   HIPRO TE 4/4 JACK
0955222647 MOLEX11-0955222647 Datasheet
197Kb / 4P
   HIPRO TE 6/4 JACK
0424108314 MOLEX1-0424108314_18 Datasheet
33Kb / 2P
   Modular Jack, Vertical, 8/8
0424108506 MOLEX5-0424108506 Datasheet
201Kb / 4P
   Modular Jack, Vertical, 8/8
0955036891 MOLEX11-0955036891 Datasheet
266Kb / 6P
   8/8 JACK SMT VERSION
0424108314 MOLEX5-0424108314 Datasheet
201Kb / 4P
   Modular Jack, Vertical, 8/8
0950092887 MOLEX11-0950092887 Datasheet
212Kb / 4P
   Modular Jack, Right Angle, 8/8
0424108554 MOLEX5-0424108554 Datasheet
201Kb / 4P
   Modular Jack, Vertical, 8/8, Keyed
0855110001 MOLEX9-0855110001 Datasheet
117Kb / 3P
   Modular Jack, Vertical, 8/8, Cat5
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com