Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD-502386-002 Fiches technique(PDF) 1 Page - Molex Electronics Ltd.

No de pièce SD-502386-002
Description  1.25mm (.049") Pitch CLIK-Mate Wire-to-Board PCB Receptacle, Single Row, Right Angle, 13 Circuits
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOLEX11 [Molex Electronics Ltd.]
Site Internet  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-502386-002 Fiches technique(HTML) 1 Page - Molex Electronics Ltd.

  SD-502386-002 Datasheet HTML 1Page - Molex Electronics Ltd. SD-502386-002 Datasheet HTML 2Page - Molex Electronics Ltd. SD-502386-002 Datasheet HTML 3Page - Molex Electronics Ltd. SD-502386-002 Datasheet HTML 4Page - Molex Electronics Ltd. SD-502386-002 Datasheet HTML 5Page - Molex Electronics Ltd. SD-502386-002 Datasheet HTML 6Page - Molex Electronics Ltd. SD-502386-002 Datasheet HTML 7Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
This document was generated on 05/24/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
5023861370
Status:
Active
Description:
1.25mm (.049") Pitch CLIK-Mate™ Wire-to-Board PCB Receptacle, Single Row, Right
Angle, 13 Circuits
Documents:
3D Model
Product Specification PS-502382-001 (PDF)
Application Specification (PDF)
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
General
Product Family
PCB Receptacles
Series
502386
Application
Wire-to-Board
Product Name
CLIK-Mate™
Physical
Circuits (Loaded)
13
Circuits (maximum)
13
Color - Resin
Natural
Durability (mating cycles max)
30
Glow-Wire Compliant
No
Guide to Mating Part
Yes
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Mated Height (in)
0.219 In
Mated Height (mm)
5.55 mm
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
1
Orientation
Right Angle
PCB Locator
No
PCB Retention
None
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface (in)
0.049 In
Pitch - Mating Interface (mm)
1.25 mm
Pitch - Term. Interface (in)
0.049 In
Pitch - Term. Interface (mm)
1.25 mm
Plating min: Mating (µin)
40
Plating min: Mating (µm)
1
Plating min: Termination (µin)
40
Plating min: Termination (µm)
1
Polarized to Mating Part
Yes
Polarized to PCB
No
Stackable
No
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-25°C to +85°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
1A
Voltage - Maximum
50V AC (RMS)/DC
Material Info
Reference - Drawing Numbers
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
502386Series
Mates With
502380 Crimp Housing


Numéro de pièce similaire - SD-502386-002

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
SD-502386-002 MOLEX11-SD-502386-002 Datasheet
601Kb / 7P
   1.25mm (.049") Pitch CLIK-Mate Wire-to-Board PCB Receptacle, Single Row, Right Angle, 8 Circuits
SD-502386-002 MOLEX11-SD-502386-002 Datasheet
601Kb / 7P
   1.25mm (.049") Pitch CLIK-Mate Wire-to-Board PCB Receptacle, Single Row, Right Angle, 12 Circuits
SD-502386-002 MOLEX11-SD-502386-002 Datasheet
601Kb / 7P
   1.25mm (.049") Pitch CLIK-Mate Wire-to-Board PCB Receptacle, Single Row, Right Angle, 15 Circuits
SD-502386-002 MOLEX11-SD-502386-002 Datasheet
601Kb / 7P
   1.25mm (.049") Pitch CLIK-Mate Wire-to-Board PCB Receptacle, Single Row, Right Angle, 11 Circuits
SD-502386-002 MOLEX11-SD-502386-002 Datasheet
601Kb / 7P
   1.25mm (.049") Pitch CLIK-Mate Wire-to-Board PCB Receptacle, Single Row, Right Angle, 9 Circuits
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com