Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD-91999-001 Fiches technique(PDF) 2 Page - Molex Electronics Ltd.

No de pièce SD-91999-001
Description  5.00mm (.197") Pitch Appli-Mate RAST 5 Header, Vertical, 2 Circuits, Reference K03, Tin (Sn) Plating, Glow Wire Compatible
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOLEX11 [Molex Electronics Ltd.]
Site Internet  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-91999-001 Fiches technique(HTML) 2 Page - Molex Electronics Ltd.

  SD-91999-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-91999-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-91999-001 Datasheet HTML 3Page - Molex Electronics Ltd. SD-91999-001 Datasheet HTML 4Page - Molex Electronics Ltd. SD-91999-001 Datasheet HTML 5Page - Molex Electronics Ltd. SD-91999-001 Datasheet HTML 6Page - Molex Electronics Ltd. SD-91999-001 Datasheet HTML 7Page - Molex Electronics Ltd. SD-91999-001 Datasheet HTML 8Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Electrical
Current - Maximum per Contact
16A
Voltage - Maximum
250V AC
Material Info
Old Part Number
WITH ZYTEL RM
Reference - Drawing Numbers
Packaging Specification
PK-90858-001
Product Specification
PS-99020-0037
Sales Drawing
SD-91999-001
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Numéro de pièce similaire - SD-91999-001

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
SD-91999-001 MOLEX11-SD-91999-001 Datasheet
853Kb / 8P
   5.00mm (.197") Pitch Appli-Mate RAST 5 Header, Vertical, 2 Circuits, Reference K02, Silver (Ag)
SD-91999-001 MOLEX11-SD-91999-001 Datasheet
854Kb / 8P
   5.00mm (.197") Pitch Appli-Mate RAST 5 Header, Vertical, 4 Circuits, No Reference, Tin (Sn) Plating, Glow Wire Compatible
SD-91999-001 MOLEX11-SD-91999-001 Datasheet
853Kb / 8P
   5.00mm (.197") Pitch Appli-Mate RAST 5 Header, Vertical, 3 Circuits, Reference K145, Tin (Sn) Plating
SD-91999-001 MOLEX11-SD-91999-001 Datasheet
853Kb / 8P
   5.00mm (.197") Pitch Appli-Mate RAST 5 Header, Vertical, 6 Circuits, Reference K44, Tin (Sn) Plating, Glow Wire Compatible
SD-91999-001 MOLEX11-SD-91999-001 Datasheet
853Kb / 8P
   5.00mm (.197") Pitch Appli-Mate RAST 5 Header, Vertical, 4 Circuits, No Reference, Silver
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com