Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD-502380-002 Fiches technique(PDF) 1 Page - Molex Electronics Ltd.

No de pièce SD-502380-002
Description  1.25mm (.049") Pitch CLIK-Mate Wire-to-Board Housing, Single Row, Positive Lock, 14 Circuits
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOLEX11 [Molex Electronics Ltd.]
Site Internet  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-502380-002 Fiches technique(HTML) 1 Page - Molex Electronics Ltd.

  SD-502380-002 Datasheet HTML 1Page - Molex Electronics Ltd. SD-502380-002 Datasheet HTML 2Page - Molex Electronics Ltd. SD-502380-002 Datasheet HTML 3Page - Molex Electronics Ltd. SD-502380-002 Datasheet HTML 4Page - Molex Electronics Ltd. SD-502380-002 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document was generated on 06/02/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
5023801400
Status:
Active
Overview:
clikmate_wiretoboard_connectors
Description:
1.25mm (.049") Pitch CLIK-Mate™ Wire-to-Board Housing, Single Row, Positive Lock,
14 Circuits
Documents:
3D Model
Product Specification PS-502382-001 (PDF)
Application Specification (PDF)
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
General
Product Family
Crimp Housings
Series
502380
Overview
clikmate_wiretoboard_connectors
Product Name
CLIK-Mate™
Physical
Breakaway
No
Circuits (maximum)
14
Color - Resin
White
Gender
Plug
Glow-Wire Compliant
No
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Material - Resin
Polyester
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface (in)
0.049 In
Pitch - Mating Interface (mm)
1.25 mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-25°C to +85°C
Electrical
Current - Maximum per Contact
1A
Material Info
Reference - Drawing Numbers
Application Specification
AS-502380-001, AS-502380-002
Packaging Specification
SPK-502380-001
Product Specification
PS-502382-001, RPS-502382-003, RPS-502382-004,
RPS-502382-005, RPS-502382-008, RPS-502382-010,
RPS-502382-011, RPS-502382-012, RPS-502382-013,
RPS-502386-001
Sales Drawing
SD-502380-001, SD-502380-002
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
502380Series
Mates With
502382 PCB Receptacle, 502386 PCB
Receptacle
Use With
502381 Crimp Terminal
This document was generated on 06/02/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Numéro de pièce similaire - SD-502380-002

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
SD-502380-002 MOLEX11-SD-502380-002 Datasheet
424Kb / 5P
   1.25mm (.049") Pitch CLIK-Mate Wire-to-Board Housing, Single Row, 4 Circuits
SD-502380-002 MOLEX11-SD-502380-002 Datasheet
424Kb / 5P
   1.25mm (.049") Pitch CLIK-Mate??Wire-to-Board Housing, Single Row, Positive Lock, 7 Circuits
SD-502380-002 MOLEX11-SD-502380-002 Datasheet
424Kb / 5P
   1.25mm (.049") Pitch CLIK-Mate Wire-to-Board Housing, Single Row, Positive Lock, 5 Circuits
SD-502380-002 MOLEX11-SD-502380-002 Datasheet
429Kb / 5P
   1.25mm (.049") Pitch CLIK-Mate Wire-to-Board Housing, Single Row, Positive Lock, 11 Circuits
SD-502380-002 MOLEX11-SD-502380-002 Datasheet
429Kb / 5P
   1.25mm (.049") Pitch CLIK-Mate Wire-to-Board Housing, Single Row, Positive Lock, 10 Circuits
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com