Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD-94506-0XXX Fiches technique(PDF) 2 Page - Molex Electronics Ltd.

No de pièce SD-94506-0XXX
Description  Quick Disconnect, Safelock Female for 0.50-1.00mm짼 (18-24 AWG) Wire, Accepts 6.35mm
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOLEX11 [Molex Electronics Ltd.]
Site Internet  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-94506-0XXX Fiches technique(HTML) 2 Page - Molex Electronics Ltd.

  SD-94506-0XXX Datasheet HTML 1Page - Molex Electronics Ltd. SD-94506-0XXX Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Numéro de pièce similaire - SD-94506-0XXX

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
SD-94506-001 MOLEX11-SD-94506-001 Datasheet
89Kb / 2P
   Quick Disconnect Safelock Housing, accepts 6.35 x 0.81mm (.250"x.032") Female Tab Terminal
More results

Description similaire - SD-94506-0XXX

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
0940303891 MOLEX11-0940303891 Datasheet
86Kb / 3P
   Quick Disconnect, Female, for 0.50-1.00mm짼 (18-20 AWG) wire, Accepts 6.35mm (.250") x 0.81mm (.032") Tab
0940303890 MOLEX11-0940303890 Datasheet
85Kb / 3P
   Quick Disconnect, Female, for 0.50-1.00mm짼 (18-20 AWG) wire, Accepts 6.35mm (.250") x 0.81mm (.032") Tab
0945120101 MOLEX11-0945120101 Datasheet
126Kb / 2P
   Quick Disconnect, High Reliability Terminal (HRT), Female for 0.50-1.00mm짼 (18-24 AWG) Wire
0945120100 MOLEX11-0945120100 Datasheet
126Kb / 2P
   Quick Disconnect, High Reliability Terminal (HRT), Female for 0.50-1.00mm짼 (18-24 AWG) Wire
0940304071 MOLEX11-0940304071 Datasheet
93Kb / 2P
   Quick Disconnect, Male, for 0.50-1.00mm짼 (18-20 AWG) wire
0940304031 MOLEX11-0940304031 Datasheet
81Kb / 2P
   Quick Disconnect, Female, for 0.50-1.00mm짼 (18-20 AWG) wire, Accepts 4.75mm (.187") x 0.81mm (.032") Tab
0940304021 MOLEX11-0940304021 Datasheet
141Kb / 2P
   Quick Disconnect, Female for 0.50-1.00mm짼 (18-20 AWG) wire, Accepts 4.75mm (.187") x 0.80mm (.031") Tab
94506-9000 MOLEX11-94506-9000 Datasheet
37Kb / 1P
   Quick Disconnect Safelock Housing, accepts 6.35 x 0.81mm Female Tab Terminal
0190030107 MOLEX4-0190030107 Datasheet
223Kb / 3P
   InsulKrimp??Female Quick Disconnect for 18-22 AWG Wire
0190030109 MOLEX4-0190030109 Datasheet
223Kb / 3P
   InsulKrimp??Female Quick Disconnect for 18-22 AWG Wire
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com