Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD-130006-021 Fiches technique(PDF) 2 Page - Molex Electronics Ltd.

No de pièce SD-130006-021
Description  Mini-Change A-Size Single-Ended Cordset, Straight Female to Pigtail, 5 Poles, 9.0m (29.53 ) Length
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOLEX11 [Molex Electronics Ltd.]
Site Internet  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-130006-021 Fiches technique(HTML) 2 Page - Molex Electronics Ltd.

  SD-130006-021 Datasheet HTML 1Page - Molex Electronics Ltd. SD-130006-021 Datasheet HTML 2Page - Molex Electronics Ltd. SD-130006-021 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Numéro de pièce similaire - SD-130006-021

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
SD-130006-021 MOLEX11-SD-130006-021 Datasheet
149Kb / 3P
   Mini-Change A-Size Single-Ended Cordset, Straight Female to Pigtail, 5 Poles, Length, 15.0m (49.21 )
More results

Description similaire - SD-130006-021

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
1300061247 MOLEX11-1300061247 Datasheet
149Kb / 3P
   Mini-Change A-Size Single-Ended Cordset, Straight Female to Pigtail, 5 Poles, Length, 15.0m (49.21 )
1300061309 MOLEX11-1300061309 Datasheet
146Kb / 2P
   Mini-Change A-Size Single-Ended Cordset, Straight Female to Pigtail, 5 Poles, Length, 3.0m (9.84 )
1300061263 MOLEX11-1300061263 Datasheet
158Kb / 3P
   Mini-Change A-Size Single-Ended Cordset, Straight Female to Pigtail, 5 Poles, Length, 15.0m (49.21 )
1300610025 MOLEX11-1300610025 Datasheet
29Kb / 1P
   Mini-Change A-Size Single-Ended Cordset, 3 Poles, Female (Straight) to Pigtail
1300610030 MOLEX11-1300610030 Datasheet
29Kb / 1P
   Mini-Change A-Size Single-Ended Cordset, 3 Poles, Female (Straight) to Pigtail
1300061356 MOLEX11-1300061356 Datasheet
165Kb / 3P
   Mini-Change A-Size Single-Ended Cordset, 90째 to Straight Female to Pigtail, 5 Poles, 4.57M (15.0 ) Length
1300061384 MOLEX11-1300061384 Datasheet
157Kb / 3P
   Mini-Change A-Size Single-Ended Cordset, 90째 to Straight, Female to Pigtail, 5 Poles,4.57m (15.0 ) Length
1300060287 MOLEX11-1300060287 Datasheet
178Kb / 3P
   Mini-Change A-Size Single-Ended Cordset, Straight Female to Pigtail, 3 Poles, 15.0m (49.21 ) Length
1300060308 MOLEX11-1300060308 Datasheet
155Kb / 3P
   Mini-Change A-Size Single-Ended Cordset, Straight Female to Pigtail, 3 Poles, 15.0m (49.21 ) Length
1300060374 MOLEX11-1300060374 Datasheet
175Kb / 2P
   Mini-Change A-Size Single-Ended Cordset, Straight Female to Pigtail, 3 Poles, 30.0m (98.40 ) Length
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com