Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

0950435881 Fiches technique(PDF) 2 Page - Molex Electronics Ltd.

No de pièce 0950435881
Description  Modular Plug, Short Body, Shielded, 8/8, Cat5 for 6.00mm (.236") Cable Outside Diameter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOLEX11 [Molex Electronics Ltd.]
Site Internet  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0950435881 Fiches technique(HTML) 2 Page - Molex Electronics Ltd.

  0950435881 Datasheet HTML 1Page - Molex Electronics Ltd. 0950435881 Datasheet HTML 2Page - Molex Electronics Ltd. 0950435881 Datasheet HTML 3Page - Molex Electronics Ltd. 0950435881 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Current - Maximum per Contact
1.5A
Grounding to Panel
N/A
Shielded
Yes
Voltage - Maximum
125V AC (RMS)/DC
Material Info
Reference - Drawing Numbers
Application Specification
AS-95043
Packaging Specification
PK-95043
Product Specification
PS-95043
Sales Drawing
SDA-95043
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Numéro de pièce similaire - 0950435881

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
0950435881 MOLEX1-0950435881_18 Datasheet
33Kb / 2P
   Modular Plug, Cat5e, Short Body, Shielded, 8/8, for 6.00mm Cable Outside Diameter
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com